Part Number Hot Search : 
SC441 72631 A224J MATCHED LSM140G GBJ1508 LN850RPH NJU6535F
Product Description
Full Text Search
 

To Download GF20115FB100K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GF201 Series
TOCOS
PA N E L C O N T R O L S
(R)
20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
GFP201
GF201
Features
20mm diameter, single-turn industrial panel controls Cermet film element Single unit, single shaft Excellent environmental characteristics Wide temperature range of 10 C to 125 C Metal shaft and bushing Linear taper Shaft lock available Panel or PCB vertical mount Rear exit lug or pin terminals 6mm diameter shafts in slot, flat or round end styles Standard 15mm or 20mm shaft length
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . 100 to 1M Resistance Tolerance . . . . . . . . . . . . . . . . . 10% standard End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 max. Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . B = linear Peak Noise (C.R.V.) . . . . . . . 3% or 5, whichever is greater Power Rating . . . . . . . . . .1 watt at 70 C, 0 watt at 120 C Maximum Input Voltage . . . . . . . . 350VDC or power rating, whichever is smaller Temperature Coefficient . . . 100 ppm / C, 200 to 500k 250 ppm / C, other values
Environmental
Temperature Range . . . . . . . . . . . . . . . . . Load Life . . . . . . . . . . . . 10 C to 125 C 70 C, 1,000 hours with rated load T/R ) 5%
Thermal Shock . . . . . . . . . . . . . . . . . . . . . . 10 C ~ 120 C, 5 cycles without load T/R ) 5% Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds T/R ) 2% Rotational Life . . . . 15,000 cycles (500 cycles for shaft lock models only) without load T/R ) 5%
T/R = Total Resistance Change
Dielectric Strength . . . . . . . . . . . . . . . . 1,000VAC, 1 minute
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 260 10 Shaft Torque . . . . . . 50 to 300 gf* cm (0.693 to 4.159 oz*in) Stop Strength . . . . . . . . . . . . . . 6 kgf*cm (83.18 oz*in) max. Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 5 seconds Marking . . . . . . . . . . . . . . . . . Model type, taper, resistance, shaft type, terminal identification, date code
78
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
GF201 Series
GF201
Dimensions
Unit: mm
Panel Mount, Single Unit, Single Shaft Rear Exit Vertical Lug Terminals, 3-Lug Triangular Pattern
Recommended Panel Mounting Holes
GF201L
Panel Mount, Single Unit, Single Shaft with Shaft Lock Rear Exit Vertical Lug Terminals, 3-Lug Triangular Pattern
Recommended Panel Mounting Holes
GFP201
PCB Mount, Single Unit, Single Shaft Rear Exit Vertical Mount Pin Terminals, 3-Pin Triangular Pattern
Recommended PCB Mounting Holes
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
79
GF201 Series
GF P 201 L 15 S B 103 K
Part Numbering System
NOTE: FMS = From Mounting Surface
Resistance Tolerance: K =
10% (standard).
Resistance Code: Expressed in ohms. A three digit code where the first two digits are significant figures, and the third digit indicates the number of zeros that follow these figures (i.e., 100 = 10; 101 = 100; 102 = 1,000; 103 = 10,000; 105 = 1,000,000 ). See table for standard resistance values. Resistance Taper: B = Linear. Shaft End Style: S = Slotted. F = Flatted. R = Round. Standard Shaft Length: 15 = 15 mm FMS. 20 = 20mm FMS. Up to 50mm shaft length available (special order ). Shaft Lock: L = With Shaft Lock. Blank = Without Shaft Lock. Size: 201 = 20mm Diameter. Style: Blank = Panel Mount, Single Unit, Single Shaft, Rear Exit Vertical Lug Terminals, 3-Lug Triangular Pattern. P = PCB Mount, Single Unit, Single Shaft, Rear Exit Vertical Mount Pin Terminals, 3-Pin Triangular Pattern. TOCOS Series Name: GF = Cermet Film Element.
Standard Resistance Values and Part Numbering Codes
Standard Nominal Total Resistance Values and Part Numbering Codes
Resistance ( ) 100 200 500 Code 101 201 501 Resistance ( ) 1,000 2,000 5,000 Code 102 202 502 Resistance ( ) 10,000 20,000 50,000 Code 103 203 503 Resistance ( ) 100,000 200,000 500,000 Code 104 204 504 Resistance ( ) 1,000,000 Code 105
Refer to Shaft End Styles Specifications and Hardware Specifications for details and availability. For additional information, refer to Guidelines and Precautions for Using Panel Controls.
80
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com


▲Up To Search▲   

 
Price & Availability of GF20115FB100K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X