Part Number Hot Search : 
TLWR9900 GMPSA92 PE44446 0120A STP4NB80 MSM6597A 1N3663R HE311
Product Description
Full Text Search
 

To Download FR104GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
FR101GP THRU FR107GP
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
DO-41
Features
* * * * * * Low Cost Low Leakage Low Forward Voltage Drop High Current Capability Fast Switching Speed For High Efficiency Glass Passivated Junction
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
Catalog Number FR101GP FR102GP FR103GP FR104GP FR105GP FR106GP FR107GP
D
---------------
A Cathode Mark B
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 1A TA = 55C Current Peak Forward Surge IFSM 30A 8.3ms, half sine Current IFM = 1.0A; Maximum 1.3V Instantaneous VF TA = 25C Forward Voltage Maximum DC Reverse Current At IR 5.0A TA = 25C Rated DC Blocking 100A TA = 100C Voltage Maximum Reverse Recovery Time 150ns IF=0.5A, IR=1.0A, FR101GP-104GP Trr 250ns Irr=0.25A FR105GP 500ns FR106GP-107GP Typical Junction CJ 15pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
D
C
DIMENSIONS INCHES MIN .166 .080 .028 1.000 MM MIN 4.10 2.00 .70 25.40
DIM A B C D
MAX .205 .107 .034 ---
MAX 5.20 2.70 .90 ---
NOTE
www.cnelectr.com
FR101GP thru FR107GP
Figure 1 Typical Forward Characteristics 20 10 6 4 1.0 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 12 1.4 0 .2 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175 Amps .4 .8 1.2 Figure 2 Forward Derating Curve
.6
Figure 3 Junction Capacitance
100 60 40 20 pF TJ=25C 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000
Junction Capacitance - pFversus Reverse Voltage - Volts
www.cnelectr.com
FR101GP thru FR107GP
Figure 4 Peak Forward Surge Current 60 50 40 30 Amps 20 10 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100
2
Figure 5 Reverse Recovery Time Characteristic And Test Circuit Diagram 50 10 trr +0.5A
0 25Vdc Pulse Generator Note 2 1 Oscilloscope Note 1 -0.25
-1.0 1cm Set Time Base for 20/100ns/cm
Notes: 1. Rise Time = 7ns max. Input impedance = 1 megohm, 22pF 2. Rise Time = 10ns max. Source impedance = 50 ohms 3. Resistors are non-inductive
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of FR104GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X