Part Number Hot Search : 
SP2526 200PC UF120SM ICL765 SR6D4040 NE24283B 0FFI020 IRF520N
Product Description
Full Text Search
 

To Download F10J1R0E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 When limited space is a consideration, choose Ohmite's "thin" stackable 250 Type resistors. These oval-shaped ceramic-core resistors feature a low profile to permit installation in spaces with height restrictions. They are also equipped with integral mounting brackets so they can be fastened to a chassis and stacked in locations with limited surface area. When properly fastened, the mounting brackets add a heat sinking benefit resulting in a smaller size per watt. Durable 250 Type resistors are fully welded and coated with lead free vitreous enamel.
* All-welded construction. * RoHS compliant product available. Add "E" suffix to part number to specify.
SPEciFicATiONS
`Thin' Stackohm(R) Vitreous Enamel Power
0.031" 0.794 mm Diam. 0.125" 3.175 mm 0.110": 2.776 mm 0.250" 6.350 mm 0.125" 3.175 mm Diam. 0.196" 4.979 mm 0.250" 6.350 mm 0.125" 3.175 mm Diam. 0.109" 2.776 mm 0.188" 4.763 mm Diam. 0.063" 1.588 mm 0.125" 3.175 mm
0.375" 9.525 mm
250 Series
0.625" 15.875 mm
0.375" 9.525 mm
Material Coating: Lead free vitreous enamel. Core: Ceramic. Terminals: Tinned lug with hole. RoHS solder composition is 96% Sn, 3.5% Ag, 0.5% Cu Derating: Linearly from 100% @ +25C to 0% @ +350C. Electrical Tolerance: 5% (J) Power rating: Based on mounting a single resistor on a metal surface measuring 10" (254mm) square by 0.04" (1.016mm) FEATurES thick. Reduce rating by 15% when mounting on non-metallic * Small size-to-power ratio. surface. * Stackable Overload: 10x rated wattage for * Integral mounting bracket con5 seconds if max. voltage is not ducts heat to mounting surface. exceeded. * Low profile for use in equipment Temperature coefficient: where space is limited. 1 to 20: 400 ppm/C. Over 20: 260 ppm/C ordering info Dielectric withstanding Series RoHS Compliant voltage: 500 VAC: 10 and 20 watt rating. 1000 VAC: 30, 40 and 55 watt rating (measured from lug to Coating Wattage Tolerance Ohms Blank = Vitreous F = 1% 1R0 = 1 mounting bracket) C = Centohm H = 3% 250 = 250 To calculate max. amps: S = Silicone J = 5% 1K0 = 1,000 K = 10% 25K = 25,000 use the formula P/R
10W & 20W
L A
0.125" * 3.175 mm 0.375" 9.525 mm
0.938" 23.813 mm
30W, 40W & 55W
L A
0.250" * 6.350 mm 0.438" 11.113 mm
*Reference dimension only; varies according to resistance value.
Note: When resistors are stacked, use washers or spacers as required to insure clearance
and improve power dissipation.
25K5 = 25,500
made-to-order partS
Terminal Type See website for See "Resistor Terminals for Tubular Cores" custom core info Series Vitreous enamel: 25 = 250 Fixed 26 = 260 Adjustable Silicone ceramic: 45 = 450 Fixed 46 = 460 Adjustable Wattage & Core Code See "Core and Terminal Selection" Tolerance RoHS Compliant J = 5%
Mounting Brackets (user supplies bracket for core TB) B = Stacking box S = Stacking stud, std. height H = Stacking stud high U = Unit type Ohms Example: 1R00 = 1 250R = 250 1K00 = 1,000 25K0 = 25,000 25K5 = 25,500
Series Wattage Ohms F10 10 1.0-15K F20 20 1.0-50K F30 30 1.0-10K F40 40 1.0-25K F55 55 1.0-30K
Dimensions (in. /mm) Max. Length L Length A Voltage* 0.750 / 19.050 1.000 / 25.400 187 2.000 / 50.800 2.313 / 58.750 815 1.250 / 31.750 2.000 / 50.800 281 2.000 / 50.800 2.750 / 69.850 655 3.500 / 88.900 4.250 / 107.950 1405
Adjustable versions available. Consult Ohmite. Other sizes available. Consult Ohmite. Also available in low cost Centohm or Silicone coating. Consult Ohmite. * Maximum Voltage is based on Ohm's Law [V=P*R] as limited by the resistance value of specified product
S ta n d a r d pa rt n u m b e r S f o r 2 5 0 S e r i e S
Wattage Ohmic value Ohmic value F55J--- 55 F10J--- 10 F20J--- 20 F30J--- 30 F40J--- 40 F10J--- 10 Part No. Prefix Suffix ---1R0E ---1R5E ---2R0E ---3R0E ---4R0E ---5R0E ---7R5E ---10RE ---15RE ---20RE ---25RE ---30RE ---40RE Part No. Prefix Suffix ---50RE ---75RE ---100E ---150E ---200E ---250E ---300E ---400E ---500E ---750E ---800E ---1K0E ---1K25E Wattage Ohmic value F55J--- 55 F20J--- 20 F30J--- 30 F40J--- 40 F10J--- 10 Part No. Prefix Suffix ---1K5E ---2K0E ---2K5E ---3K0E ---4K0E ---5K0E ---6K0E ---7K5E ---10KE ---15KE ---20KE ---25KE ---40KE Wattage F20J--- 20 F30J--- 30 F40J--- 40 F55J--- 55
1 1.5 2 3 4 5 7.5 10 15 20 25 30 40








50 75 100 150 200 250 300 400 500 750 800 1,000 1,250






1,500 2,000 2,500 3,000 4,000 5,000 6,000 7,500 10,000 15,000 20,000 25,000 40,000




= Standard values; check availability using the worldwide inventory search at www.ohmite.com

1.000" 25.400 mm
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 * 1-866-9-OHMITE * Int'l 1-847-258-0300 * Fax 1-847-574-7522 * www.ohmite.com * info@ohmite.com
33


▲Up To Search▲   

 
Price & Availability of F10J1R0E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X