Part Number Hot Search : 
N111252 AD7741 IRFBC40S ER2003CT FW241 IM811 AD1857 AN5891
Product Description
Full Text Search
 

To Download EUP7914 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EUP7914
150mA Low-Noise LDO in SC-82 Without A Bypass Capacitor
DESCRIPTION
The EUP7914 is an efficient CMOS low dropout (LDO) voltage regulator optimized for ultra-low-noise applications. It offers high output accuracy, extremely low dropout voltage, low ground current and fast start-up time. The EUP7914 provides a very low noise output without a bypass capacitor, ideal for RF applications where a clean supply voltage source is required. Specifically designed for handheld and battery-powered devices, the EUP7914 provides a TTL-logic-compatible enable pin. When the EUP7914 is disabled, power consumption drops nearly to zero. Key features include current limit, thermal shutdown and faster transient response. The EUP7914 works with low-ESR ceramic capacitors. Available in the SC-82 space saving package which reduces the amount of board space for power applications. The EUP7914 offers wide fixed output voltage versions.
FEATURES
2.5V to 5.5V Input Voltage Range 30V(rms) Output Noise 90mV Dropout @ 150mA 70dB PSRR at 1kHz No Bypass Capacitor Low 30A Ground Current Guaranteed 150mA Output Current Stable with a 1F Ceramic Output Capacitor when VOUT 1.5V, or 2.2F when VOUT<1.5V Excellent Load/Line Transient Thermal Shutdown and Current Limit Protection Available 1.2V to 3.6V Fixed Output Voltages (50mV increments) Space-Saving 4-pin SC-82 Package RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
Cellular Phones Camera Modules PDA and Palmtop Computers Consumer/Personal Electronics
Block Diagram
Figure 1.
DS7914
Ver1.0
Nov. 2008
1
EUP7914
Typical Application Circuit
Figure 2. Fixed-Voltage LDO Regulator
Pin Configurations
Package Type Pin Configurations (Top View)
SC-82
Pin Description
NAME EN GND OUT IN PIN 1 2 3 4 DESCRIPTION The device enable input. Set logic high to enable the device, and connect logic low to disable the device. Ground pin Output voltage of the LDO Input voltage of the LDO
DS7914
Ver1.0
Nov. 2008
2
EUP7914
Ordering Information
Order Number EUP7914-12NIR1 EUP7914-15NIR1 EUP7914-18NIR1 EUP7914-25NIR1 EUP7914-28NIR1 EUP7914-285NIR1 EUP7914-30NIR1 EUP7914-33NIR1 Package Type SC-82 SC-82 SC-82 SC-82 SC-82 SC-82 SC-82 SC-82 Marking ET xx EC xx ED xx EB xx EE xx EF xx EG xx EH xx Operating Temperature Range -40 C to +85C -40 C to +85C -40 C to +85C -40 C to +85C -40 C to +85C -40 C to +85C -40 C to +85C -40 C to +85C
EUP7914- 1/4
1/4
1/4
1/4
1/4
Lead Free Code 1: Lead Free 0: Lead Packing R: Tape & Reel Operating temperature range I: Industry Standard Package Type N: SC-82 Output Voltage 12: 1.2V 15: 1.5V 18: 1.8V 25: 2.5V 28: 2.8V 285: 2.85V 30: 3.0V 33: 3.3V
DS7914
Ver1.0
Nov. 2008
3
EUP7914
Absolute Maximum Ratings (1)
IN,OUT and EN to GND-----------------------------------------------------------0.3V to 6V Junction Temperature ---------------------------------------------------------------------- 150C Storage Temperature Range ---------------------------------------------------- -65C to +150C Lead Temperature -------------------------------------------------------------------------- 260C Maximum Power Dissipation SC-82 ---------------------------------------------------0.3W Thermal Resistance JA(SC-82) --------------------------------------------------------- 320C/W ESD Rating Human Body Model --------------------------------------------------------------------- O 2kV
Recommend Operating Conditions (2)
VIN ------------------------------------------------------------------------------------- 2.5V to 5.5V VEN ------------------------------------------------------------------------------------ 0V to 5.5V Operating Temperature Range ------------------------------------------------ -40C to +85C Note (1): Stress beyond those listed under "Absolute Maximum Ratings" may damage the device. Note (2): The device is not guaranteed to function outside the recommended operating conditions.
Electrical Characteristics
Conditions: VIN=VOUT+0.5V or 2.5V whichever is greater, VEN=VIN,CIN=COUT=1uF,TA= -40C to +85J ,unless otherwise specified.
Symbol
Parameter
Input Voltage
Conditions
IOUT=1mA to 30mA,TA=+25J , IOUT=1mA to 30mA, TA=-40J to +85J
EUP7914 Min Typ Max.
2.5 -2 -3 150 160 300 90 100 30 0.02 7 0.3 70 55 45 30 100 0.4 1.5 -1 500 155 15 1 5.5 2 3
Unit
V % % mA mA
VOUT
Output Voltage Accuracy
IOUTMAX Maximum Output Current ILIMIT Current Limit VOUT=VOUT(nom) x 90% VOUT 3V, IOUT=150mA VDROP Dropout Voltage (3) 2.4 VOUT 3V, IOUT=150mA IQ Quiescent Current No Load VLNR Line Regulation VIN=(VOUT+0.5V) to 5.5V, IOUT=10mA VLDR Load Regulation 1mA IOUT 150mA ISHDN Shutdown Supply Current VEN=0,TA=+25J VIN=(VOUT+1V) f=1kHz, ILOAD=10mA Power Supply Ripple VIN=(VOUT+1V) f=10kHz, ILOAD=10mA PSRR Rejection VIN=(VOUT+1V) f=100kHz, ILOAD=10mA Output Noise Voltage f=10Hz~100kHz, VOUT=1.5V, No Load (RMS) Turn-on Time (4) RLOAD=50,TA=+25J VENL VENL (EN logic low) VIN=2.5V to 5.5V VENH VENH (EN logic high) VIN=2.5V to 5.5V VEN Input Bias Current VIN=5.5V, VEN=0 or 5.5V RDIS Output Discharge Switch VEN=0,VIN=3.6V Thermal Shutdown TSD Temperature Thermal Shutdown TSD Hysteresis
135 150 50 0.15 15 1.5
mV A %/V mV A dB
V s V V A J J
Note (3): Dropout is defined as VIN-VOUT when VOUT is 100mV below the value of VOUT for VIN=VOUT+0.5V Note (4): Time needed for VOUT to reach 90% of final value.
DS7914
Ver1.0
Nov. 2008
4
EUP7914
Typical Characteristics (CIN=COUT=1F)
DS7914
Ver1.0
Nov. 2008
5
EUP7914
Typical Characteristics (continued)
DS7914
Ver1.0
Nov. 2008
6
EUP7914
Typical Characteristics (continued)
DS7914
Ver1.0
Nov. 2008
7
EUP7914
Application Note
Input Capacitor An input capacitance of 1F or higher is required between the EUP7914 input pin IN and ground (the amount of the capacitance may be increased without limit). This capacitor must be located a distance of not more than 1cm from the input pin and returned to a clean analog ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input. If a tantalum capacitor is used at the input, it must be guaranteed by the manufacturer to have a surge current rating sufficient for the application. There are no requirements for the ESR on the input capacitor, but tolerance and temperature coefficient must be considered when selecting the capacitor to ensure the capacitance will be 1F over the entire operating temperature range. Output Capacitor The EUP7914 is designed specifically to work with very small ceramic output capacitors. A ceramic capacitor (temperature characteristics X7R or X5R) in 1F to 10F range with 5m to 500m ESR range is suitable in the EUP7914 application circuit. The output capacitor must meet the requirement for minimum amount of capacitance to maintain good loop stability and phase margin. See the table below. Output Voltage 1.2~1.45 1.5~3.6 Output Capacitor Minimum Value 2.2uF 1uF
No-Load Stability The EUP7914 is stable without any external load. This is specially important for CMOS RAM keep-alive applications. On/Off Input Operation The EUP7914 is turned off by pulling the EN pin low, and turned on by pulling it high. If this pin is floating, the regulator will always be on .To assure proper operation, the signal source used to drive the VEN input must be able to swing above and below the specified turn-on/off voltage thresholds listed in the Electrical Characteristics. When EN is logic low, output is internally discharged to GND through a 500 resistor.
DS7914
Ver1.0
Nov. 2008
8
EUP7914
Packaging Information
SC-82
SYMBOLS A A1 b b1 D E E1 e L
MILLIMETERS MIN. MAX. 0.80 1.10 0.00 0.10 0.25 0.40 0.35 0.50 2.00 1.80 2.40 1.25 1.30 0.21 0.46
INCHES MIN. 0.031 0.000 0.010 0.014 0.079 0.071 0.049 0.051 0.008 0.018 0.094 MAX. 0.044 0.004 0.016 0.020
DS7914
Ver1.0
Nov. 2008
9


▲Up To Search▲   

 
Price & Availability of EUP7914

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X