Part Number Hot Search : 
SC620EVB 7808P BL303 ACTZTTCC DDF11 P8204NL H836912 IS202
Product Description
Full Text Search
 

To Download DTC113ZCA-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
DTC113ZCA
Features
Epitaxial Planar Die Construction Complementary NPN Types Available Built-In Biasing Resistors
Digital Transistors
Case Material: Molded Plastic. Classification Rating 94V-0 Marking: E21
UL Flammability
Absolute maximum ratings @ 25
Symbol IC VIN Pd Tj Tstg Parameter Collector current Input voltage Power dissipation Junction temperature Storage temperature Min ---5 -----55 Typ 100 --200 150 --Max --+10 ----150 Unit mA V mW
SOT-23
A D 3 1 2 C
B
1.IN 2.GND 3.OUT
F
E
Electrical Characteristics @ 25
Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Parameter Input voltage (VCC=5V, IO=100 A) (VO=0.3V, IO=20mA) Output voltage (IO=10mA,Ii=0.5mA) Input current (VI=5V) Output current (VCC=50V, VI=0) DC current gain (VO=5V, IO=5mA) Input resistance Resistance ratio Transition frequency (VCE=10V, IE=5mA, f=100MHz) Min --3.0 ------33 0.7 8 --Typ ------------1.0 10 250 Max 0.3 --0.3 7.2 0.5 --1.3 12 --Unit V V V mA A K MHz
G H J
K
DIMENSIONS
DIM A B C D E F G H J K INCHES MIN .110 .083 .047 .035 .070 .018 .0005 .035 .003 .015 MAX .120 .098 .055 .041 .081 .024 .0039 .044 .007 .020 MM MIN 2.80 2.10 1.20 .89 1.78 .45 .013 .89 .085 .37 MAX 3.04 2.64 1.40 1.03 2.05 .60 .100 1.12 .180 .51 NOTE
Suggested Solder Pad Layout
.031 .800 .035 .900 .079 2.000 inches mm
.037 .950 .037 .950
Revision: 1
www.mccsemi.com
1 of 3
2010/02/08
DTC113ZCA
MCC
TM
Micro Commercial Components
Typical Characteristics
www.mccsemi.com
Revision: 1
2 of 3
2010/02/08
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;3Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 1
3 of 3
2010/02/08


▲Up To Search▲   

 
Price & Availability of DTC113ZCA-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X