Part Number Hot Search : 
CMM14 TLYE1100 80080 HD74ALVC 5ZSXE DM9102DE CPH3438 X5645S14
Product Description
Full Text Search
 

To Download DTA143TKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL SPECIFICATION
SEMICONDUCTOR
SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
RECTRON
DTA143TKA
FEATURES
* Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors.(see equivalent circuit). * The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely Eliminating parasitic effects.
f .037 (0.95)
SOT-23-3L
* Only the on/off conditions need to be set for operation marking device design easy.
.016 (0.40)
(3)
* * * * *
Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.009 gram
(1)
.111 (3.02)
.119 (2.82) .079 (2.00)
.071 (1.80)
(2)
.067 (1.70) .059 (1.50)
f .028 (0.70) 0.116(2.95) 0.104(2.65) .008 (0.10) R.002 (.05) .004 (0.20)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. (2) (1) (1)BASE (2)EMITTER (3)COLLECTOR
O
.049(1.25) .041(1.05) .004(0.10) .000(0.00)
(3) MAXIMUM RATINGES ( @ TA = 25 C unless otherwise noted ) RATINGS Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature
o
Dimensions in inches and (millimeters)
SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO IC PC Tj Tstg
VALUE -50 -50 -5 -100 200 150 -55~150
.012 (0.30)
MECHANICAL DATA
UNITS V V V mA mW
o o
C C
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted ) CHARACTERISTICS Collector-base breakdown voltage (IC= -50mA) Collector-emitter breakdown voltage (IC= -1mA) Emitter-base breakdown voltage (IE= -50mA) Collector cut-off current (VCB= -50V) Emitter cut-off current (VEB= -4V) Collector-emitter saturation voltage (IC= -5mA,IB= -0.25mA) DC current transfer ratio (VCE= -5V,IC= -1mA) Transistion frequency (VCE= -10V, IE= 5mA, f=100MHz) Input resistor NOTE: "Fully ROHS compliant", "100% Sn plating (Pb-free)". SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO VCE(sat) hFE fT MIN. -50 -50 -5 100 3.29 TYP. 250 4.7 MAX. -0.5 -0.5 -0.3 600 6.11 UNITS V V V mA mA V MHz KW 2006-3
R1
RATING AND CHARACTERISTICS CURVES (DTA143TKA)
VCE= -5V
VCE(sat), COLLECTOR SATURATION VOLTAGE, (A)
1K 500
-1 -500m -200m -100m -50m -20m -10m -5m -2m -1m
Ta= 100 C O 25 C O -40 C
O
IC / IB= 20
hFE, DC CURRENT GAIN
200 100 50 20 10 5 2
Ta= 100 C O 25 C O -40 C
O
-100m -200m -500m -1m
1
-2m -5m
-10m -20m -50m -100m
-100m -200m -500m -1m
-2m -5m
-10m -20m -50m -100m
IC, COLLECTOR CURRENT, (A)
Figure1 DC current gain vs. collector current
Figure2 Collector-emitter saturation voltage vs.collector current
IC, COLLECTOR CURRENT, (A)
COLLECTOR BASE R1
EMITTER
Figure3 Equivalent circuit
RECTRON
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.
RECTRON


▲Up To Search▲   

 
Price & Availability of DTA143TKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X