Part Number Hot Search : 
BYV36G MJF1800 FP4050 STK4180 E427201 25N10 SUR542J 440AH069
Product Description
Full Text Search
 

To Download DTA123JUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DTA123JE/DTA123JUA/DTA123JKA DTA123JCA/DTA123JSA
Elektronische Bauelemente
PNP Digital Transistors (Built-in Resistors)
FEATURES
* Built-in bias resistors enable the configuration of an inverter circuit without connecting input resistors (see equivalent circuit). * Only the on/off confitions need to be set for operation, making device design easy. * The bias resistors consis of thin-film resistors with compete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects.
PIN CONNENCTIONS AND MARKING
DTA123JE DTA123JUA
SOT-523
Abbreviated symbol: E32
SOT-323
Abbreviated symbol: 132
DTA123JKA
DTA114ECA DTA123JCA
SOT-23-3L Abbreviated symbol: E32 SOT-23 Abbreviated symbol: E32
DTA123JSA
TO-92S
http://www.SeCoSGmbH.com
l Any changing of specification will not be informed individua
01-Jun-2002 Rev. A
Page 1 of 2
DTA123JE/DTA123JUA/DTA123JKA DTA123JCA/DTA123JSA
Elektronische Bauelemente
PNP Digital Transistors (Built-in Resistors)
Absolute maximum ratings(Ta=25)
Parameter Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature Symbol VCC VIN IO IC(MAX) Pd Tj Tstg 150 Limits (DTA123J E UA KA -50 -12~+5 -100 -100 200 150 -55~150 300 ) CA SA Unit V V mA mW

Electrical characteristics (Ta=25)
Parameter Input voltage Output voltage Input current Output current DC current gain Input resistance Resistance ratio Transition frequency Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT 80 1.54 17 2.2 21 250 2.86 26 MHz K -1.1 -0.1 -0.3 -3.6 -0.5 Min. Typ Max. -0.5 Unit V V mA A Conditions VCC=-5V, IO=-100A VO=-0.3V, IO=-5mA IO/II=-5mA/-0.25mA VI=-5V VCC=-50V, VI=0 VO=-5V, IO=-10mA VO=-10V, IO=-5mA, f=100MHz
Typical Characteristics
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individua
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of DTA123JUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X