|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TECHNICAL SPECIFICATION SEMICONDUCTOR SOT-323 DIGITAL TRANSISTOR TRANSISTORS(PNP) RECTRON DTA114EUA FEATURES * Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors.(see equivalent circuit). * The bias resistors conisit of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely Eliminating parasitic effects. * Only the on/off conditions need to be set for operation marking device design easy. SOT-323 MECHANICAL DATA * * * * * Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.006 gram 0.053(1.35) 0.045(1.15) 0.006(0.15) 0.003(0.08) REF 0.021(0.53) 0.043(1.10) 0.035(0.90) 0.004(0.10) 0.000(0.00) 0.016(0.40) 0.008(0.20) 0.096(2.45) 0.085(2.15) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 C ambient temperature unless otherwise specified. (2) (1) (1) IN (2) GND (3) OUT O 0.055(1.40) 0.047(1.20) 1 3 2 0.087(2.20) 0.079(2.00) (3) MAXIMUM RATINGES ( @ TA = 25 C unless otherwise noted ) RATINGS Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature o o Dimensions in inches and (millimeters) SYMBOL VCC VIN IO IC(MAX) Pd Tj Tstg LIMITS -50 -40~10 -50 -100 200 150 -55 ~150 UNITS V V mA mW o C C o ELECTRICAL CHARACTERISTICS ( @ TA = 25 C unless otherwise noted ) CHARACTERISTICS Input voltage (VCC= -5V, IO= -100mA) Input voltage (VO= -0.3V, IO= -10mA) Output voltage (IO / II= -10mA / -0.5mA) Input current (VI= -5V) Output current (VCC= -50V,VI= 0) DC current gain (VO= -5V,IO= -5mA) Input resistance Resistance ratio Transistion frequency (VCE= -10V,IE= 5mA, f= 100MHz) Note: "Fully ROHS compliant", "100% Sn plating (Pb-free)". SYMBOL VI(off) VI(on) Vo(on) II Io(off) GI R1 R2 / R1 MIN -3 30 7 0.8 TYP 10 1 250 MAX -0.5 -0.3 -0.88 -0.5 13 1.2 V mA mA KW MHz 2006-3 UNITS V fT RATING AND CHARACTERISTICS CURVES (DTA114EUA) -100 -50 VO= -0.3V -10m -5m -2m -1m -500m -200m -100m -50m -20m -10m -5m -2m -1m Ta= 100 C O 25 C O -40 C O VCC= -5V VI(on), INPUT VOLTAGE, (V) -20 -10 -5 -2 -1 -500m -200m -100m Ta= -40 C O 25 C O 100 C O IO, OUTPUT CURRENT, (A) -100m -200m -500m -1m -2m -5m -10m -20m -50m -100m 0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 1K 500 200 Figure1 Input voltage vs. output current (ON Characteristics) VO= -5V IO, OUTPUT CURRENT, (A) -1 -500m Figure2 Output current vs input voltage (OFF Characteristics) IO / II= 20 Ta= 100 C O 25 C O -40 C O VI(off), INPUT VOLTAGE, (V) VO(on), OUTPUT VOLTAGE, (V) -10m -20m -50m -100m Gi, DC CURRENT GAIN Ta= 100 C O 25 C O -40 C O -200m -100m -50m -20m -10m -5m -2m -1m 100 50 20 10 5 2 1 -100m -200m -500m -1m -2m -5m -100m -200m -500m -1m -2m -5m -10m -20m -50m -100m Figure3 DC current gain vs. output current IO, OUTPUT CURRENT, (A) Figure4 Output voltage vs. output current IO, CUTPUT CURRENT, (A) IN R1 R2 OUT GND(+) IN GND(+) OUT Figure5 Equivalent circuit RECTRON DISCLAIMER NOTICE Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures. RECTRON |
Price & Availability of DTA114EUA |