Part Number Hot Search : 
MCM6729 SR5522 3388209 17D158IV LP116 A5801041 MMBT5089 JANTX1
Product Description
Full Text Search
 

To Download CY62136EV30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY62136EV30 MoBL(R)
2-Mbit (128K x 16) Static RAM
Features
* Very high speed: 45 ns * Wide voltage range: 2.20V-3.60V * Pin-compatible with CY62136CV30 * Ultra low standby power -- Typical standby current: 1A -- Maximum standby current: 7A * Ultra-low active power -- Typical active current: 2 mA @ f = 1 MHz * Easy memory expansion with CE, and OE features * Automatic power-down when deselected * CMOS for optimum speed/power * Offered in a Pb-free 48-ball VFBGA and 44-pin TSOP II packages
Functional Description[1]
The CY62136EV30 is a high-performance CMOS static RAM organized as 128K words by 16 bits. This device features advanced circuit design to provide ultra-low active current. This is ideal for providing More Battery LifeTM (MoBL(R)) in portable applications such as cellular telephones. The device also has an automatic power-down feature that significantly reduces power consumption by 80% when addresses are not toggling. The device can also be put into standby mode reducing power consumption by more than 99% when deselected (CE HIGH). The input/output pins (I/O0 through I/O15) are placed in a high-impedance state when: deselected (CE HIGH), outputs are disabled (OE HIGH), both Byte High Enable and Byte Low Enable are disabled (BHE, BLE HIGH), or during a write operation (CE LOW and WE LOW). Writing to the device is accomplished by taking Chip Enable (CE) and Write Enable (WE) inputs LOW. If Byte Low Enable (BLE) is LOW, then data from I/O pins (I/O0 through I/O7), is written into the location specified on the address pins (A0 through A16). If Byte High Enable (BHE) is LOW, then data from I/O pins (I/O8 through I/O15) is written into the location specified on the address pins (A0 through A16). Reading from the device is accomplished by taking Chip Enable (CE) and Output Enable (OE) LOW while forcing the Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW, then data from the memory location specified by the address pins will appear on I/O0 to I/O7. If Byte High Enable (BHE) is LOW, then data from memory will appear on I/O8 to I/O15. See the truth table at the back of this data sheet for a complete description of read and write modes.
Logic Block Diagram
DATA IN DRIVERS A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
ROW DECODER
128K x 16 RAM Array
SENSE AMPS
I/O0-I/O7 I/O8-I/O15
COLUMN DECODER BHE WE CE OE BLE
A11 A12
Note: 1. For best practice recommendations, please refer to the Cypress application note "System Design Guidelines" on http://www.cypress.com.
Cypress Semiconductor Corporation Document #: 38-05569 Rev. *B
*
A13 A14 A15 A16
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised January 6, 2006
[+] Feedback
CY62136EV30 MoBL(R)
Pin Configuration[2, 3]
VFBGA (Top View)
1 BLE I/O8 I/O9 VSS VCC I/O14 I/O15 NC 2 OE BHE I/O10 I/O11 I/O12 I/O13 NC A8 3 A0 A3 A5 NC NC A14 A12 A9 4 A1 A4 A6 A7 A16 A15 A13 A10 5 A2 CE I/O1 I/O3 I/O4 I/O5 WE A11 6 NC I/O0 I/O2 Vcc Vss I/O6 I/O7 NC A B C D E F G H A4 A3 A2 A1 A0 CE I/O0 I/O1 I/O2 I/O3 VCC VSS I/O4 I/O5 I/O6 I/O7 WE A16 A15 A14 A13 A12
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23
44 TSOP II (Top View)
A5 A6 A7 OE BHE BLE I/O15 I/O14 I/O13 I/O12 VSS VCC I/O11 I/O10 I/O9 I/O8 NC A8 A9 A10 A11 NC
Product Portfolio[4]
Power Dissipation Product Min. CY62136EV30LL 2.2 VCC Range (V) Typ.[4] 3.0 Max. 3.6 45 Speed (ns) Operating ICC (mA) f = 1MHz Typ.[4] 2 Max. 2.5 f = fmax Typ.[4] 15 Max. 20 Standby ISB2 (A) Typ.[4] 1 Max. 7
Notes: 2. NC pins are not connected on the die. 3. Pins D3, H1, G2, and H6 in the BGA package are address expansion pins for 4 Mbit, 8 Mbit, 16 Mbit and 32 Mbit, respectively. 4. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25C.
Document #: 38-05569 Rev. *B
Page 2 of 12
[+] Feedback
CY62136EV30 MoBL(R)
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................ -65C to + 150C Ambient Temperature with Power Applied ........................................... -55C to + 125C Supply Voltage to Ground Potential .............................. -0.3V to 3.9V (VCC MAX + 0.3V) DC Voltage Applied to Outputs in High-Z State[5,6] ................ -0.3V to 3.9V (VCC MAX + 0.3V) DC Input Voltage[5,6] ............ -0.3V to 3.9V (VCC MAX + 0.3V) Output Current into Outputs (LOW) ............................ 20 mA Static Discharge Voltage ......................................... > 2001V (per MIL-STD-883, Method 3015) Latch-up Current .................................................... > 200 mA
Operating Range[7]
Device CY62136EV30LL
Range
Ambient Temperature
VCC[7]
Industrial -40C to +85C 2.2V - 3.6V
Electrical Characteristics Over the Operating Range [5, 6, 7]
45 ns Parameter VOH VOL VIH VIL IIX IOZ ICC ISB1 Description Output HIGH Voltage Output LOW Voltage Test Conditions IOH = -0.1 mA IOH = -1.0 mA IOL = 0.1 mA IOL = 2.1mA VCC = 2.20V VCC = 2.70V VCC = 2.20V VCC = 2.70V 1.8 2.2 -0.3 -0.3 -1 -1 15 2 1 Min. 2.0 2.4 0.4 0.4 VCC + 0.3 VCC + 0.3 0.6 0.8 +1 +1 20 2.5 7 A Typ.[4] Max. Unit V V V V V V V V A A mA
Input HIGH Voltage VCC = 2.2V to 2.7V VCC= 2.7V to 3.6V Input LOW Voltage VCC = 2.2V to 2.7V VCC= 2.7V to 3.6V Input Leakage Current Output Leakage Current VCC Operating Supply Current Automatic CE Power-down Current -- CMOS Inputs Automatic CE Power-down Current -- CMOS Inputs GND < VI < VCC GND < VO < VCC, Output Disabled f = fMAX = 1/tRC f = 1 MHz VCC = VCCmax, IOUT = 0 mA CMOS levels
CE > VCC-0.2V, VIN>VCC-0.2V, VIN<0.2V) f = fMAX (Address and Data Only), f = 0 (OE, and WE), VCC = 3.60V CE > VCC - 0.2V, VIN > VCC - 0.2V or VIN < 0.2V, f = 0, VCC = 3.60V
ISB2
1
7
A
Capacitance (for all packages)[8]
Parameter CIN COUT Description Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VCC = VCC(typ) Max. 10 10 Unit pF pF
Notes: 5. VIL(min.) = -2.0V for pulse durations less than 20 ns. 6. VIH(max)=VCC+0.75V for pulse durations less than 20ns. 7. Full Device AC operation assumes a 100 s ramp time from 0 to Vcc(min) and 200 s wait time after VCC stabilization. 8. Tested initially and after any design or process changes that may affect these parameters.
Document #: 38-05569 Rev. *B
Page 3 of 12
[+] Feedback
CY62136EV30 MoBL(R)
Thermal Resistance[8]
Parameter JA JC Description Thermal Resistance (Junction to Ambient)[8] Thermal Resistance (Junction to Case)[8] Test Conditions Still Air, soldered on a 3 x 4.5 inch, two-layer printed circuit board VFBGA Package 75 10 TSOP II Package 77 13 Unit C/W C/W
AC Test Loads and Waveforms
R1 VCC OUTPUT 30 pF INCLUDING JIG AND SCOPE R2 VCC 10% GND Rise Time = 1 V/ns ALL INPUT PULSES 90% 90% 10% Fall Time = 1 V/ns
Equivalent to: THEVENIN EQUIVALENT RTH OUTPUT VTH 2.50V 16667 15385 8000 1.20 3.0V 1103 1554 645 1.75 Unit V
Parameters R1 R2 RTH VTH
Data Retention Characteristics (Over the Operating Range)[8, 9]
Parameter VDR ICCDR Description VCC for Data Retention Data Retention Current VCC= 1.0V CE > VCC - 0.2V, VIN > VCC - 0.2V or VIN < 0.2V 0 tRC Conditions Min. 1.0 0.8 3 Typ.[4] Max. Unit V A
tCDR[8] tR[9]
Chip Deselect to Data Retention Time Operation Recovery Time
ns ns
Data Retention Waveform
DATA RETENTION MODE VCC
VCC(min)
tCDR
VDR > 1.0 V
VCC(min)
tR
CE
Notes: 9. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 100 s or stable at VCC(min.) > 100 s.
Document #: 38-05569 Rev. *B
Page 4 of 12
[+] Feedback
CY62136EV30 MoBL(R)
Switching Characteristics Over the Operating Range [10, 11, 12, 13]
45 ns Parameter Read Cycle tRC tAA tOHA tACE tDOE tLZOE tHZOE tLZCE tHZCE tPU tPD tDBE tLZBE tHZBE Write Cycle[13] tWC tSCE tAW tHA tSA tPWE tBW tSD tHD tHZWE tLZWE Write Cycle Time CE LOW to Write End Address Set-Up to Write End Address Hold from Write End Address Set-Up to Write Start WE Pulse Width BLE/BHE LOW to Write End Data Set-Up to Write End Data Hold from Write End WE LOW to High-Z[11, 12]
[11]
Description Read Cycle Time Address to Data Valid Data Hold from Address Change CE LOW to Data Valid OE LOW to Data Valid OE LOW to LOW Z
[11]
Min. 45
Max.
Unit ns
45 10 45 22 5 18 10 18 0 45 22 5 18 45 35 35 0 0 35 35 25 0 18 10
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
OE HIGH to High Z[11, 12] CE LOW to Low Z[11] CE HIGH to High Z[11, 12] CE LOW to Power-Up CE HIGH to Power-Down BLE/BHE LOW to Data Valid BLE/BHE LOW to Low Z[11] Z[11, 12] BLE/BHE HIGH to HIGH
WE HIGH to Low-Z
Notes: 10. Test conditions for all parameters other than tri-state parameters assume signal transition time of 3 ns (1V/ns) or less, timing reference levels of VCC(typ)/2, input pulse levels of 0 to VCC(typ.), and output loading of the specified IOL/IOH as shown in the "AC Test Loads and Waveforms" section. 11. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device. 12. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high impedence state. 13. The internal Write time of the memory is defined by the overlap of WE, CE = VIL, BHE and/or BLE = VIL. All signals must be ACTIVE to initiate a write and any of these signals can terminate a write by going INACTIVE. The data input set-up and hold timing should be referenced to the edge of the signal that terminates the write.
Document #: 38-05569 Rev. *B
Page 5 of 12
[+] Feedback
CY62136EV30 MoBL(R)
Switching Waveforms [14, 15]
Read Cycle 1 (Address Transition Controlled)[14, 15] tRC ADDRESS tOHA DATA OUT PREVIOUS DATA VALID tAA DATA VALID
Read Cycle No. 2 (OE Controlled)[15, 16]
ADDRESS
CE tACE OE tDOE BHE/BLE tLZOE
tRC tPD tHZCE
tHZOE
tHZBE tDBE tLZBE DATA OUT HIGH IMPEDANCE tLZCE VCC SUPPLY CURRENT tPU 50% 50% ISB ICC DATA VALID HIGH IMPEDANCE
Notes: 14. The device is continuously selected. OE, CE = VIL, BHE and/or BLE = VIL. 15. WE is HIGH for read cycle. 16. Address valid prior to or coincident with CE and BHE, BLE transition LOW.
Document #: 38-05569 Rev. *B
Page 6 of 12
[+] Feedback
CY62136EV30 MoBL(R)
Switching Waveforms (continued)[14, 15]
Write Cycle No. 1 (WE Controlled)[13, 17, 18]
tWC ADDRESS tSCE CE tAW WE tSA tPWE tHA
BHE/BLE
tBW
OE tSD DATA I/O NOTE 19 tHZOE DATAIN tHD
Write Cycle No. 2 (CE Controlled)[13, 17, 18]
tWC ADDRESS tSCE CE
tSA
tAW tPWE
tHA
WE
BHE/BLE
tBW
OE tSD DATA I/O NOTE 19 tHZOE
Notes: 17. Data I/O is high impedance if OE = VIH. 18. If CE goes HIGH simultaneously with WE = VIH, the output remains in a high-impedance state. 19. During this period, the I/Os are in output state and input signals should not be applied.
tHD
DATAIN
Document #: 38-05569 Rev. *B
Page 7 of 12
[+] Feedback
CY62136EV30 MoBL(R)
Switching Waveforms (continued)[14, 15]
Write Cycle No. 3 (WE Controlled, OE LOW)[18]
tWC ADDRESS tSCE CE
BHE/BLE tAW tSA WE
tBW
tHA tPWE
tSD DATAI/O NOTE 19 tHZWE DATAIN
tHD
tLZWE
Write Cycle No. 4 (BHE/BLE Controlled, OE
LOW)[18]
tWC
ADDRESS
CE tSCE
tAW BHE/BLE tSA WE
tHZWE
tHA tBW
tPWE tSD DATAIN
tLZWE tHD
DATA I/O
NOTE 19
Document #: 38-05569 Rev. *B
Page 8 of 12
[+] Feedback
CY62136EV30 MoBL(R)
Truth Table
CE H L L L L L L L L L L WE X X H H H H H H L L L OE X X L L L H H H X X X BHE X H L H L L H L L H L BLE X H L L H L L H L L H Inputs/Outputs High Z High Z Data Out (I/OO-I/O15) Data Out (I/OO-I/O7); I/O8-I/O15 in High Z Data Out (I/O8-I/O15); I/O0-I/O7 in High Z High Z High Z High Z Data In (I/OO-I/O15) Data In (I/OO-I/O7); I/O8-I/O15 in High Z Data In (I/O8-I/O15); I/O0-I/O7 in High Z Mode Deselect/Power-down Output Disabled Read Read Read Output Disabled Output Disabled Output Disabled Write Write Write Power Standby (ISB) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC)
Ordering Information
Speed (ns) 45 Ordering Code CY62136EV30LL-45BVXI CY62136EV30LL-45ZSXI Package Diagram 51-85150 51-85087 Package Type 48-ball Very Fine Pitch Ball Grid Array (Pb-free) 44-pin Thin Small Outline Package II (Pb-free) Operating Range Industrial
Please contact your local Cypress sales representative for availability of other parts
Document #: 38-05569 Rev. *B
Page 9 of 12
[+] Feedback
CY62136EV30 MoBL(R)
Package Diagrams
48-pin VFBGA (6 x 8 x 1 mm) (51-85150)
TOP VIEW
BOTTOM VIEW A1 CORNER O0.05 M C O0.25 M C A B
A1 CORNER O0.300.05(48X) 1 2 3 4 5 6 6 5 4 3 2 1
A B C 8.000.10 8.000.10 0.75 5.25 D E F G H
A B C D E 2.625 F G H
A B 6.000.10
A
1.875 0.75 3.75 B 6.000.10
0.55 MAX.
0.25 C
0.15(4X) 0.210.05 0.10 C
51-85150-*D
SEATING PLANE 0.26 MAX. C 1.00 MAX
Document #: 38-05569 Rev. *B
Page 10 of 12
[+] Feedback
CY62136EV30 MoBL(R)
Package Diagrams (continued)
44-pin TSOP II (51-85087)
51-85087-*A
MoBL is a registered trademark, and More Battery Life is a trademark, of Cypress Semiconductor. All product and company names mentioned in this document may be the trademarks of their respective holders.
Document #: 38-05569 Rev. *B
Page 11 of 12
(c) Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
[+] Feedback
CY62136EV30 MoBL(R)
Document History Page
Document Title: CY62136EV30 MoBL(R) 2-Mbit (128K x 16) Static RAM Document Number: 38-05569 REV. ** *A ECN NO. Issue Date 237432 419988 See ECN See ECN Orig. of Change AJU RXU Description of Change New Data Sheet Converted from Advanced Information to Final. Changed the address of Cypress Semiconductor Corporation on Page #1 from "3901 North First Street" to "198 Champion Court" Removed 35ns Speed Bin Removed "L" version of CY62136EV30 Changed ICC (Max) value from 2 mA to 2.5 mA and ICC (Typ) value from 1.5 mA to 2 mA at f=1 MHz Changed ICC (Typ) value from 12 mA to 15 mA at f = fmax Changed ISB1 and ISB2 Typ. values from 0.7 A to 1 A and Max. values from 2.5 A to 7 A. Changed the AC test load capacitance from 50pF to 30pF on Page# 4 Changed VDR from 1.5V to 1V on Page# 4. Changed ICCDR from 2.5 A to 3 A. Added ICCDR typical value. Changed tOHA , tLZCE and tLZWE from 6 ns to 10 ns Changed tLZBE from 6 ns to 5 ns Changed tLZOE from 3 ns to 5 ns Changed tHZOE, tHZCE, tHZBE and tHZWE from 15 ns to 18 ns Changed tSCE,tAW and tBW from 40 ns to 35 ns Changed tPWE from 30 ns to 35 ns Changed tSD from 20 ns to 25 ns Corrected typo in the Truth Table on Page# 9 Updated the package diagram 48-pin VFBGA from *B to *D Updated the ordering Information table and replaced the Package Name column with Package Diagram. Minor change: Moved datasheet to external web
*B
427817
See ECN
NXR
Document #: 38-05569 Rev. *B
Page 12 of 12
[+] Feedback


▲Up To Search▲   

 
Price & Availability of CY62136EV30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X