Part Number Hot Search : 
SSM2377 1212Z21 LT1725CS AX100 RN731VFH S7909PI D1311U TA100
Product Description
Full Text Search
 

To Download CXA-0320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-AC INVERTER UNIT
CXA-0320 (5W DUAL OUTPUTS WITH DIMMING FUNCTION)
DESCRIPTION :
This low profile DC to AC Inverter is developed for dual lamps, low power LCD back-light. Application includes industrial PC and LCD monitor. Applicable LCD; NL3224BC35-20 (NEC 5.5 inch dual lamp type) Lamp Voltage 340Vrms Lamp Current 5mArms Lamp Start Up Voltage 1250Vrms
FEATURES :
Wide operating temperature range Alarm signal function PWM dimming type. Silicon Coating in High Voltage area
TEMPERATURE & HUMDITY :
Operating Temperature Range Storage Temperature Range Humidity -10 C ~ +70 C -30 C ~ +85 C 95 %RH max 103 0.5
97.0 0.2
DIMENSIONS :
(3.0)
30.0 0.5
17.0 0.2
(4)
CN1
CN2
2 - O2.9 0.2
CN3
Unit : mm Weight :25 (g) typ.
8.0max (1.0)
Note 1 : Please keep minimum of 2mm clearance (all directions) between inverter high voltage area as marked on mechanical drawing and any conductors. No. 1 2 3 Part Description PWB Connector CN1 Connector CN2 , CN3 Qty. 1 1 2 Note UL94V-0 53261-0890 SM02(8.0)B-BHS-1
t=1.0mm (Molex) (JST)
CN1 : 53261-0890 (Molex) Pin CN1-1 CN1-2 CN1-3 CN1-4 CN1-5 CN1-6 CN1-7 CN1-8 Symbol Vin GND Vrmt Vbr1 / Rbr1 Vbr2 / Rbr2 Vst*1 Note 10.8 ~ 13.2V 0V 0 ~ 0.4V : OFF 2.5V ~ Vin : ON 0 ~ 2.5V / 0 ~ 50k GND / 0 ~ 50k 0V / 5V
CN2 : SM02(8.0)B-BHS-1 (JST) Pin Symbol Note Vhigh1 340Vrms / 5mArms CN2-1 CN2-2 CN2-3 N.C. Vlow1 (2V)
CN3 : SM02(8.0)B-BHS-1 (JST) Pin Symbol Note Vhigh2 340Vrms / 5mArms CN3-1 CN3-2 CN3-3 N.C. Vlow2 (2v)
Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
All specification are subject to change without notice.
*1. This is an output pin and it is active high (+5V) if any Lamp opens / fails Address: Dornet 8 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 80
Page ( 1 / 2 ) VER, 04 October 2002
DC-AC INVERTER UNIT
CXA-0320 (5W DUAL OUTPUTS WITH DIMMING FUNCTION)
ELECTRICAL CHARACTERISTICS :
Conditions Parameters Symbol Vin (V) 12 Output Current Iout1 / Iout2 12 Input Current 1 Input Current 2 Frequency Frequency (Duty) Open Voltage Iin1 Iin2 F1 F2 Vopen 12 12 12 12 12 12 Alarm SIgnal (Note 4) 12 5 0
23 5
Specifications Ta (C )
23 5 23 5 23 5 23 5 23 5 23 5 23 5 23 5 23 5
Vrmt (V) 5 5 5 0 5 5 5 5 5
Vbr (V) 0 3 0 0 0 3 0 0 0
RL1 (k) RL2 (k) 63 63 63 63 63 63 63 63 63 63 63 63 63 63 63 63
min. 4.5 1.7 39 300 1200 4.5 4.5 -
typ. 5.0 2.2 0.40 43 330 1250 5.0 5.0 0
max. 5.5 2.7 0.75 1 47 360 1500 5.5 5.5 0.5
Unit
Note
mArms mArms Adc mAdc kHz Hz Vrms Vdc Vdc Vdc
Max Brightness.
Min Brightness.
RL2 open
Vst
12
RL1 open
Normal
TEST CIRCUIT :
F Iin V CN1-3 CN1-4 IC02 Vrmt 0/5V F2 CN1-1 CN1-2 CN21 T1 SW1 CN1-5 F1 Q04 SW2 CN1-6 CN3-3 CN1-7 CN1-8 Vst V CN2-3 CN31 C05 C06 Io2 SW5 SW6 SW3 SW4 RL2 A ~ RL1 1000:1 PROBE
SW1
Vopen V ~
Operation of unit Operation Non operation Non operation
Vin 10.8~13.2V
A
a b OPEN
a
V
b
SW2
Io1 A ~
Operation of unit Voltage Dimming Vbr=0~2.5V Valiable resistance Dimming Rbr=0~50k
Operation of warning signal Operation(5V Output) Non operation(0V Output)
Vbr 0~2.5V
a
V Rbr 0~50k
a
b
b
RL1,2:Load resistance (7W min.)
SW3~6 Open Close
Vbr=0V :brightness max. Rbr=0 :brightness max.
Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
Page ( 2 / 2 )
Address: Dornet 8 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 80
VER, 04 October 2002
All specification are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of CXA-0320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X