Part Number Hot Search : 
P19006 D80130 K7N04FM MG655 NMH4805S A1601 CDLL5305 BYT52J
Product Description
Full Text Search
 

To Download CSMC301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
3.0Amp. Surface Mount Rectifier
Spec. No. : C344SC Issued Date : 2003.10.29 Revised Date : Page No. : 1/3
CSMC30XSC Series
Features
* For surface mounted applications. * Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0 * Glass passivated junction * High surge capability * High temperature soldering: 250C/10 seconds at terminals * Exceeds environmental standards of MIL-S-19500/228
Mechanical Data
* Case: Molded plastic, SMC/JEDEC DO-214AB. * Terminals: Solder plated, solderable per MIL-STD-750 method 2026 * Polarity: Indicated by cathode band. * Mounting Position : Any. * Weight: 0.195 gram, 0.00585 ounce
Maximum Ratings and Electrical Characteristics
(Rating at 25C ambient temperature unless otherwise specified. ) Parameter Repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum instantaneous forward voltage, IF=3A (Note 1) Average forward rectified current Peak forward surge current @8.3ms single half sine wave superimposed on rated load (JEDEC method) Maximum DC reverse current VR=VRRM,TA=25(Note 1) VR=VRRM,TA=125(Note 1) Maximum thermal resistance, Junction to ambient(Note 2) Diode junction capacitance @ f=1MHz and applied 4VDC reverse voltage Storage temperature Operating temperature Type Symbol CSMC CSMC CSMC CSMC CSMC CSMC CSMC Units 301 302 303 304 305 306 307 VRRM 50 100 200 400 600 800 1000 V VRMS 35 70 140 280 420 560 700 V VR 50 100 200 400 600 800 1000 V VF IO IFSM 1.1 3 100 V A A
IR Rth,JA CJ Tstg TJ
5 250 47 (typ) 40(typ) -55 ~ +150 -55 ~ +150
A A /W pF
Notes : 1.Pulse test, pulse width=300sec, 2% duty cycle 2 .Mounted on PCB with 30mm (0.013mm thickness) copper pad area.
CSMC30XSC
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Forward Current Derating Curve
3.5 Average Forward Current---I O(A) Forward Current---I F(A) 3 2.5 2 1.5 1 0.5 0 0 20 40 60 80 100 120 140 160 Ambient Temperature---TA() 0.01 0.6 0.7 0.8 0.9 1
Single Phase, Half Wave 60Hz, Resistive or Inductive Load
Spec. No. : C344SC Issued Date : 2003.10.29 Revised Date : Page No. : 2/3
Forward Current vs Forward Voltage
100
10
1
Tj=25 Pulse Width=300s Duty Cycle=1%
0.1
1.1
1.2
1.3
Forward Voltage---VF(V)
Maximum Non-Repetitive Forward Surge Current
250 Junction Capacitance---C J(pF) Peak Forward Surge Current--IFSM(A) 200 150 100 50 0 1 10 Numbers of Cycles at 60Hz 100
Tj=25, 8.3ms Single Half Sine Wave, JEDEC method
Junction Capacitance vs Reverse Voltage
120 100 80 60 40 20 0 0.01 0.1 1 10 100 Reverse Voltage---VR(V)
Reverse Leakage Current vs Reverse Voltage
100 Reverse Leakage Current---(A)
10
Tj = 100
1
Tj = 25 0.1
0.01 0 20 40 60 80 100 120 140 Percentage of Rated Peak Reverse Voltage---(%)
CSMC30XSC
CYStek Product Specification
CYStech Electronics Corp.
SMC/DO-214AB Dimension
Spec. No. : C344SC Issued Date : 2003.10.29 Revised Date : Page No. : 3/3
Marking Code:
Device CSMC 301 Code A31 Device CSMC 305 Code A35 CSMC 302 A32 CSMC 306 A36 CSMC 303 A33 CSMC 307 A37 CSMC 304 A34
SMC/DO-214AB Plastic Surface Mounted Package CYStek Package Code: SC
*:Typical
DIM A B C D
Inches Min. Max. 0.260 0.276 0.173 0.189 0.012(typ) 0.144 0.152
Millimeters Min. Max. 6.6 7.0 4.4 4.8 0.3(typ) 3.6 3.8
DIM E F G H
Inches Min. Max. 0.228 0.244 0.071 0.087 0.032(typ) 0.04(typ)
Millimeters Min. Max. 5.8 6.2 1.8 2.2 0.8(typ) 1.0(typ)
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
CSMC30XSC
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of CSMC301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X