Part Number Hot Search : 
628512 2004A CT101K1 FR2ML N74AC Z25LA821 BC547C IRFS4
Product Description
Full Text Search
 

To Download CDBF0140R-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Schottky Barrier Diode
SMD Diodes Specialist
CDBF0140R-HF (RoHS Device)
Io = 100 mA VR = 40 Volts
1005(2512)
0.102(2.60) 0.095(2.40)
Features
Halogen free. Low reverse current. Designed for mounting on small surface. Extremely thin / leadless package. Majority carrier conduction.
0.051(1.30) 0.043(1.10)
Mechanical data
Case: 1005(2512) standard package, molded plastic. Terminals: Gold plated, solderable per MIL-STD-750,method 2026. Marking code: cathode band & B9 Mounting position: Any Weight: 0.006 gram(approx.).
0.040(1.00) Typ. 0.020(0.50) Typ.
0.035(0.90) 0.027(0.70)
0.012 (0.30) Typ.
Dimensions in inches and (millimeter)
Maximum Rating (at TA=25 C unless otherwise noted)
O
Parameter
Repetitive Peak reverse voltage Reverse voltage Average forward rectified current Forward current,surge peak Storage temperature Junction temperature
Conditions
Symbol Min Typ Max Unit
VRRM VR IO 45 40 100 1 -40 +125 +125 V V mA A
O
8.3 ms single half sine-wave superimposed on rate load (JEDEC method)
IFSM TSTG Tj
C C
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
O
Parameter
Forward voltage Reverse current Capacitance between terminals IF = 10mA VR = 10V
Conditions
Symbol Min Typ Max Unit
VF IR CT 6 0.45 1 V uA pF
f = 1 MHz, and 10 VDC reverse voltage
REV:A
QW-G1024
Page 1
Comchip Technology CO., LTD.
SMD Schottky Barrier Diode
SMD Diodes Specialist
RATING AND CHARACTERISTIC CURVES (CDBF0140R-HF)
Fig. 1 - Forward characteristics
1000 1m 100u
Fig. 2 - Reverse characteristics
Reverse current ( A )
Forward current (mA )
125 C
O
100
10u
75 C
O
10
1u
75 O C 25 O C
125
O
C
100n
25 C
O
-25
1
O
C
10n
-25 C
O
0.1 0 0.2 0.4 0.6 0.8 1.0
1n 0 10 20 30 40
Forward voltage (V)
Reverse voltage (V)
Fig. 3 - Capacitance between terminals characteristics
Capacitance between terminals (PF)
100
Fig.4 - Current derating curve
Average forward current(%)
100
80
10
60
40
20
1 0 5 10 15 20 25 30 35 40
0 0 25 50 75 100
O
125
Reverse voltage (V)
Ambient temperature ( C)
REV:A
QW-G1024
Page 2
Comchip Technology CO., LTD.
SMD Schottky Barrier Diode
SMD Diodes Specialist
Reel Taping Specification
P0 P1 d Index hole E T
F B
Polarity
W C
P
A
12 0
o
D2
D1 D
W1
Trailer ....... .......
10 pitches (min)
Device ....... ....... ....... .......
Leader ....... .......
10 pitches (min)
End
Start
Direction of Feed
SYMBOL
A
1.55 0.10
0.061 0.004
B
2.65 0.10
0.104 0.004
C
1.05 0.10
0.041 0.004
d
1.55 0.05
0.061 0.002
D
178 1
7.008 0.04
D1
60.0 MIN.
2.362 MIN.
D2
13.0 0.20
0.512 0.008
F/1005
(mm) (inch)
SYMBOL
E
1.75 0.10
0.069 0.004
F
3.50 0.05
0.138 0.002
P
4.00 0.10
0.157 0.004
P0
4.00 0.10
0.157 0.004
P1
2.00 0.05
0.079 0.004
T
0.23 0.05
0.009 0.002
W
8.00 0.20
0.315 0.008
W1
13.5 MAX.
0.531 MAX.
F/1005
(mm) (inch)
REV:A
QW-G1024
Page 3
Comchip Technology CO., LTD.
SMD Schottky Barrier Diode
SMD Diodes Specialist
Marking Code
Park Number CDBF0140R-HF Marking Code
B9
B9
Suggested PAD Layout
F/1005 SIZE (mm) A B C D E 2.10 1.20 1.20 3.30 0.90 (inch) 0.083 0.047 0.047
C D A E
0.130
B
0.035
Standard Package
Qty per Reel Case Type (Pcs) F/1005 4000 Reel Size (inch) 7
REV:A
QW-G1024
Page 4
Comchip Technology CO., LTD.


▲Up To Search▲   

 
Price & Availability of CDBF0140R-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X