Part Number Hot Search : 
TE5550CN ST10F272 BR304 57729 56F8000 MAX4516 KTC319 2N650
Product Description
Full Text Search
 

To Download BU2505FV-E2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D/A Converter Series for Electronic Adjustments
High-precision 10bit 8ch10ch Type D/A Converters
BU2506FV, BU2505FV
No.09052EAT03
Description BU2506FV and BU2505FV ICs are high performance 10bit R-2R type DACs with 8ch and 10ch outputs, respectively. Cascade connection is possible, ensuring suitability with multi-channel applications. Each channel incorporates a full swing output-type buffer amplifier with high speed output response characteristics, resulting in a greatly shortened wait time. The ICs also utilize the TTL level input method, and with the RESET pin the output voltage can be kept in the lower reference voltage range. Features 1) High performance, multi-channel R-2R-type 10bit D/A converter built-in (BU2506FV: 8 channels, BU2505FV: 10 channels) 2) Full swing output type buffer amplifier incorporated at each output channel 3) The RESET terminal can keep the output voltage at all channels within the lower reference voltage range 4) Digital input compatible with TTL levels 5) 14bit 3-line serial data + RESET signal input (address 4bit + data 10bit) 6) Cascade connection available 7) LSB first / MSB first of 10bit data can be changed by the REVERSE terminal 8) Compact package: 0.65mm pitch, 20 pins (SSOP-B20) Applications DVDs, CD-Rs, CD-RWs, Digital cameras Lineup Parameter Power source voltage range Number of channels Differential non linearity error Integral non linearity error Data transfer frequency Package Absolute Maximum Ratings(Ta=25) Parameter Power source voltage D/A converter upper standard voltage Input voltage Output voltage Storage temperature range Power dissipation BU2505FV 4.5 to 5.5V 10ch 1.0LSB 3.5LSB 10MHz SSOP-B20 BU2506FV 4.5 to 5.5V 8ch 1.0LSB 3.5LSB 10MHz SSOP-B20
Symbol VCC VDD VIN VOUT Tstg Pd
Limits -0.3 to 6.0 -0.3 to 6.0 -0.3 to 6.0 -0.3 to 6.0 -55 to 125 400*
Unit V V V V mW
* Derated at 4mW/ at Ta>25, mounted on a 70x70x1.6mm FR4 glass epoxy board (copper foil area less than 3%) Note: These products are not robust against radiation
Recommended Operating Conditions(Ta=25) Parameter Symbol Power supply voltage range Operating temperature range VCC Topr
Limits 4.5 to 5.5 -30 to 85
Unit V
www.rohm.com (c) 2009 RzOHM Co., Ltd. All rights reserved.
1/8
2009.06 - Rev.A
BU2506FV,BU2505FV
Technical Note
Electrical Characteristics(Unless otherwise specified, VCC5V, VrefH5V, VrefL0V, Ta25) Limits Parameter Symbol Unit Conditions MIN. TYP. MAX. Power source current ICC 0.85 2.8 mA At CLK=10MHz, IAO=0A Input leak current IILK -5 5 A VIN=0 to VCC Input voltage L VIL 0.8 V Input voltage H VIH 2.0 V Output voltage L VOL 0 0.4 V IOL=2.5mA Output voltage H VOH 4.6 5 V IOH=-2.5mA 4.5 7.5 mA Consumption current IrefH Data condition : at maximum current 3.7 6.2 mA(*1) D/A converter upper standard voltage Outputs are not necessarily within VrefH 3.0 5 V setting range the standard voltage setting range, but ARE within the buffer amplifier D/A converter lower standard voltage VrefL 0 1.5 V output voltage range (VO). setting range 0.1 4.9 IO=100A Buffer amplifier output voltage range VO V 0.2 4.75 IO=1.0mA Upper saturation voltage =0.35V Buffer amplifier output drive range IO -2 2 mA Lower saturation voltage =0.23V Differential non-linearity error DNL -1.0 1.0 VrefH =4.796V LSB Integral non-linearity error INL -3.5 3.5 VrefL=0.7V Precision VCC=5.5V (4mV/LSB) Zero point error SZERO -25 25 mV At no load (IO=+0mA ) Full scale error SFULL -25 25 Buffer amplifier output impedance RO 5 15 Input voltage 0V Pull-up I/O internal resistance value Rup 12.5 25 37.5 k (Resistance value changes according to voltage supplied)
*1 Value in the case where CH1 ~ CH8 are set to maximum current
Timing Characteristics(Unless otherwise specified, VCC5V, VrefH5V, VrefL0V, Ta25) Limits Conditions Parameter Symbol Unit MIN. TYP. MAX. Judgment level is 80% / 20% of VCC. Reset L pulse width tRTL 50 Clock L pulse width tCKL 50 Clock H pulse width tCKH 50 Clock rise time tcr 50 Clock fall time tcf 50 Data setup time tDCH 20 nS Data hold time tCHD 40 Load setup time tCHL 50 Load hold time tLDC 50 Load H pulse width tLDH 50 Data output delay time tDO 90 CL=100pF CL1000pF, VO:0.5V4.5V . DA output settling time tLDD 7 20 S Until output becomes the final value 1/2LSB
RESET tRTL CLK tCKL DI tLDH LD DA OUTPUT tDo DO OUTPUT tDCH tCHD tCHL tLDD tLDC tcr tCKH tcf
www.rohm.com (c) 2009 RzOHM Co., Ltd. All rights reserved.
2/8
2009.06 - Rev.A
BU2506FV,BU2505FV
Technical Note
Cascade Connection A cascade connection data output terminal (DO) is available for reducing the design load when the number of channels is increased. The DO terminal can be connected directly to the data input terminal (DI) of the next stage. Its effectiveness increases as the number of channels increases.The data transition timing is as shown below.
DO LD CLK DI
BU2505FV (* 2)
CPU
LD CLK DI
DO LD CLK DI
BU2505FV (* 1)
CLK DI
Data of #1
LD DO
Data of #2
In a cascade connection, in order to have sufficient data change and clock edge time margins, make the clock line the shortest.
Block Diagrams BU2505FV
VDD (VrefH)
BU2506FV
VDD (VrefH) VSS (VrefL) AO3 AO4 AO5 Reverse Reset AO6 AO7 AO8
VCC
VCC
11
10
11
TEST1
AO9
AO8
D/A
D/A
D/A
12
12
9
9
8
TEST2
AO10
AO7
D/A
D/A
8
D/A
13
13
8
7
10
AO6
DO
DO
D/A
7
D/A
14
14
7
Address decoder
6
D13
D13
D10 11 12
Reset
14bit Shift register
14bit Shift register
D10 11 12
LD
LD
15
15
6
Address decoder
6
D9
Reverse
8
CLK
CLK
7
16
16
6
5
6
7
8
D9
5
4
3
2
1
D0
AO5
D/A
D0
1
2
3
4
5
D/A
17
17
DI
DI
4
5
AO1
AO4
AO1
D/A
D/A
D/A
5
D/A
18
18
3
4
1
10bit Latch
10bit Latch
1
10bit Latch
10bit R-2R DA converter
10bit Latch
4
10bit R-2R DA converter
10bit R-2R DA converter
10bit R-2R DA converter
AO2
AO3
AO2
19
19
2
Ch2
Ch3
Ch2
Ch3
Buffer operation amplifier
VSS (VrefL)
GND
GND
20
20
1
Buffer operation amplifier
www.rohm.com (c) 2009 RzOHM Co., Ltd. All rights reserved.
3/8
2009.06 - Rev.A
1
2
3
L
L
L
L
4
L
L
5
6
7
L
L
8
L
L
L
9
L
L
L
10
BU2506FV,BU2505FV
Terminal Descriptions No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Terminal Name VSS AO3 AO4 AO5 Reverse Reset AO6 AO7 AO8 VDD VCC AO9(TEST1) AO10(TEST2) DO LD CLK DI AO1 AO2 GND Analog / Digital Analog Analog Analog Analog Digital Digital Analog Analog Analog Analog Analog Analog Digital Digital Digital Digital Analog Analog I/O O O O I I O O O O O O I I I O O Description DA converter lower standard voltage (VrefL) input terminal 10bit D/A output(CH3) 10bit D/A output(CH4) 10bit D/A output(CH5)
Technical Note
Equivalent Circuit 6 4 4 4 2 2 4 4 4 5 4 4 3 1 1 1 4 4 -
The reverse LSB and MSB of data designation 10bit in 14bit. All ch analog output L fixed 10bit D/A output(CH6) 10bit D/A output(CH7) 10bit D/A output(CH8) DA converter upper standard voltage (VrefH) input terminal Power source terminal 10bit D/A output(CH9) (BU2506FV : test terminal) 10bit D/A output(CH10) (BU2506FV : test terminal) This outputs bit data of LSB of 14bit shift register. LD terminal. When High level is input, the value of 14bit shift register is loaded to decoder and D/A output register. Shift clock input terminal. At rise of shift clock, the signal from DI terminal is input to 14bit shift register. Serial data input terminal. Serial data whose data length is 14bit (address 4bit + data 10bit) is input. 10bit D/A output(CH1) 10bit D/A output(CH2) GND terminal
*In the case of BU2506FV, be sure to leave the TEST1 and TEST2 terminals open
www.rohm.com (c) 2009 RzOHM Co., Ltd. All rights reserved.
4/8
2009.06 - Rev.A
BU2506FV,BU2505FV
Command Transmission 1) Reverse = open (or VCC short-circuit) setting (Data: LSB first) (1) Data format
Last MSB 13 12 11 10 9 8 7 6 5 4 3 2 1 First LSB 0
For address selection
Technical Note
For D/A converter output setting
(2) Data timing diagram
DI CLK LD DA OUTPUT LSB D0 D1 D2 D3 D11 D12 MSB D13
D3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 D6 0 0 0 0 : 1 1 D5 0 0 1 1 : 1 1
D2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 D4 0 1 0 1 : 0 1
D1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
D0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
Address Selection Inconsequential AO1 selection AO2 selection AO3 selection AO4 selection AO5 selection AO6 selection AO7 selection AO8 selection AO9 selection*1 AO10 selection*1 Inconsequential Inconsequential Inconsequential Inconsequential Inconsequential
D13 D12 D11 D10 D9 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 : : : : : 1 1 1 1 1 1 1 1 1 1 2) Reverse = L setting(Data: MSB first ) (1) Data format
Last MSB 4 5 6 7 8 9 10 11 12 13
D8 0 0 0 0 : 1 1
D7 0 0 0 0 : 1 1
D/A output (VrefH=VDD, VrefL=VSS) VrefL (VrefH-VrefL)/1024x1+VrefL (VrefH-VrefL)/1024x2+VrefL (VrefH-VrefL)/1024x3+VrefL : (VrefH-VrefL)/1024x1022+VrefL (VrefH-VrefL)/1024x1023+VrefL
First LSB 3 2 1 0
For D/A converter output setting
For address selection
(2) Data timing diagram
DI CLK LD DA OUTPUT LSB D0 D1 D2 D3 D11 D12 MSB D13
D3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 D6 0 0 0 0 : 1 1 D5 0 0 0 0 : 1 1
D2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 D4 0 0 0 0 : 1 1
D1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
D0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
Address selection Inconsequential AO1 selection AO2 selection AO3 selection AO4 selection AO5 selection AO6 selection AO7 selection AO8 selection AO9 selection*1 AO10 selection*1 Inconsequential Inconsequential Inconsequential Inconsequential Inconsequential
D13 0 1 0 1 : 0 1
D12 0 0 1 1 : 1 1
D11 0 0 0 0 : 1 1
D10 0 0 0 0 : 1 1
D9 0 0 0 0 : 1 1
D8 0 0 0 0 : 1 1
D7 0 0 0 0 : 1 1
D/A output (VrefH=VDD, VrefL=VSS) VrefL (VrefH-VrefL)/1024x1+VrefL (VrefH-VrefL)/1024x2+VrefL (VrefH-VrefL)/1024x3+VrefL : (VrefH-VrefL)/1024x1022+VrefL (VrefH-VrefL)/1024x1023+VrefL
*1 In the BU2506FV, this channel is for testing, therefore, do not designate.
www.rohm.com (c) 2009 RzOHM Co., Ltd. All rights reserved.
5/8
2009.06 - Rev.A
BU2506FV,BU2505FV
Electrical Characteristics Curves
6
Technical Note
6
6
5
5
5
4
4
4
VOUT [V]
3
VOUT [V]
VOUT [V]
3
3
2
2
2
1
1
1
0 0 200 400 600 800 1000 1200
0 0 200 400 600 800 1000 1200
0 0 200 400 600 800 1000 1200
Input Code [decimal]
Input Code [decimal]
Input Code [decimal]
Fig.1 Output voltage linearity(-30)
Fig.2 Output voltage linearity(25)
Fig.3 Output voltage linearity(85)
1.5
40
1.5
1
35
1
0.5
DNL [LSB]
30
0.5
0
DNL [LSB]
Rup [k]
25
0
-0.5
20
-0.5
-1
15
-1
-1.5 0 200 400 600 800 1000 1200
10 4 4.2 4.4 4.6 4.8 5 5.2 5.4 5.6 5.8 6
-1.5 0 200 400 600 800 1000 1200
Input Code [decimal]
Vin [V]
Input Code [decimal]
Fig.4 Differential linearity error (30)
1.5
Fig.5 Differential linearity error(25)
1.5
Fig.6 Differential linearity error(85)
1.5
1
1
1
0.5
0.5
0.5
INL [LSB]
INL [LSB]
0
0
INL [LSB]
0 200 400 600 800 1000 1200
0
-0.5
-0.5
-0.5
-1
-1
-1
-1.5 0 200 400 600 800 1000 1200
-1.5
-1.5 0 200 400 600 800 1000 1200
Input Code [decimal]
Input Code [decimal]
Input Code [decimal]
Fig.7 Integral linearity error(-30)
6 5
code=1FFh
Fig.8 Integral linearity error(25)
2.52
Fig.9 Integral linearity error(85)
40
35 2.51
VOUT [V]
ICC [mA]
Rup [k]
4 3 2 1 0 -40
code=000h
Ta=-30
Ta=25
Ta=85
30
2.5
25
Ta=25
Ta=85
20 2.49 15
Ta=-30
code=3FFh
2.48 -2.5 -1.5 -0.5 0.5 1.5 2.5
10 4 4.2 4.4 4.6 4.8 5 5.2 5.4 5.6 5.8 6
10 Temp. [ ]
60
IOUT [mA]
Vin [V]
Fig.10 Circuit current temperature characteristic
Fig.11 Output load fluctuation characteristic (input code : 1FFh)
Fig.12 Pull-up built in resistance characteristic
www.rohm.com (c) 2009 RzOHM Co., Ltd. All rights reserved.
6/8
2009.06 - Rev.A
BU2506FV,BU2505FV
Equivalent Circuits
Technical Note
*1
1
to inside
2
to inside
3
from inside
4 5 6
5
4
6
*1 25k at Vcc = 5.0V (changes according to voltage supplied)
Standard Example Application Circuit
V refH
VCC AO1 CH1
V refL
AO2
CH2
AO3 R everse R eset
CH3
C ontroller
LD C LK DI
A O 10 GND
C H 10
Operation Notes Ensure that a constant voltage is supplied to each of the 1 ground and 3 power supply terminals. Insert a bypass capacitor between each power supply terminal and ground in order to prevent deterioration of the D/A conversion accuracy due to ripple and noise signals. A capacitor should be inserted between the output and ground in order to eliminate jitter and noise. A capacitance up to 100pF is recommended (including the capacitance of the wire). This IC can select to decode the 10bit DI data pattern using either LSB first or MSB first, depending on the conditions of the REVERSE terminal. Therefore, be sure to stabilize the REVERSE terminal by leaving it open or short-circuiting VDD (LSB first), or short-circuiting GND (MSB first). Inserting a capacitor between the RESET terminal and GND and utilizing a time constant enables power ON reset functionality. Furthermore, when inputting the reset signal from the controller, it is possible to fix the output of all channels to Low at the low area of pulse.
www.rohm.com (c) 2009 RzOHM Co., Ltd. All rights reserved.
7/8
2009.06 - Rev.A
BU2506FV,BU2505FV
Ordering part number
Technical Note
B
U
2
Part No. 2506 2505
5
0
6
F
V
-
E
2
Part No.
Package FV: SSOP-B20
Packaging and forming specification E2: Embossed tape and reel
SSOP-B20
6.5 0.2
20 11

Tape Quantity
0.3Min.
Embossed carrier tape 2500pcs E2
The direction is the 1pin of product is at the upper left when you hold
6.4 0.3
4.4 0.2
Direction of feed
( reel on the left hand and you pull out the tape on the right hand
)
1
10
0.15 0.1
1.15 0.1
0.1 0.1
0.1 0.65 0.22 0.1
1pin
(Unit : mm)
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
www.rohm.com (c) 2009 RzOHM Co., Ltd. All rights reserved.
8/8
2009.06 - Rev.A
Notice
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the consent of ROHM Co.,Ltd. The content specified herein is subject to change for improvement without notice. The content specified herein is for the purpose of introducing ROHM's products (hereinafter "Products"). If you wish to use any such Product, please be sure to refer to the specifications, which can be obtained from ROHM upon request. Examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the Products. The peripheral conditions must be taken into account when designing circuits for mass production. Great care was taken in ensuring the accuracy of the information specified in this document. However, should you incur any damage arising from any inaccuracy or misprint of such information, ROHM shall bear no responsibility for such damage. The technical information specified herein is intended only to show the typical functions of and examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by ROHM and other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. The Products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, communication devices, electronic appliances and amusement devices). The Products specified in this document are not designed to be radiation tolerant. While ROHM always makes efforts to enhance the quality and reliability of its Products, a Product may fail or malfunction for a variety of reasons. Please be sure to implement in your equipment using the Products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM shall bear no responsibility whatsoever for your use of any Product outside of the prescribed scope or not in accordance with the instruction manual. The Products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-controller or other safety device). ROHM shall bear no responsibility in any way for use of any of the Products for the above special purposes. If a Product is intended to be used for any such special purpose, please contact a ROHM sales representative before purchasing. If you intend to export or ship overseas any Product or technology specified herein that may be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to obtain a license or permit under the Law.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
ROHM Customer Support System
http://www.rohm.com/contact/
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
R0039A


▲Up To Search▲   

 
Price & Availability of BU2505FV-E2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X