Part Number Hot Search : 
ISL94203 NDT2955 RB2545CT STC4054 1N1188E3 ADTR2 M4502 ECG005
Product Description
Full Text Search
 

To Download BL-HP20APGCL-5W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Power LED lamp BL-HP20AxxxL-5W
n
O O O O O O O n
Features:
1W and 3W, 5W LEDs suitable for illumination lamps and decorative lighting Longer service and less luminosity loss, 50,000hours Different emitting colors are available Working current: 200-350mA, 700mA, 1050mA With or without heat sink are both available Lambertian, batwing and side emitting are all available Light output from 20 to 170 lumens Applications: Commercial lighting Residential lighting Decorative lighting
5Watt Lambertian n Electrical-optical characteristics: (Ta=25 C)
Chip Forward Voltage(VF) Unit:V Flux Unit:lm @700mA
(Test Condition: IF=700mA)
5W Star with Lambertian type
Viewi P (nm) or CTT Lens Type ng Angle 2?1/2 (deg)
Emitted Color
Typ
Max
Min.
Typ.
Part Number
BL-HP20AUECL-5W BL-HP20AUYCL-5W BL-HP20APGCL-5W BL-HP20AUBCL-5W BL-HP20AUWCL-5W BL-HP20AUW2CL-5W
Ultra Orange Ultra Yellow Ultra Pure Green Ultra Blue Ultra White Ultra Warm White
630 590 525 470 6000k 3200k Water Clear
6.6 6.6 6.6 6.6 6.6 6.6
8.25 8.25 7.6 7.6 7.6 7.6
100 110 90 20 80 70
160 170 120 40 110 95 140
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 1 of 1 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM


▲Up To Search▲   

 
Price & Availability of BL-HP20APGCL-5W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X