Part Number Hot Search : 
S2020 EMC1102 DM74A C3843 AZ358C CYW2330 MBR20 92MHZ
Product Description
Full Text Search
 

To Download BC847T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN General Purpose Transistors KC847T(BC847T)
SOT-523
+0.1 1.6-0.1
Transistors
Unit: mm
Features
Low current (max. 100 mA) Low voltage (max. 45 V).
2
+0.1 1.0-0.1 +0.05 0.2-0.05
+0.01 0.1-0.01
1
+0.15 1.6-0.15
0.55
+0.25 0.3-0.05
0.5
+0.1 -0.1
0.35
3
1. Base
+0.05 0.75-0.05 +0.1 0.8-0.1
2. Emitter 3. Collecter
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Peak collector current power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICM PD Tj Tstg Rating 50 45 5 100 200 150 150 -65 to +150 Unit V V V mA mA mW
Electrical Characteristics Ta = 25
Parameter collector cut-off current emitter cut-off current KC847AT DC current gain KC847BT KC847CT collector-emitter saturation voltage VCEsat IC = 10 mA; IB = 0.5 mA IC = 100 mA; IB = 5 mA; * base-emitter voltage collector capacitance emitter capacitance noise figure transition frequency * Pulse test: tp 300 ms; 0.02. VBE Cc Ce F fT IC = 2 mA; VCE = 5 V IC = 10 mA; VCE = 5 V IE = ie = 0; VCB = 10 V; f = 1 MHz IC = ic = 0; VEB = 500 mV; f = 1 MHz IC = 200 A; VCE = 5 V; RS = 2 k kHz; B = 200 Hz ;f = 1 100 11 10 580 hFE IC = 2 mA; VCE = 5 V Symbol ICBO IEBO Testconditons IE = 0; VCB = 30 V IE = 0; VCB = 30 V; Tj = 150 IC = 0; VEB = 5 V 110 200 420 Min Typ Max 15 5 100 220 450 800 200 400 700 770 1.5 mV mV mV mV pF pF dB MHz Unit nA A nA
IC = 10 mA; VCE = 5 V; f = 100 MHz
Marking
NO. Marking KC847AT 1E KC847BT 1F KC847CT 1G
+0.05 0.8-0.05
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of BC847T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X