Part Number Hot Search : 
SM6T12A RT1N432X SD120 2SA744 3GD17 3GD17 F06T4 NTXV2N6
Product Description
Full Text Search
 

To Download B25673A4102A000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Film capacitors - Power Factor Correction
PhaseCap Compact capacitors
Series/Type: Ordering code: Date: Version:
MKK400-D-10-02 B25673A4102A000 May 2009 1
Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then change the color to "white". This ensures that the table disappears (invisible) for the customer PDF. Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it!
Identification/Classification 1 (header 1 + top left bar): Identification/Classification 2 (header 2 + bottom left header bar): Ordering code: (top right header bar) Series/Type: (top right header bar) Preliminary data (optional): (if necessary) Department: Date: Version: FK PC PM PFC May 2009 1 Film capacitors - Power Factor Correction PhaseCap Compact capacitors B25673A4102A000 MKK400-D-10-02
EPCOS AG 2009. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited
Film capacitors - Power Factor Correction PhaseCap Compact capacitors
B25673A4102A000 MKK400-D-10-02
Construction Dielectric: Polypropylene film Non PCB, Semi-dry biodegradable resin Concentric winding Wave cut Extruded round aluminum can with stud Provided with ceramic discharge module Overpressure disconnector
Features Three phase, delta connected Self-healing technology Naturally air cooled (or forced air cooling) Indoor mounting
Typical applications For Power Factor Correction Terminals SIGUT terminals Mounting Threaded stud at bottom of can (max. torque = 10 Nm for M12)
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 2 of 8
May 2009
Film capacitors - Power Factor Correction PhaseCap Compact capacitors
B25673A4102A000 MKK400-D-10-02
Technical data and specifications Characteristics
Rated capacitance CR Tolerance Connection Rated voltage VR Rated frequency fR Output Rated current IR tan (dielectric) 3 x 66.3 F -5 / +10% D (Delta) 400 V AC 50 Hz 10.0 kvar 14 A 0.2 W / kvar 60 Hz 12.0 kvar 17 A
Label design
Maximum ratings
Vmax (up to 8 h daily) Vmax (up to 1 min) Imax 440 V AC 520 V AC 1.9 x IR (A) (including combined effects of harmonics, overvoltages and capacitance tolerance) 300 x IR (A)
IS
Test data
VTT VTC *tan (50 Hz) 900 V AC / 50 Hz during 10 s 3000 V AC / 50 Hz during 10 s 0.4 W / kvar
* Without discharge resistor
Climatic category
Tmin Tmax (-) (+)
-40/D
40 C 55 C 65 C max. Up to 130 000 h av. rel. < 95% Pmax 4.00 W 2.66 W 1.32 W 0W 4000 m
-40/C
40 C 50 C 60 C max. Up to 180 000 h
4.5 4 3.5 3 2.5 2 1.5 1 0.5 0 50 55 60 65 70 amb 75 80 85 90 B25673A4102A000
Maximum power loss at ambient
Casing temperature Mean life expectancy Humidity Maximum altitude Maximum power loss at ambient
at ambient 55 C 65 C 75 C 85 C
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 3 of 8
P max
May 2009
Film capacitors - Power Factor Correction PhaseCap Compact capacitors
B25673A4102A000 MKK400-D-10-02
Switching voltages
Max. 10 000 switchings per year
Design data
Dimensions ( x l) Weight approx Impregnation Fixing Max. torque (Al can stud) Mounting position 85 x 162 mm 1.0 kg Non PCB, Semi-dry biodegradable resin Threaded bolt M12 10 Nm Any mounting position possible. See "Maintenance and Installation Manual" for further details.
Dimensional drawings
Terminals
Degree of protection Max. torque Terminal cross section Maximum terminal current Creepage distance (min) Clearance (min) Isolated terminals, IP20 1.2 Nm 16 mm2 50 A 12.7 mm 9.6 mm
Safety
Mechanical safety Max. short circuit current Discharge resistor time Overpressure disconnector (AFC: 10 kA) 1 min to 75 V or less
Reference standards
IEC 60831-1/2
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 4 of 8
May 2009
Film capacitors - Power Factor Correction PhaseCap Compact capacitors
B25673A4102A000 MKK400-D-10-02
Cautions and warnings In case of dents of more than 1 mm depth or any other mechanical damage, capacitors must not be used at all. This applies also in cases of oil leakages. To ensure the full functionality of the overpressure disconnector, elastic elements must not be hindered and a minimum space of 12 mm has to be kept above each capacitor. Do not handle the capacitor before it is discharged. Resonance cases must be avoided by appropriate application design in any case. Handle capacitors carefully, because they may still be charged even after disconnection due to faulty discharging devices. Protect the capacitor properly against over current and short circuit. Failure to follow cautions may result, worst case, in premature failures, bursting and fire. Discharging Capacitors must be discharged to a maximum of 10% of rated voltage before they are switched in again. This prevents an electric impulse discharge in the application, influences the capacitor's service life and protects against electric shock. The capacitor must be discharged to 75 V or less within 3 minutes. There must be not any switch, fuse or any other disconnecting device in the circuit between the power capacitor and the discharging device. PhaseCap Compact capacitors have a premounted ceramic discharge module; alternatively discharge reactors are available from EPCOS. Discharge and short circuit capacitor before handling! Service life expectancy Electrical components do not have an unlimited service life expectancy; this applies to self-healing capacitors too. The maximum service life expectancy may vary depending on the application the capacitor is used in. Safety Electrical or mechanical misapplication of capacitors may be hazardous. Personal injury or property damage may result from bursting of the capacitor or from expulsion of oil or melted material due to mechanical disruption of the capacitor. Ensure good, effective grounding for capacitor enclosures. Provide means of disconnecting and insulating a faulty component/bank. The terminals of capacitors, connected bus bars and cables as well as other devices may also be energized. Follow good engineering practice. Thermal load/over-temperature After installation of the capacitor it is necessary to verify that maximum hot-spot temperature is not exceeded at extreme service conditions.
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 5 of 8
May 2009
Film capacitors - Power Factor Correction PhaseCap Compact capacitors
B25673A4102A000 MKK400-D-10-02
Overpressure Disconnector To ensure full functionality of an overpressure disconnector, the following must be observed: 1. The elastic elements must not be hindered, i.e. Connecting lines must be flexible leads (cables). There must be sufficient space (min. 12 mm) for expansion above the connections. This will enable a longitudinal extension of the can to secure the overpressure disconnector work. Folding beads must not be retained by clamps. 2. The maximum allowed fault current of 10000 A in accordance with UL 810 standard must be assured by the application. 3. Stress parameters of the capacitor must be within the IEC60831 specification. Overcurrent and short circuit protection Use HRC fuses or MCCBs for short circuit protection. Short circuit protection and connecting cables should be selected so that 1.5 times the rated capacitor current can be permanently handled. HRC fuses do not protect a capacitor against overload - they are only for short circuit protection. The HRC fuse rating should be 1.6 to 1.8 times rated capacitor current. Do not use HRC fuses to switch capacitors (risk of arcing). Use thermal magnetic over current relays for overload protection. Resonance cases Resonance cases must be avoided by appropriate application design in any case. Maximum total RMS capacitor current (incl. fundamental harmonic current) specified in technical data must not be exceeded. Re-switching vs. phase-opposition In case of voltage interruption, a sufficient discharge time has to be ensured to avoid phaseopposition and resulting high inrush currents. Vibration resistance The resistance to vibration of capacitors corresponds to IEC 68, part 2-6. Max. test conditions: Test duration 6 h* Frequency range 1 10 ... 55 Hz* Displacement amplitude 0.75 mm*
*corresponding to max. 98.1 m/s or 10 g
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 6 of 8
May 2009
Film capacitors - Power Factor Correction PhaseCap Compact capacitors
B25673A4102A000 MKK400-D-10-02
These figures apply to the capacitor alone. Because the fixing and the terminals may influence the vibration properties, it is necessary to check stability when a capacitor is built in and exposed to vibration. Irrespective of this, you are advised not to locate capacitors where vibration amplitude reaches the maximum in strongly vibrating equipment. Mechanical protection The capacitor has to be installed in a way that mechanical damages and dents in the aluminum can are avoided. Grounding The threaded bottom stud of the capacitor has to be used for grounding. In case grounding is done via metal chassis that the capacitor is mounted to, the layer of varnish beneath the washer and nut should be removed. The maximum tightening torque is 10 Nm. Maintenance Check tightness of the connections/terminals periodically. Take current reading twice a year and compare with nominal current. Use a harmonic analyser or true effective RMS-meter. In case of current above the nominal current check your application for modifications. If a significant increase in the amount of non-linear loads has been detected, then a consultant has to be called in for a harmonic study. In case of the presence of harmonics installation of a de-tuned capacitor bank (reactors) must be considered. Check the discharge resistors/reactors and in case of doubt, check their function: (1) Power the capacitor up and down. (2) After 60 seconds the voltage between the terminals must decline to less than 75 V. Check the temperature of capacitors directly after operation for a longer period, but make sure that the capacitors have been switched off. In case of excessive temperature of individual capacitors, it is recommended to replace these capacitors, as this should be an indication for loss factor increase, which is a sign for reaching end of life. Storage and operating conditions Do not use or store capacitors in corrosive atmosphere, especially where chloride gas, sulfide gas, acid, alkali, salt or the like are present. In dusty environments regular maintenance and cleaning especially of the terminals is required to avoid conductive path between phases and/or phases and ground. Note For detailed information about PFC capacitors and cautions, refer to the latest version of EPCOS PFC Product Profile.
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 7 of 8
May 2009
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 8 of 8


▲Up To Search▲   

 
Price & Availability of B25673A4102A000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X