Part Number Hot Search : 
BZT03C68 ATR1841 021006 NCP2809A ADM693SQ UPD179 ACT244 LA15T
Product Description
Full Text Search
 

To Download AZ830P2-2C-6DSSE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ830P
POLARIZED DIP RELAY BISTABLE (LATCHING)
FEATURES * * * * * * * * * High sensitivity, 86 mW pickup Low profile DIP package Meets FCC Part 68.302 1500 V lightning surge Meets FCC Part 68.304 1000 V dielectric Epoxy sealed for automatic wave soldering and cleaning DC coils to 48 VDC High switching capacity, 60 W, 125 VA Fits standard 16 pin IC socket UL file E43203
GENERAL DATA
Life Expectancy Mechanical Electrical Minimum operations 1 x 108 1 x 105 at 2 A, 30 VDC or 1 A, 125 VAC 2 x 106 at 1 A, 30 VDC or .5 A, 125 VAC 3 ms at nominal coil voltage 3.5 ms at nominal coil voltage Contact to contact: 1.0 pF Contact set to contact: 1.0 pF Contact to coil: 2.0 pF At 10 mA contact current 1.5 ms at operate N.O. side 2.5 ms at operate N.C. side 1500 Vrms contact to coil 1000 Vrms between contact sets 1000 Vrms across contacts Meets FCC Part 68.302 lightning surge Meets FCC Part 68.304 V dielectric 1000 megohms min. at 20C, 500 VDC, 50% RH At nominal coil voltage Standard: -40C (-40F) to 85C (185F) Sensitive: -40C (-40F) to 95C (203F) Ultra-Sensitive: 40C (-40F) to 100C (212F) All: -40C (-40F) to 115C (239F) 0.062" DA at 10-55 Hz 40 g P .B.T. polyester Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 5 grams
CONTACTS
Arrangement Ratings DPDT (2 Form C) Bifurcated crossbar contacts Resistive load: Max. switched power: 60 W or 125 VA Max. switched current: 2 A Max. switched voltage: 150 VDC or 300 VAC Rated Load UL Material Resistance 2 A at 30 VDC 1 A at 120 VAC Silver alloy, gold clad. < 50 milliohms initially
Set Time (typical) Reset Time (typical) Capacitance
Bounce (typical)
Dielectric Strength (at sea level)
COIL (Polarized)
Insulation Resistance Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Standard coil: 176 mW Sensitive coil: 90 mW Ultra-Sensitive coil: 86 mW 1.2 W at 20C (68F) ambient 0.9 W at 40C (104F) ambient Standard: 38C (68F) at nominal coil voltage Sensitive: 21C (38F) at nominal coil voltage Ultra-Sensitive: 16C (29F) at nominal coil voltage Max. 115C (239F) Ambient Temperature Operating
Storage Vibration Shock Enclosure Terminals
Temperature
NOTES
All values at 20C (68F). Relay may pull in with less than "Must Operate" value. Relay has fixed coil polarity. Relay adjustment may be affected if undue pressure is exerted on relay case. 5. For complete isolation between the relay's magnetic fields, it is recommended that a .197" (5.0 mm) space be provided between adjacent relays. 6. Specifications subject to change without notice. 1. 2. 3. 4.
Max. Solder Temp. Max. Solder Time Max. Solvent Temp. Max. Immersion Time Weight
7/17/07W
AZ830P
RELAY ORDERING DATA
COIL SPECIFICATIONS STANDARD COIL
Nominal Max. Coil Coil Continuous Resistance VDC VDC 10% 3 4.5 25 5 6 9 12 24 48 7.5 9.0 13.5 18.0 36.0 72.0 69.4 100 225 400 1600 6400 Set Reset VDC 2.1 3.5 4.2 6.3 8.4 16.8 33.6
ORDER NUMBER*
AZ830P2-2C-3DE AZ830P2-2C-5DE AZ830P2-2C-6DE AZ830P2-2C-9DE AZ830P2-2C-12DE AZ830P2-2C-24DE
Maximum Switching Capacity
10.0
9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0
Current
AZ830P2-2C-48DE
1.0
.9 .8 .7 .6 .5 .4 .3 .2
AC Resistive Load DC Resistive Load
SENSITIVE COIL
3 5 6 9 12 24 6.4 10.6 12.7 19.1 25.5 50.9 50 139 200 450 800 3200 2.1 3.5 4.2 6.3 8.4 16.8 AZ830P2-2C-3DSE AZ830P2-2C-5DSE AZ830P2-2C-6DSE AZ830P2-2C-9DSE AZ830P2-2C-24DSE AZ830P2-2C-12DSE
Voltage
ULTRA-SENSITIVE COIL
3 5 6 9 12 24 7.3 12.3 14.7 22.0 29.4 58.8 66.7 185 267 600 1067 4267 2.4 4.0 4.8 7.2 9.6 19.2 AZ830P2-2C-3DSSE AZ830P2-2C-5DSSE AZ830P2-2C-6DSSE AZ830P2-2C-9DSSE AZ830P2-2C-12DSSE AZ830P2-2C-24DSSE
* Add suffix "R" to indicate reversed polarity.
MECHANICAL DATA
PC BOARD LAYOUT
.788 (20.0) .390 (9.9) 0.03 DIA (0.8) (10 HOLES) .044 (1.1) REF
.386 .366 (9.8) (9.3)
.138 (3.5) .012 .005 (0.3 0.13) TYP
.044 (1.1) REF
.044 (1.1) .100 (2.54) .200 (5.07)
.200 (5.07) .200 (5.07)
(.024 .005) (0.6 0.13) TYP
0.1 (2.54)
Viewed toward terminals
TWO COIL LATCHING WATCH FOR POLARITY
WIRING DIAGRAM
8
Diagrams show the "reset" position before energized with polarity as shown
1 +
2 +
4
6
- 16
- 15 13 11 9
Viewed toward terminals
Set
Reset
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
1000
100
10
.1
400 500 600 700 800 900
50 60 70 80 90
200
300
20
30
40
7/17/07W


▲Up To Search▲   

 
Price & Availability of AZ830P2-2C-6DSSE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X