Part Number Hot Search : 
2SC51 AD8318 2N2854 5MF500 RL30A 1SMB15CA STV6415A STV2180A
Product Description
Full Text Search
 

To Download AZ826-2C-6DSSE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ826
SUBMINIATURE ULTRA-SENSITIVE DIP RELAY
FEATURES * * * * * * * * * * * Low profile for compact board spacing DC coils to 24 VDC Bifurcated crossbar contacts Ultra-sensitivity, 84 mW pickup Life expectancy to 10 million operations High switching capacity, 24 W, 125 VA Fits standard 16 pin IC socket Epoxy sealed for automatic wave soldering and cleaning Meets FCC Part 68.302 1500 V lightning surge Meets FCC Part 68.304 1000 V dielectric UL, CUR file E43203 GENERAL DATA
DPDT (2 Form C) Resistive load: Max. switched power: 24 W or 125 VA Max. switched current: 2 A Max. switched voltage: 150 VDC or 220 VAC Rated Load UL Material Resistance 2.0 A at 30 VDC 1.0 A at 125 VAC Silver, gold plated < 50 milliohms initially Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Minimum operations 1 x 107 1 x 105 at 1.0 A 120 VAC Res. 6 ms at nominal coil voltage 5 ms at nominal coil voltage (with no coil suppression)
CONTACTS
Arrangement Ratings
Dielectric Strength 1500 Vrms contact to coil (at sea level for 1 min.) 500 Vrms between open contacts 1500 Vrms contact set to contact set Insulation Resistance Dropout 1000 megohms min. at 20C, 500 VDC, 50% RH Greater than 10% of nominal coil voltage At nominal coil voltage -40C (-40F) to 70C (158F) standard -40C (-40F) to 80C (176F) sensitive -40C (-40F) to 85C (185F) ultra-sensitive -40C (-40F) to 105C (221F) 1.5 mm DA at 10-55 Hz 50 g 11 ms 1/2 sine P.B.T. polyester Tinned copper alloy 270C (518F) 5 seconds 80C (176F) 30 seconds 4.5 grams
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise 180 mW standard 100 mW sensitive 84 mW ultra-sensitive 1.2 W at 20C (68F) 34C (61F) standard 23C (41F) sensitive 19C (34F) ultra-sensitive Max. 105C (221F)
Ambient Temperature Operating
Storage Vibration Shock Enclosure Terminals Max. Solder Temp.
Temperature
Max. Solder Time
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Other coil resistances and sensitivities available upon request. 4. Specifications subject to change without notice.
Max. Solvent Temp. Max. Immersion Time Weight
2/20/08W
AZ826
RELAY ORDERING DATA
STANDARD COIL SPECIFICATIONS
Nominal Coil VDC 3 5 6 9 12 24 Nominal Coil VDC 3 5 6 9 12 24 Nominal Coil VDC 3 4.5 5 6 9 12 24 Max. Continuous VDC 5.5 9.2 11.0 16.4 21.9 43.8 Max. Continuous VDC 7.3 12.2 14.7 22.0 29.0 52.3 Max. Continuous VDC 8.5 12.7 14.2 17.0 25.4 33.9 67.9 Coil Resistance 10% 25 70 100 225 400 1600 Coil Resistance 10% 45 125 180 405 720 2880 Coil Resistance 10% 60 135 167 240 540 960 3840 Must Operate VDC 2.1 3.5 4.2 6.3 8.4 16.8 Must Operate VDC 2.1 3.5 4.2 6.3 8.4 16.8 Must Operate VDC 2.3 3.4 3.8 4.5 6.8 9.0 18.0
ORDER NUMBER
AZ826-2C-3DME AZ826-2C-5DME AZ826-2C-6DME AZ826-2C-9DME AZ826-2C-12DME AZ826-2C-24DME
SENSITIVE COIL SPECIFICATIONS ORDER NUMBER
AZ826-2C-3DSE AZ826-2C-5DSE AZ826-2C-6DSE AZ826-2C-9DSE AZ826-2C-12DSE AZ826-2C-24DSE
ULTRA-SENSITIVE COIL SPECIFICATIONS ORDER NUMBER
AZ826-2C-3DSSE AZ826-2C-4.5DSSE AZ826-2C-5DSSE AZ826-2C-6DSSE AZ826-2C-9DSSE AZ826-2C-12DSSE AZ826-2C-24DSSE
MECHANICAL DATA
.795 Max. (20.2 Max.) .390 Max. (9.9 Max.)
.010 (0.25)
.472 Max. (12.0 Max.)
.028 (0.72)
.138 (3.5)
.016 (.04)
WIRING DIAGRAM
1 4 6 8
PC BOARD LAYOUT
.300 (7.62 )
16
13
11
9
.300 (7.62)
.200 .200 (5.08) (5.08)
.0.39 DIA (0.8) 8 HOLES
Viewed toward terminals
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
2/20/08W


▲Up To Search▲   

 
Price & Availability of AZ826-2C-6DSSE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X