Part Number Hot Search : 
SW7N65DW Z100FF3 NJM2120D L1181010 2SB1308 LT122001 PD64012 TSOP348
Product Description
Full Text Search
 

To Download ATTINY167-15MD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Appendix A - ATtiny87/ATtiny167 Automotive Specification at 150C
This document contains information specific to devices operating at temperatures up to 150C. Only deviations are covered in this appendix, all other information can be found in the complete Automotive datasheet. The complete Automotive datasheet can be found on www.atmel.com
8-bit Microcontroller with 16K Bytes In-System Programmable Flash ATtiny87 ATtiny167 Automotive
7792B-AVR-05/09
1. Electrical Characteristics
1.1 Absolute Maximum Ratings
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Parameters Operating Temperature Storage Temperature Voltage on any Pin except RESET with respect to Ground Voltage on RESET with respect to Ground Maximum Operating Voltage DC Current per I/O Pin DC Current VCC and GND Test Conditions -55 to +150 -65 to +175 -0.5 to VCC+0.5 -0.5 to +13.0 6.0 30 200.0 Unit C C V V V mA
1.2
DC Characteristics
Test Conditions Symbol VIL VIH VIL1 VIH1 VIL2 VIH2 VIL3 VIH3 VOL Min. -0.5 0.6VCC(2) -0.5 0.7VCC(2) -0.5 0.9VCC(2) -0.5 0.8VCC(2) Typ. Max. +0.2VCC(1) VCC + 0.5 +0.1VCC(1) VCC + 0.5 0.2VCC(1) VCC + 0.5 0.2VCC(1) VCC + 0.5 0.8 Unit V
TA = -40C to +150C, VCC = 4.5V to 5.5V (unless otherwise noted) Parameters Input Low Voltage, except VCC = 4.5V - 5.5V XTAL1 and RESET pin Input High Voltage, except XTAL1 and RESET pins Input Low Voltage, XTAL1 pin Input High Voltage, XTAL1 pin Input Low Voltage, RESET pin Input High Voltage, RESET pin Input Low Voltage, RESET pin as I/O Input High Voltage, RESET pin as I/O Output Low Voltage(3), I/O pin except RESET Notes: VCC = 4.5V - 5.5V VCC = 4.5V - 5.5V VCC = 4.5V - 5.5V VCC = 4.5V - 5.5V VCC = 4.5V - 5.5V VCC = 4.5V - 5.5V VCC = 4.5V - 5.5V IOL = 10mA, VCC = 5V
V
V V V V V V V
1. "Max" means the highest value where the pin is guaranteed to be read as low 2. "Min" means the lowest value where the pin is guaranteed to be read as high 3. Although each I/O port can sink more than the test conditions (20 mA at VCC = 5V) under steady state conditions (non-transient), the following must be observed: 1] The sum of all IOL, for all ports, should not exceed 400 mA. 2] The sum of all IOL, for ports C0 - C5, should not exceed 200 mA. 3] The sum of all IOL, for ports C6, D0 - D4, should not exceed 300 mA. 4] The sum of all IOL, for ports B0 - B7, D5 - D7, should not exceed 300 mA. If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test condition. 4. For temperature range +125C to +150C only. For -40C to +125C, refer to ATtiny167automotive datasheet.
2
ATtiny87/ATtiny167 Automotive
7792B-AVR-05/09
ATtiny87/ATtiny167 Automotive
1.2 DC Characteristics (Continued)
Test Conditions
(4)
TA = -40C to +150C, VCC = 4.5V to 5.5V (unless otherwise noted) (Continued) Parameters Output High Voltage , I/O pin except RESET Input Leakage Current I/O Pin Input Leakage Current I/O Pin Reset Pull-up Resistor I/O Pin Pull-up Resistor 16 MHz, Vcc = 5V Power Supply Current Active mode 8 MHz, Vcc = 5V 8 MHz, Vcc = 3V 4 MHz, Vcc = 3V 16 MHz, Vcc = 5V Power Supply Current Idle mode 8 MHz, Vcc = 5V 8 MHz, Vcc = 3V 4 MHz, Vcc = 3V WDT enabled, Vcc = 5V Power Supply Current Power-down mode WDT disabled, Vcc = 5V WDT enabled, Vcc = 3V WDT disabled, Vcc = 3V Analog Comparator Input Leakage Current Analog Comparator Propagation Delay Notes: VCC = 5V Vin = VCC/2 VCC = 4.0V Symbol VOH IIL IIH RRST RPU ICC ICC ICC ICC ICC ICC ICC ICC ICC ICC ICC ICC IACLK tACPD -50 180 35 20 10 5.5 2.8 1.8 3.5 1.8 1.0 0.5 7 0.18 5 0.15 Min. 4.0 1 1 65 50 15 8.0 4.0 3.0 6.0 3.0 2.0 1.0 150 150 150 100 +50 Typ. Max. Unit V A A k k mA mA mA mA mA mA mA mA A A A A nA ns
IOH = -10 mA, VCC = 5V VCC = 5.5V, pin low (absolute value) VCC = 5.5V, pin high (absolute value)
1. "Max" means the highest value where the pin is guaranteed to be read as low 2. "Min" means the lowest value where the pin is guaranteed to be read as high 3. Although each I/O port can sink more than the test conditions (20 mA at VCC = 5V) under steady state conditions (non-transient), the following must be observed: 1] The sum of all IOL, for all ports, should not exceed 400 mA. 2] The sum of all IOL, for ports C0 - C5, should not exceed 200 mA. 3] The sum of all IOL, for ports C6, D0 - D4, should not exceed 300 mA. 4] The sum of all IOL, for ports B0 - B7, D5 - D7, should not exceed 300 mA. If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test condition. 4. For temperature range +125C to +150C only. For -40C to +125C, refer to ATtiny167automotive datasheet.
3
7792B-AVR-05/09
1.3
ADC Characteristics
Test Conditions Single ended Vcc = 4V, VRef = 4V, ADC clock = 200 kHz Vcc = 4V, VRef = 4V, ADC clock = 200 kHz Vcc = 4V, VRef = 4V, ADC clock = 200 kHz, Temp = -40C to +150C Vcc = 4V, VRef = 4V, ADC clock = 200 kHz, Temp = -40C to +150C Vcc = 4V, VRef = 4V, ADC clock = 200 kHz, Temp = -40C to +150C VREF TUE INL Symbol Min. Typ. 10 2.0 0.6 3.5 2.0 Max. Unit Bit LSB LSB
TA = -40C to +150C, VCC = 4.5V to 5.5V (unless otherwise noted) Parameters Resolution Absolute accuracy Integral non linearity
Differential non linearity
DNL
0.4
1.5
LSB
Gain error
-6.0
-2.5
+2.0
LSB
Offset error Ref voltage
-3.5 2.56
+1.5
+3.5 AVCC
LSB V
1.4
Memory Endurance
EEPROM endurance: 50,000 Write/Erase cycles. Flash endurance: 10,000 Write/Erase cycles.
4
ATtiny87/ATtiny167 Automotive
7792B-AVR-05/09
ATtiny87/ATtiny167 Automotive
2. Grade 0 Qualification
The ATtiny87/ATtiny167 has been developed and manufactured according to the most stringent quality assurance requirements of ISO-TS-16949 and verified during product qualification as per AEC-Q100 grade 0. AEC-Q100 qualification relies on temperature accelerated stress testing. High temperature field usage however may result in less significant stress test acceleration. In order to prevent the risk that ATtiny87/ATtiny167 lifetime would not satisfy the application end-of-life reliability requirements, Atmel(R) has extended the testing, whenever applicable (High Temperature Operating Life Test, High Temperature Storage Life, Data Retention, Thermal Cycles), far beyond the AEC-Q100 requirements. Thereby, Atmel verified the ATtiny87/ATtiny167 has a long safe lifetime period after the grade 0 qualification acceptance limits. The valid domain calculation depends on the activation energy of the potential failure mechanism that is considered. Therefore any temperature mission profile which could exceed the AEC-Q100 equivalence domain shall be submitted to Atmel for a thorough reliability analysis Figure 2-1. AEC-Q100 Lifetime Equivalence
AEC-Q100 Lifetime Equivalence
1000000
100000
10000
Hours
1000
100
10
1 0 20 40 60 80 100 120 140 160
Temperature (C)
HTOL 0,59eV HTSL 0,45eV
5
7792B-AVR-05/09
3. Ordering Information
Speed (MHz) 16 16 16 16 16 Notes:
(2) (2)
Power Supply 4.5V - 5.5V 4.5V - 5.5V 4.5V - 5.5V 4.5V - 5.5V 4.5V - 5.5V 4.5V - 5.5V
Ordering Code ATtiny87-15MD ATtiny87-15XD ATtiny167-ESMD(3) ATtiny167-ESXD
(3)
Package(1) PN 6G PN 6G PN 6G
Operation Range Extended (-40C to +150C) Extended (-40C to +150C) Engineering samples Engineering samples Extended (-40C to +150C) Extended (-40C to +150C)
16(2)
(2) (2) (2)
ATTINY167-15MD ATtiny167-15XD
1. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green. 2. For Speed versus Vcc, see complete datasheet. 3. RevA engineering samples P/N given for reference. For RevB samples, order ATTINY167-15MD, ATtiny15XD.
4. Package Information
Package Type PN 6G 32-pad, 5 x 5 x 1.0 mm body, lead pitch 0.50 mm, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF): E2/D2 3.1 0.1 mm 20-leads, 4.4 x 6.5 mm body - 0.65 mmPitch - Lead Length: 0.6 mm, Thin Shrink Small Outline Package (TSSOP)
6
ATtiny87/ATtiny167 Automotive
7792B-AVR-05/09
ATtiny87/ATtiny167 Automotive
Figure 4-1. PN
7
7792B-AVR-05/09
Figure 4-2.
6G
8
ATtiny87/ATtiny167 Automotive
7792B-AVR-05/09
ATtiny87/ATtiny167 Automotive
5. Revision History
Please note that the following page numbers referred to in this section refer to the specific revision mentioned, not to this document.
5.1
7792A-AVR-05/08
* Document creation
5.2
7792B-AVR-05/09
* Section 1 "Electrical Characteristics" on pages 2 to 4 updated
9
7792B-AVR-05/09
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Unit 1-5 & 16, 19/F BEA Tower, Millennium City 5 418 Kwun Tong Road Kwun Tong, Kowloon Hong Kong Tel: (852) 2245-6100 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-en-Yvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com Technical Support avr@atmel.com Sales Contact www.atmel.com/contacts
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2009 Atmel Corporation. All rights reserved. Atmel(R), logo and combinations thereof, and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
7792B-AVR-05/09


▲Up To Search▲   

 
Price & Availability of ATTINY167-15MD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X