Part Number Hot Search : 
PE3903LF 250JB2L FN4101 AH512 APTGT AH9279 12N60 26N60
Product Description
Full Text Search
 

To Download AIMB-262 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AIMB-262
NEW
Intel(R) LGA775 CoreTM 2 Duo Mini-ITX with VGA, 4 COM, and LAN Features
Supports Intel(R) LGA775 Core 2TM Duo/Pentium(R) Dual-Core/Pentium(R) 4/ Celeron(R) processors with FSB 533/800/1066 MHz Intel(R) 945GC and ICH7 Two SODIMM sockets support up to 2 GB DDR2 533/667 SDRAM Supports onboard VGA and PCIe x16 expansion for additional graphics card Supports Embedded Software API and Utility
Software APIs:
H/W Monitor Watchdog
Utility:
BIOS flash Monitoring
Specifications
Processor System CPU Max. Speed Front Side Bus L2 Cache Chipset BIOS PCI Mini-PCI PCIe x16 Technology Max. Capacity Socket Controller VRAM Interface Controller Connector Max Data Transfer Rate Channel VGA Ethernet USB Audio Serial Parallel PS/2 USB Serial IDE SATA CompactFlash Parallel IrDA DIO Output Interval Power On Intel Core 2 Duo Intel Pentium Dual-Core E7400/E6700, 2.8/2.66 GHZ E2200 2.2GHz 1066 MHz 1066/800 MHz 3/2 MB 1 MB Intel 945GC + ICH7 Award 16 Mbit, SPI 4 GB/s per direction, 1 slot Dual channel DDR2 533/ 667 SDRAM 2 GB 2 x 200-pin SODIMM Intel Integrated Graphics Media Accelerator 950 Shared system memory up to 224 MB 10/100/1000 Mbps GbE LAN1: Realtek RTL8111C RJ-45 x 1 300 MB/s 2 1 1 4 (USB 2.0 compliant) 3 (Mic-in, Line-out, Line-in) 2 (1 of RS-232, 1 of RS-232/422/485) 2 (1 x keyboard and 1 x mouse) 2 (USB 2.0 compliant) 2 (RS-232) 2 1 System reset Programmable 1 ~ 255 sec/min 5V 3.3 V 12 V 4A 1.02 A 2.35 A Operating 0 ~ 60 C (32 ~ 140 F), depends on CPU speed and cooler solution 170 mm x 170 mm (6.69" x 6.69") Intel Pentium 4 651 3.4 GHz 800 MHz 2 MB Intel Celeron 440 2.0 GHz 800 MHz 512 K
Expansion Slot
Memory Graphics Ethernet SATA
Rear I/O
Internal Connector
Watchdog Timer Power Requirement Environment Physical Characteristics
5 Vsb 0.26 A Non-Operating -20 ~ 70 C (-4 ~ 158 F)
-12 V 0.12 A
Temperature Dimensions
Industrial Motherboards
All product specifications are subject to change without notice Last updated : 09-Nov-2009
AIMB-262 Board Diagram
Intel LGA775 Core 2 Duo/ Pentium 4 Processor
533/800/1066 MHz FSB
CRT PCIe x16
VGA PCIe x16
Channel A
Intel 945GC GMCH
DDR2 533/ 667 DDR2 533/ 667
Channel B
Direct Media Interface
2 GB/s bandwidth
16 MB SPI BIOS 2 SATA ports 6 USB Ports Realtek ALC655
SPI
PCIe x1
GbE LAN1: RTL 8111C
300 MB/s
ICH7
USB 2.0/1.1
AC-97 Link
LPC
on board TPM
Super IO Winbond W83627DHG
Fintek F81216D
2 RS-232
Ordering Information
Part Number AIMB-262VG-00A1E VGA Yes GbE LAN 1 COM 4
Packing List
Description AIMB-262 SATA HDD cable SATA Power cable Serial cable I/O port bracket Startup manual Driver CD Quantity x1 x2 x2 x2 x1 x1 x1
Riser Card
Part Number AIMB-R430P-03A2E Description 2U riser card with 3 PCI slot expansion
Bracket View
Accessories
Part Number 9680004525 1700008809 1700002204 1960022033T000 AIMB-DVI-00A1E AIMB-LVDS-00A1E AIMB-VGA-00A1E AIMB-HDMI-00A1E Description TPM module Parallel port cable with bracket Dual port USB cable (27 cm) with bracket LGA775 CPU cooler for 2U and wallmount chassis ADD2 DVI expansion card ADD2 LVDS expansion card ADD2 VGA expansion card ADD2 HDMI expansion card
Online Download www.advantech.com/products
Value-Added Software Services
Software API: An interface that defines the ways by which an application program may request services from libraries and/or operating systems. Provides not only the underlying drivers required but also a rich set of user-friendly, intelligent and integrated interfaces, which speeds development, enhances security and offers add-on value for Advantech platforms. It plays the role of catalyst between developer and solution, and makes Advantech embedded platforms easier and simpler to adopt and operate with customer applications.
Software APIs
Control
General Purpose Input/Output is a flexible parallel interface that allows a variety of custom connections. It allows users to monitor the level of signal input or set the output status to switch on/off a device. Our API also provides Programmable GPIO, which allows developers to dynamically set the GPIO input or output status. SMBus is the System Management Bus defined by Intel(R) Corporation in 1995. It is used in personal computers and servers for low-speed system management communications. The SMBus API allows a developer to interface a embedded system environment and transfer serial messages using the SMBus protocols, allowing multiple simultaneous device control. I2C is a bi-directional two wire bus that was developed by Philips for use in their televisions in the 1980s. The I2C API allows a developer to interface with an embedded system environment and transfer serial messages using the I2C protocols, allowing multiple simultaneous device control.
Monitor
A watchdog timer (WDT) is a device that performs a specific operation after a certain period of time if something goes wrong and the system does not recover on its own. A watchdog timer can be programmed to perform a warm boot (restarting the system) after a certain number of seconds.
GPIO
Watchdog
SMBus
Hardware Monitor
The Hardware Monitor (HWM) API is a system health supervision API that inspects certain condition indexes, such as fan speed, temperature and voltage.
I2C
Hardware Control
The Hardware Control API allows developers to set the PWM (Pulse Width Modulation) value to adjust fan speed or other devices; it can also be used to adjust the LCD brightness.
Display
Power Saving
The Brightness Control API allows a developer to interface with an embedded device to easily control brightness. Brightness Control CPU Speed
Make use of Intel SpeedStep technology to reduce power power consumption. The system will automatically adjust the CPU Speed depending on system loading.
The Backlight API allows a developer to control the backlight (screen) on/off in an embedded device. Backlight System Throttling
Refers to a series of methods for reducing power consumption in computers by lowering the clock frequency. These APIs allow the user to lower the clock from 87.5% to 12.5%.
Software Utilities
The BIOS Flash utility allows customers to update the flash ROM BIOS version, or use it to back up current BIOS by copying it from the flash chip to a file on customers' disk. The BIOS Flash utility also provides a command line version and API for fast implementation into customized applications. The embedded application is the most important property of a system integrator. It contains valuable intellectual property, design knowledge and innovation, but it is easily copied! The Embedded Security ID utility provides reliable security functions for customers to secure their application data within embedded BIOS. The Monitoring utility allows the customer to monitor system health, including voltage, CPU and system temperature and fan speed. These items are important to a device; if critical errors happen and are not solved immediately, permanent damage may be caused. The eSOS is a small OS stored in BIOS ROM. It will boot up in case of a main OS crash. It will diagnose the hardware status, and then send an e-mail to a designated administrator. The eSOS also provides remote connection: Telnet server and FTP server, allowing the administrator to rescue the system. Flash Lock is a mechanism that binds the board and CF card (SQFlash) together. The user can "Lock" SQFlash via the Flash Lock function and "Unlock" it via BIOS while booting. A locked SQFlash cannot be read by any card reader or boot from other platforms without a BIOS with the "Unlock" feature.
BIOS Flash
eSOS
Embedded Security ID
Flash Lock
Monitoring
Industrial Motherboards
All product specifications are subject to change without notice Last updated : 09-Nov-2009


▲Up To Search▲   

 
Price & Availability of AIMB-262

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X