|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
INTERCONNECTS 2mm Grid Right Angle Headers and Sockets Single and Double Row * Series 830 & 832 use MM #3790 & MM #3796 pins. See page 176 for details. Number of Pins X 2mm 2mm .018 DIA. .125 Series 830, 831, 832, 833 .142 .165 .110 1mm * Series 831 & 833 use MM #1805 and MM #3805 receptacles and accept pin diameters from .015"-.025". See page 140 for details. * Receptacles use Hi-Rel, 6 finger BeCu #43 contact rated at 3 amps. See page 220 for details. * Insulators are high temp. thermoplastic. 2002/95/EC .220 2mm RoHS Fig. 1 Ordering Information .142 .165 .110 Number of Pins X 2mm / 2 830...001 4mm Single Row Right Angle Header 830-10-0_ _-20-001000 2mm 1mm .018 DIA. Fig. 1 832...001 .125 Specify # of pins 01-50 .220 2mm 2mm Double Row Right Angle Header 832-10-_ _ _-20-001000 Fig. 2 Fig. 2 Specify # of pins 002-100 .165 .110 .083 Number of Pins X 2mm For Electrical, Mechanical & Enviromental Data, See pg. 4 For RoHS compliance select plating code. 1mm .018 DIA. 2mm .140 PLATING CODE = 10 10" Au 90 200" Sn/Pb 40 200" Sn Pin Plating 831...001 .220 2mm Single Row Right Angle Socket 831-43-0 _ _-20-001000 Fig. 3 833...001 Fig. 3 Specify # of pins 01-50 Double Row Right Angle Socket 833-43-_ _ _-20-001000 .165 .110 .083 Number of Pins X 2mm / 2 Fig. 4 4mm Specify # of pins For Electrical, Mechanical & Enviromental Data, See pg. 4 002-100 For RoHS compliance select plating code. 2mm 1mm .018 DIA. .140 .220 2mm 2mm PLATING CODE = 13 10" Au 30" Au 10" Au 93 200" Sn/Pb 30" Au 43 200"Sn 30" Au Fig. 4 Sleeve (Pin) Contact (Clip) w w w. m i l l - m a x . c o m 72 516-922-6000 |
Price & Availability of 832-10-100-20-001000 |