Part Number Hot Search : 
XR16M680 TPC6503 LB123D SGD06N60 S6025R 003931 NTD20 HB100
Product Description
Full Text Search
 

To Download 5KP80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5KP5.0 THRU 5KP110A
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage:5.0-110 Volts Peak Pulse Power:5000 Watts
R-6
FEATURE
1.0 (25.4) MIN.
0.360(9.1) 0.340(8.6) DIA.
0.360(9.5) 0.340(8.6)
5000w peak pulse power capability Excellent clamping capability Low incremental surge resistance Fast response time:typically less than 1.0ps from 0v to VBR for unidirectional and 5.0ns ror bidirectional types. High temperature soldering guaranteed: 265 C/10S/9.5mm lead length at 5 lbs tension
MECHANICAL DATA
1.0 (25.4) MIN. 0.052(1.3) 0.048(1.2) DIA.
Dimensions in inches and (millimeters)
Available in unidirectional only
Case: R-6 molded plastic body over passivated junction Terminals: Plated axial leads, solderable per MIL-STD 750 method 2026 Polarity: Color band denotes cathode except for bidirectional types Mounting Position: Any Weight: 0.072 ounce,2.05 grams
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. SYMBOLS Peak power dissipation Peak pulse reverse current (Note 1) (Note 1, Fig.3) PPPM IPPM PM(AV) IFSM VF TSTG,TJ VALUE Minimum 5000 See Table 1 8.0 400 3.5 -55 to + 175 UNITS Watts Amps Watts Amps Volts C
Steady state power dissapation (Note 2) Peak forward surge current (Note 3)
Maximum instantaneous forward voltage at 100A for unidirectional only (Note 3)
Operating junction and storage temperature range
Note: 1.10/1000ms waveform non-repetitive current pulse,per Fig.3 and derated above Ta=25 C per Fig.2 2.TL=75 C,lead lengths 9.5mm,Mounted on copper pad atea of (20x20mm)Fig.5 3.Measured on 8.3ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum.
www.shunyegroup.com
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
Breakdown Voltage V(BR) (Volts)(NOTES 1) MIN
5KP5.0 5KP5.0A 5KP6.0 5KP6.0A 5KP6.5 5KP6.5A 5KP7.0 5KP7.0A 5KP7.5 5KP7.5A 5KP8.0 5KP8.0A 5KP8.5 5KP8.5A 5KP9.0 5KP9.0A 5KP10 5KP10A 5KP11 5KP11A 5KP12 5KP12A 5KP13 5KP13A 5KP14 5KP14A 5KP15 5KP15A 5KP16 5KP16A 5KP17 5KP17A 5KP18 5KP18A 5KP20 5KP20A 5KP22 5KP22A 5KP24 5KP24A 5KP26 5KP26A 5KP28 5KP28A 5KP30 5KP30A 5KP33 5KP33A 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 31.10 31.10 33.30 33.30 36.70 36.70
Device Type
MAX
7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.20 9.21 10.90 9.83 11.50 10.40 12.20 11.10 13.60 12.30 14.90 13.50 16.30 14.70 17.60 15.90 19.10 17.20 20.40 18.50 21.80 19.70 23.10 20.90 24.40 22.10 27.10 24.50 29.80 26.90 32.60 29.50 35.30 31.90 38.00 34.40 40.70 36.80 44.90 40.60
Maximum Maximum Reverse Test Stand-off Peak Puls Leakage Current Voltage Reverse Current VWM atVWM IT(mA) IPPM(NOTE2) (Volts) ID(NOTE3)(mA) (Amps)
50 50 50 50 50 50 50 50 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.00 10.00 11.00 11.00 12.00 12.00 13.00 13.00 14.00 14.00 15.00 15.00 16.00 16.00 17.00 17.00 18.00 18.00 20.00 20.00 22.00 22.00 24.00 24.00 26.00 26.00 28.00 28.00 30.00 30.00 33.00 33.00 5000 5000 5000 5000 2000 2000 1000 1000 250 250 150 150 50 50 20 20 15 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 522 544 439 486 407 447 377 417 350 388 334 368 315 348 296 325 266 295 249 275 228 252 210 233 194 216 186 205 174 193 164 181 155 172 140 154 127 141 116 129 107 119 100 110 93.6 103 84.8 93.9
Maximum Clamping Voltage at IPPM Vc(Volts)
9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59.0 53.3
Maximum Temperature Coefficient of V(BR) (%/ C)
0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103 0.104 0.104
www.shunyegroup.com
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
Breakdown Voltage V(BR) (Volts)(NOTES 1) MIN
5KP36 5KP36A 5KP40 5KP40A 5KP43 5KP43A 5KP45 5KP45A 5KP48 5KP48A 5KP51 5KP51A 5KP54 5KP54A 5KP58 5KP58A 5KP60 5KP60A 5KP64 5KP64A 5KP70 5KP70A 5KP75 5KP75A 5KP78 5KP78A 5KP85 5KP85A 5KP90 5KP90A 5KP100 5KP100A 5KP110 5KP110A 40.00 40.00 44.40 44.40 47.80 47.80 50.00 50.00 53.30 53.30 56.70 56.70 60.00 60.00 64.40 64.40 66.70 66.70 71.10 71.10 77.80 77.80 83.30 83.30 86.70 86.70 94.40 94.40 100.00 100.00 111.00 111.00 122.00 122.00
Device Type
MAX
48.90 44.20 54.30 49.10 58.40 52.80 61.10 55.30 65.20 58.90 69.30 62.70 73.30 66.30 78.70 71.20 81.50 73.70 86.90 78.60 95.10 86.00 102.00 92.10 106.00 95.80 115.00 104.00 122.00 111.00 136.00 123.00 149.00 135.00
Maximum Maximum Reverse Test Stand-off Peak Puls Voltage Leakage Current Reverse Current VWM atVWM IT(mA) IPPM(NOTE2) (Volts) ID(NOTE3)(mA) (Amps)
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 36.00 36.00 40.00 40.00 43.00 43.00 45.00 45.00 48.00 48.00 51.00 51.00 54.00 54.00 58.00 58.00 60.00 60.00 64.00 64.00 70.00 70.00 75.00 75.00 78.00 78.00 85.00 85.00 90.00 90.00 100.00 100.00 110.00 110.00 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.8 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0
Maximum Clamping Voltage at IPPM Vc(Volts)
77.8 86.1 70.1 77.6 65.2 72.1 62.3 68.8 58.5 64.7 54.9 60.7 52.0 57.5 48.6 53.5 46.8 51.7 43.9 48.6 40.0 44.3 37.4 41.4 36.0 39.7 33.2 36.5 31.3 34.3 28.0 30.9 25.6 28.3
Maximum Temperature Coefficient of V(BR) (%/ C)
0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.112 0.112
NOTES: 1.V(BR) measured after IT applied for 300ms IT=square wave pulse or equivalent 2.Surge current waveform per Fig.3 and derate per Fig.2 3.All items and symbols are consistent with ANSI/IEEE C62.35
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES 5KP5.0 THUR 5KP110A
FIG. 1-PEAK PULSE POWER RATING CURVE
100
PEAK PULSE POWER(PppM)or CURRENT(IppM) DERATING IN PERCENTAGE,%
FIG. 2-PULSE DERATING CURVE
100
PppM,PEAK PULSE POWER,kw
10
75
1.0
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG.3 TA=25 C
50
25
0.1
0.1ms
1.0ms
10ms
100ms
1.0ms
10ms
td,PULSE WIDTH,sec.
0 0 25 50 75 100 125 150 175 200
TA, AMBIENT TEMPERATURE,( C)
FIG. 4-TYPICAL JUNCTIONAL CAPACITANCE FIG.3-PULSE WAVEFORM
150 100,000
PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IppM
IppM,PEAK PULSE CURRENT,%
tr=10msec
f=1.0MHz Vsig=50mVp-p TJ=25 C
PEAK VALUE IppM
100
CJ,JINCTION CAPACITANCE,pF
MEASURED at ZERO BIAS
10,000
HALF VALUE
IPPM 2
50
10/1000msec WAVEFORM as DFINED by R.E.A.
1,000
0 0
td
1.0 2.0 3.0 4.0
MEASURED at ATAND-OFF VOLTAGE,VWM
t,TIME,ms
100 1 10 100 200
V(BR),BREAKDOWN VOLTAGE,VOLTS FIG.5-STEADY STATE POWER DERATING CURVE
8
PM(AV),STEADY STATE POWER DISSIPATION,WATTS
60Hz RESISTIVE OR INDUCTIVE LOAD IFSM,PEAK FORWARD SURAGE CURRENT AMPERES
6 400 350 300 250 200 150 100
FIG.6-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
4
L=0.375" (9.5mm) lLEAD LENGTHS
2
1.6 1.6 0.040"(40 40 1mm) COPPER HEAT SINKS
0 0 25 50 75 100 125 150 175 200
1.0
10
100
TL,LEAD TEMPERATURE, C
NUMBER OF CYCLES AT 60Hz
www.shunyegroup.com


▲Up To Search▲   

 
Price & Availability of 5KP80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X