Part Number Hot Search : 
IRLHM620 15500 CH375 2SA1248 KTA501 MAX4864L 168L500 MLX90
Product Description
Full Text Search
 

To Download 3VD186600YL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3VD186600YL
3VD186600YL HIGH VOLTAGE MOSFET CHIPS
DESCRIPTION
3VD186600YL is a High voltage N-Channel enhancement mode power MOS-FET chip fabricated in advanced silicon epitaxial planar technology. Advanced termination scheme to provide enhanced voltageblocking capability. Avalanche Energy Specified Source-to-Drain Diode Recovery Time Comparable to a Discrete Fast Recovery Diode The chips may packaged in TO-251-3Ltype and the typical equivalent product is 1N60. The packaged product is widely used in AC-DC power suppliers, DC-DC converters and H-bridge PWM motor drivers. Die size: 1.96mm*1.78mm. Chip Thickness: 30020m. Top metal : Al, Backside Metal : Ag. CHIP TOPOGRAPHY
1-Gate PAD 3-Source PAD
1
3
ABSOLUTE MAXIMUM RATINGS (Tamb=25C)
Parameter Drain-Source Voltage Gate-Source Voltage Drain Current Operation Junction Temperature Storage Temperature Symbol VDS VGS ID TJ Tstg Ratings 600 30 1.0 150 -55-150 Unit V V A C C
ELECTRICAL CHARACTERISTICS (Tamb=25C)
Parameter Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current Drain-Source On-Resistance Source-Drain Diode Forward On Voltage Symbol V(BR)DSS Vth(GS) lGSS IDSS RDS(on) VFSD Test conditions VGS = 0V, ID=250uA ID=250uA ,VDS=VGS VGS=30V, VDS=0V VDS=600V, VGS=0V ID=0.4A, VGS=10V ID=1.0A,VGS=0V Min. 600 2.0 --------Typ. ------------Max. ---4.0 100 1.0 11 1.4 Unit V V nA A V
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http:www.silan.com.cn
REV:1.0
2008.10.15 Page 1 of 1


▲Up To Search▲   

 
Price & Availability of 3VD186600YL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X