Part Number Hot Search : 
MX7503JN MBR840D 1N5985 FU220N MP151 HL6503MG 16001 738BT3
Product Description
Full Text Search
 

To Download 398DX1LP11000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4,724'' x 4,724'' x 0,984'' 120 x 120 x 25 mm
398D
DC Axial Fans
Series
Approvals
R
R
RoHS
Brushless DC Motor
Electrical protection: impedance protected Housing material: plastic UL 94 VO Impeller material: plastic UL 94 VO Weight: 180 g Bearing system: ball bearings
Available with:
- Speed sensor - Alarm - IP54 / IP55
Life expectancy
L-10 LIFE AT 40C: 70 000 hours
Airflow: CFM
398DM
Static pressure: mmH2O
398DS 398DH
398DZ
Static pressure: InH2O
398DL
398DX
Airflow: l/s
Part Number
398DL1LP11000 398DL2LP11000 398DL4LP11000 398DM1LP11000 398DM2LP11000 398DM4LP11000 398DH1LP11000 398DH2LP11000 398DH4LP11000 398DS1LP11000 398DS2LP11000 398DS4LP11000 398DX1LP11000 398DX2LP11000 398DZ1LP11000 398DZ2LP11000
Nominal voltage
V
Airflow
l/s
Noise level
dB(A)
Nominal speed Input Power
RPM W
Voltage range
V
Connection type Operating temperature
Leads Terminals Min.C Max.C
12 24 48 12 24 48 12 24 48 12 24 48 12 24 12 24
27,0 27,0 27,0 32,5 32,5 32,5 38,8 38,8 38,8 44,2 44,2 44,2 48,2 48,2 53,8 53,8
31 31 31 34 34 34 39 39 39 42,5 42,5 42,5 45,5 45,5 48,5 48,5
1950 1950 1950 2300 2300 2300 2670 2670 2670 3000 3000 3000 3300 3300 3700 3700
1,68 1,68 1,92 2,04 2,16 2,40 3,24 3,36 3,36 3,60 3,60 3,84 4,80 4,80 6,00 6,00
(7-13,8) (14-27,6) (28-56) (7-13,8) (14-27,6) (28-56) (7-13,8) (14-27,6) (28-56) (7-13,8) (14-27,6) (28-56) (7-13,8) (14-27,6) (7-13,8) (14-27,6)
X X X X X X X X X X X X X X X X
-10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10
60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60
Additional versions:
398DX and 398DZ in 48 V
Accessories:
Refer to Accessories leaflet
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2008


▲Up To Search▲   

 
Price & Availability of 398DX1LP11000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X