Part Number Hot Search : 
18CX10 ABF1502 M4S48HA 2SC4624 DTA143T MAX693A 40CPQ015 CT138
Product Description
Full Text Search
 

To Download 2SC3659 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC3659
DESCRIPTION *High Breakdown Voltage: VCES= 1700V (Min) *Built-in Damper Didoe
APPLICATIONS *Designed for high voltage, high power switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCES
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC
Collector Current- Continuous
w w
scs .i w
VALUE 1700 6 8 50 150
UNIT
V
.cn mi e
V
A
PC
Collector Power Dissipation @ TC=25
W
TJ
Junction Temperature
Tstg
Storage Temperature Range
-45~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC3659
TYP.
MAX
UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 1.25A
B
2.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 1.25A
B
1.5
V
ICBO
Collector Cutoff Current
VCE= 1400V; IE= 0
0.5
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
500
mA
VECF
C-E Diode Forward Voltage
IF= 6A
tf
Fall Time
w w
scs .i w
IC= 5A, IB1= 1A, IB2= -2.5A, LB= 0
.cn mi e
2.0
V
0.5
s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC3659

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X