|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2N4403 Elektronische Bauelemente RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free PNP Transistor Plastic-Encapsulate Transistors TO-92 4.550.2 FEATURES Power Dissipation 3.50.2 4.50.2 MAXIMUM RATINGS* TA=25 oC unless otherwise noted Symbol VCBO VCEO VEBO IC PC * TJ Tstg RJA Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Power dissipation Junction Temperature Storage Temperature Thermal Resistance, junction to Ambient Value -40 -40 -5 -600 0.625 150 -55to +150 357 o Units V V V mA W o 14.30.2 0.46 +0.1 -0.1 (1.27 Typ.) 1.25-0.2 123 2.540.1 +0.2 0.43 +0.08 -0.07 C C o C /mW 1: Emitter 2: Base 3: Collector ELECTRICAL CHARACTERISTICS (Tamb=25 oC Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) hFE(2) DC current gain hFE(3) hFE(4) hFE(5) Collector-emitter saturation voltage VCE(sat)1 VCE(sat)2 VBE(sat)1 VBE(sat)2 fT Cob td tr tS tf unless Test otherwise specified) MIN -40 -40 -6 -100 -100 30 60 100 100 20 -0.4 -0.75 -0.75 -0.95 -1.3 200 8.5 15 V V V V MHz pF nS nS nS nS 300 TYP MAX UNIT V V V nA nA conditions IC=-100A,IE=0 IC=-1mA,IB=0 IE=-100A,IC=0 VCB=-35V,IE=0 VEB=-5V,IC=0 VCE=-1V,IC=-0.1mA VCE=-1V,IC=-1mA VCE=-1V,IC=-10mA VCE=-1V,IC=-150mA VCE=-2V,IC=-500mA IC=-150mA,IB=-15mA IC=-500mA,IB=-50mA IC=-150mA,IB=-15mA IC=-500mA,IB=-50mA VCE=-10V,IC=-20mA,f=100MHz VCB=-10V,IE=0,f=100KHz Base-emitter saturation voltage Transition frequency Collector capacitance Delay time Rise time Storage time Fall time VCC=-30V, IC=-150mA IB1=- IB2=-15mA 20 225 30 http://www.SeCoSGmbH.com/ 01-Jun-2002 Rev. A Any changing of specification will not be informed individual Page 1 of 3 2N4403 Elektronische Bauelemente PNP Transistor Plastic-Encapsulate Transistors http://www.SeCoSGmbH.com/ 01-Jun-2002 Rev. A Any changing of specification will not be informed individual Page 2 of 3 2N4403 Elektronische Bauelemente PNP Transistor Plastic-Encapsulate Transistors http://www.SeCoSGmbH.com/ 01-Jun-2002 Rev. A Any changing of specification will not be informed individual Page 3 of 3 |
Price & Availability of 2N4403 |