Part Number Hot Search : 
T83C51 BCR48PN 2SK44 K1100E70 UGPZ20G LT1498 2C151 TLRME17T
Product Description
Full Text Search
 

To Download 24-6575-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series X57X Quick-Release Universal Zero-Insertion-Force DIP Test Socket
FEATURES * Universal Test Socket accepts devices on 0.300 to 0.600 [7.62 to 15.24] centers * All pin count sockets go into PCB with either 0.300 or 0.600 [7.62 to 15.24] centers * Swing quick-release handle down to open contacts and insert device. Release and handle automatically returns as contacts close onto device leads * Socket handle can be mounted on either the right or left side * Sockets can be soldered into PCBs or plugged into any socket GENERAL SPECIFICATIONS * STANDARD SOCKET BODY: (for -10, -10TL, -11, -16 sockets) black UL 94V-0 glass-filled Polyphenylene Sulfide (PPS) * HIGH-TEMPERATURE SOCKET BODY: (for -18 socket) natural color PolyCUSTOMIZATION: In addition to the standard products shown etheretherketone (PEEK) on this page, Aries specializes in custom design and production. * HANDLE: Stainless Steel Special materials, platings, sizes, and configurations can be furnished, depending on the quantity. NOTE: Aries reserves the * HANDLE KNOB: Brass 360, 1/2-hard (no knob on loop handle) right to change product general specifications without notice. * CONTACT MATERIAL: (for -10, -10TL, -11) BeCu 172 per QQ-C-553; (for -16) Spinodal; (for -18) BeNi 360, 1/2-hard * ALL BECU CONTACTS: 50 [1.27] min. Ni under plate per QQ-N-290, over plated with either: -10 200 [5.08] min. matte Sn per ASTM B545-97; or -10TL 200 [5.08] min. 90/10 Sn/Pb per MIL-T-10727-11 10 [0.25] min. Au per MIL-G-45204 * SPINODAL CONTACT PLATING: (for -16) 50 [1.27] min. NiB ORDERING INFORMATION * HIGH-TEMPERATURE BeNi CONTACT PLATING: (for -18) 50 [1.27] NiB XX-X57X-1 8 * CONTACT CURRENT RATING: 1 amp * INSULATION RESISTANCE: 1000 m min. Plating Pins * DIELECTRIC WITHSTANDING VOLTAGE: 1000 0 = Sn over Ni 24, 28, 32, 36, VAC OTL = Sn/Pb over Ni 40, 42, 44, 48 * LIFE CYCLE: 25,000 to 50,000 cycles 1 = Ay over Ni Row-to-Row Spacing (btm) * OPERATING TEMPERATURE: min. -67F 6 = NiB (Spinodal) 3 = 0.300 [7.62] [-55C]; max. 221F [105C] for 8 = Hi-temp Socket* 6 = 0.600 [15.24] (std) Sn plating, 302F [150C] for Au plating, 392F Solder Pin Tail [200C] for NiB plating, 45 Handle Options 482F [250C] for high-temperature socket 0 = Long Handle, right side * RETENTION FORCE (closed): 55 grams/pin 1 = Long Handle, left side based on a 0.020 [0.51] dia. test lead 2 = Short Handle, right side * ACCEPTS LEADS: 0.015-0.035 [0.38-0.89] 3 = Short Handle, left side wide, 0.110-0.280 [2.79-7.11] long 4 = Loop Handle, right side 5 = Loop Handle, left side MOUNTING CONSIDERATIONS * NOTE: only Loop Handle available * See socket footprint below w/hi-temp. socket
Handle Long w/Knob Short w/ Knob Loop (no Knob)
Dim "H1" 0.568 [14.43] 0.317 [8.05] 0.270 [6.86]
Dim. "H2" 0.300 [7.62] 0.400 [10.16] 0.193 [4.90]
Dim "H3" 0.471 [11.96] 0.252 [6.40] 0.405 [10.29]
Bristol, PA 19007-6810 USA TEL (215) 781-9956 * FAX (215) 781-9845 WWW.ARIESELEC.COM * INFO@ARIESELEC.COM
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
10019 1 of 2 Rev. AA
Series X57X Quick-Release Universal Zero-Insertion-Force DIP Test Socket
ALL DIMENSIONS: INCHES [MILLIMETERS] ALL TOLERANCES: 0.005 [0.13] UNLESS OTHERWISE SPECIFIED "A" = (NO. OF PINS PER ROW x 0.100 [2.54]) + 0.590 [14.99] "B" = (NO. OF PINS PER ROW -1) x 0.100 [2.54] "C" = (NO. OF PINS PER ROW x 0.100 [2.54] + 0.415 [10.54] SOCKET FITS ARIES TEST SOCKET RECEPTACLE XX-6556-XX OR SIMILAR COMPETITOR'S MODELS. CONSULT DATA SHEET 10003 CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
Bristol, PA 19007-6810 USA TEL (215) 781-9956 * FAX (215) 781-9845 WWW.ARIESELEC.COM * INFO@ARIESELEC.COM
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
10019 2 of 2 Rev. AA


▲Up To Search▲   

 
Price & Availability of 24-6575-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X