Part Number Hot Search : 
AT89S5 FTSO2369 CT357VT2 FSM23PT 2N6796 G79L18 DGD2110 00AXC
Product Description
Full Text Search
 

To Download 222215369109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 153 CLV
Vishay BCcomponents
Aluminum Capacitors SMD (Chip) Long Life Vertical
FEATURES
* Polarized aluminum electrolytic capacitors, non-solid electrolyte, self healing * SMD-version with base plate, vertical construction requiring minimum board space, reflow solderable * High CV per unit volume
Fig.1 Component outline.
* Long useful life: 2000 to 3000 hours at 105 C * Charge and discharge proof, no peak current limitation
140 CLH
* Supplied in blister tape on reel. * Lead (Pb)-free terminations available. * ATTENTION: for maximum safe soldering conditions refer
153 CRV Lead (Pb)-free
153 CLV
150 CLZ
to fig.4
APPLICATIONS
* SMD technology, for high mounting density
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes (L x W x H in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 105 C: case sizes 4.0 x 4.0 x 5.3 to 6.3 x 6.3 x 5.3 case sizes 8.0 x 8.0 x 6.5 to 10 x 10 x 14 Useful life at 105 C: case sizes 4.0 x 4.0 x 5.3 to 6.3 x 6.3 x 5.3 case sizes 8.0 x 8.0 x 6.5 to 10 x 10 x 14 Useful life at 40 C; 1.3 x lR applied: case sizes 4.0 x 4.0 x 5.3 to 6.3 x 6.3 x 5.3 case sizes 8.0 x 8.0 x 6.5 to 10 x 10 x 14 Shelf life at 0 V, 105 C Based on sectional specification Climatic category IEC 60068 200000 hours 300000 hours 1000 hours IEC 60384-18/ CECC 32300 55/105/56 2000 hours 3000 hours 1000 hours 2000 hours VALUE 4.0 x 4.0 x 5.3 to 10 x 10 x 14 0.47 to 1000 F 20% 6.3 to 100 V - 55 to +105 C
* Coupling, decoupling, smoothing, filtering, buffering, timing * Telecommunications, general industrial, EDP, automotive, portable and lightweight equipment.
MARKING
* Rated capacitance (in F). * Rated voltage (in V). * Date code, in accordance with IEC 60062. * Black mark or `-' sign indicating the cathode (the anode is identified by bevelled edges). * Code indicating group number (V).
PACKAGING
Supplied in blister tape on reel.
Document Number: 28302 Revision: 07-Nov-05
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com 1
153 CLV
Vishay BCcomponents
Aluminum Capacitors SMD (Chip) Long Life Vertical
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
CR (F) 0.47 1.0 2.2 3.3 4.7 10 22 33 47 UR (V) 6.3 - - - - - - 4.0 x 4.0 x 5.3 - 5.0 x 5.0 x 5.3 6.3 x 6.3 x 5.3 - 220 330 470 680 1000 - 8.0 x 8.0 x 10 10 x 10 x 10 10 x 10 x 12 10 x 10 x 14 10 - - - - - - - 5.0 x 5.0 x 5.3 - - - 8.0 x 8.0 x 10 10 x 10 x 10 10 x 10 x 12 10 x 10 x 14 - 16 - - - - - 4.0 x 4.0 x 5.3 5.0 x 5.0 x 5.3 - 6.3 x 6.3 x 5.3 8.0 x 8.0 x 6.5 - 10 x 10 x 10 10 x 10 x 12 10 x 10 x 14 - - 25 - - - - - - - 6.3 x 6.3 x 5.3 8.0 x 8.0 x 6.5 8.0 x 8.0 x 10 - 10 x 10 x 12 10 x 10 x 14 - - - 35 - - - - 4.0 x 4.0 x 5.3 5.0 x 5.0 x 5.3 6.3 x 6.3 x 5.3 8.0 x 8.0 x 6.5 - - - 10 x 10 x 12 - - - - 50 4.0 x 4.0 x 5.3 4.0 x 4.0 x 5.3 4.0 x 4.0 x 5.3 4.0 x 4.0 x 5.3 5.0 x 5.0 x 5.3 6.3 x 6.3 x 5.3 8.0 x 8.0 x 6.5 8.0 x 8.0 x 10 8.0 x 8.0 x 10 10 x 10 x 10 10 x 10 x 12 - - - - - 63 - - - - - - - - 10 x 10 x 12 10 x 10 x 14 - - - - - - 100 - - - - - 10 x 10 x 12 10 x 10 x 12 10 x 10 x 14 - - - - - - - -
100
Table 1
TAPE AND REEL DIMENSIONS in millimeters AND PACKAGING QUANTITIES
CASE CODE 0405 0505 0605 0807 0810 1010 1012 1014 Note 1. Detailed tape dimensions see section `PACKAGING'. PITCH P1 8 12 12 12 16 16 16 16 TAPE WIDTH W 12 12 16 16 24 24 24 24 TAPE THICKNESS T2 5.8 5.8 5.8 6.8 11.3 11.3 12.8 14.8 REEL DIA. 380 380 380 380 380 380 330 330 PACKAGING QUANTITY PER REEL 2000 1000 1000 1000 500 500 250 250
www.vishay.com 2
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28302 Revision: 07-Nov-05
153 CLV
Aluminum Capacitors SMD (Chip) Long Life Vertical
Vishay BCcomponents
Table 2
0.4 0.2
L
DIMENSIONS in millimeters AND MASS
NOMINAL CASE SIZE LxWxH 4.0 x 4.0 x 5.3 5.0 x 5.0 x 5.3 6.3 x 6.3 x 5.3 8.0 x 8.0 x 6.5 8.0 x 8.0 x 10 10 x 10 x 10 10 x 10 x 12 10 x 10 x 14 CASE CODE 0405 0505 0605 0807 0810 1010 1012 1014 Lmax 4.5 5.5 6.8 8.6 8.6 10.6 10.6 10.6 Wmax 4.5 5.5 6.8 8.6 8.6 10.6 10.6 10.6 Hmax 5.5 5.5 5.5 6.8 10.5 10.5 12.3 14.3 D 4.0 5.0 6.3 8.0 8.0 10.0 10.0 10.0 Bmax 0.8 0.8 0.8 0.8 1.1 1.1 1.2 1.2 S 1.0 1.4 2.0 2.3 3.1 4.7 4.5 4.5 C 2.0 0.2 2.3 0.2 2.7 0.2 3.4 0.2 3.0 0.2 3.3 0.2 3.9 0.2 3.9 0.2 MASS (g) 0.13 0.20 0.30 0.50 1.00 1.30 1.40 1.50
0.3 max. H WB
C
S
C
D
Fig.2 Dimensional outline.
MOUNTING
The capacitors are designed for automatic placement on to printed-circuit boards. Optimum dimensions of soldering pads depend amongst others on soldering method, mounting accuracy, print layout and/or adjacent components. For recommended soldering pad dimensions, refer to Fig.3 and Table 3.
a c a b
Fig.3
SOLDERING
Soldering conditions are defined by the curve, temperature versus time, where the temperature is that measured on the soldering pad during processing. For maximum conditions refer to Fig.4. Any temperature versus time curve which does not exceed the specified maximum curves may be applied.
Table 3
Recommended soldering pad dimensions.
AS A GENERAL PRINCIPLE, TEMPERATURE AND DURATION SHALL BE THE MINIMUM NECESSARY REQUIRED TO ENSURE GOOD SOLDERING CONNECTIONS. HOWEVER, THE SPECIFIED MAXIMUM CURVES SHOULD NEVER BE EXCEEDED.
RECOMMENDED SOLDERING PAD DIMENSIONS in millimeters
CASE CODE 0405 0505 0605 0807 0810 1010 1012 1014 a 2.6 3.0 3.5 4.0 3.5 4.0 4.3 4.3 b 1.6 1.6 1.6 1.6 2.5 2.5 2.5 2.5 c 1.0 1.4 1.9 2.1 3.0 4.0 4.0 4.0
T PAD
280
o ( C) 260
240 220 200 180 160 140 120 100 80
0
50
100
150
200
t (s)
250
Fig.4
Maximum temperature load during infrared reflow soldering measured on the soldering pad. www.vishay.com 3
Document Number: 28302 Revision: 07-Nov-05
For technical questions contact: aluminumcaps1@vishay.com
153 CLV
Vishay BCcomponents
Aluminum Capacitors SMD (Chip) Long Life Vertical
ORDERING EXAMPLE*
DESCRIPTION rated capacitance at 100 or 120 Hz, tolerance 20 % rated RMS ripple current at 100 or 120 Hz, 105 C max. leakage current after 2 minutes at UR max. dissipation factor at 100 or 120 Hz equivalent series resistance at 100 kHz
ELECTRICAL DATA
SYMBOL CR IR IL2 Tan ESR Note 1. Unless otherwise specified, all electrical values in Table 4 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %. Table 4
Electrolytic capacitor 153 series 100 F/25 V; 20 % Nominal case size: 8 x 8 x 10 mm; taped on reel Catalog number: 2222 153 66101. * To ensure delivery of lead (Pb)-free parts during the transition period, please contact your Vishay sales agent.
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) 6.3 CR (F) 22 47 100 330 470 680 1000 33 220 330 470 680 10 22 47 100 220 330 470 33 47 100 220 330 4.7 10 22 33 220 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 100 47 100 10 22 33 NOMINAL CASE SIZE LxWxH (mm) 4.0 x 4.0 x 5.3 5.0 x 5.0 x 5.3 6.3 x 6.3 x 5.3 8.0 x 8.0 x 10 10 x 10 x 10 10 x 10 x 12 10 x 10 x 14 5.0 x 5.0 x 5.3 8.0 x 8.0 x 10 10 x 10 x 10 10 x 10 x 12 10 x 10 x 14 4.0 x 4.0 x 5.3 5.0 x 5.0 x 5.3 6.3 x 6.3 x 5.3 8.0 x 8.0 x 6.5 10 x 10 x 10 10 x 10 x 12 10 x 10 x 14 6.3 x 6.3 x 5.3 8.0 x 8.0 x 6.5 8.0 x 8.0 x 10 10 x 10 x 12 10 x 10 x 14 4.0 x 4.0 x 5.3 5.0 x 5.0 x 5.3 6.3 x 6.3 x 5.3 8.0 x 8.0 x 6.5 10 x 10 x 12 4.0 x 4.0 x 5.3 4.0 x 4.0 x 5.3 4.0 x 4.0 x 5.3 4.0 x 4.0 x 5.3 5.0 x 5.0 x 5.3 6.3 x 6.3 x 5.3 8.0 x 8.0 x 6.5 8.0 x 8.0 x 10 8.0 x 8.0 x 10 10 x 10 x 10 10 x 10 x 12 10 x 10 x 12 10 x 10 x 14 10 x 10 x 12 10 x 10 x 12 10 x 10 x 14 IR 105 C (mA) 21 36 61 180 320 340 400 31 180 320 330 380 16 28 47 110 320 330 370 44 110 180 270 300 14 23 50 110 270 5 7 10 12 17 26 110 180 180 320 230 220 240 150 150 170 IL2 2 min (A) 3.0 3.0 6.3 21 30 43 63 3.3 22 33 47 68 3.0 3.5 7.5 16 35 53 75 8.3 12 25 55 83 3.0 3.5 7.7 12 77 3.0 3.0 3.0 3.0 3.0 5.0 11 17 24 50 50 30 63 10 25 33 Tan 0.30 0.30 0.30 0.30 0.30 0.24 0.24 0.26 0.26 0.26 0.19 0.19 0.22 0.22 0.22 0.22 0.22 0.16 0.16 0.16 0.16 0.16 0.14 0.14 0.13 0.13 0.13 0.13 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.09 0.09 0.07 0.07 0.07 ESR 100 kHz () 8 4 2 0.5 0.3 0.29 0.24 4 0.5 0.3 0.29 0.24 8 4 2.2 1.2 0.3 0.29 0.25 2.2 1.2 0.5 0.29 0.27 8 4 2.2 1.2 0.29 12 12 12 12 6 3 1.2 0.5 0.5 0.3 0.29 0.29 0.41 0.9 0.9 0.65 CATALOG NUMBER 2222 153 ..... 63229 63479 63101 63331 63471 63681 63102 64339 64221 64331 64471 64681 65109 65229 65479 65101 65221 65331 65471 66339 66479 66101 66221 66331 60478 60109 60229 60339 60221 61477 61108 61228 61338 61478 61109 61229 61339 61479 61101 91106 68479 68101 69109 69229 69339
10
16
25
35
50
63 100
www.vishay.com 4
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28302 Revision: 07-Nov-05
153 CLV
Aluminum Capacitors SMD (Chip) Long Life Vertical
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Equivalent series inductance (ESL) case codes 0405 to 0605 case codes 0807 to 1010 case codes 1012 and 1014 typ. 10 nH typ. 15 nH typ. 16 nH after 2 minutes at UR IL2 0.01 x CR x UR or 3 A, whichever is greater IEC 60384-18, subclause 4.14 IEC 60384-18, subclause 4.16 Us 1.15 x UR Urev 1 V CONDITIONS VALUE
Vishay BCcomponents
CAPACITANCE (C)
1.1 C C0 1.0 2 1
EQUIVALENT SERIES RESISTANCE (ESR)
102 ESR (W)
10 1
1
0.9
2 3 1
0.8
2
Curve 1: 1 F, 50 V. Curve 2: 100 F, 6.3 V.
Curve 1: 22 F, 6.3 V. Curve 2: 22 F, 16 V. Curve 3: 22 F, 25 V.
0.7
-40
-20
0
20
40
60
80
C0 = capacitance at 20 C.
100 120 Tamb (C)
0.1 0.1
1
10
102
f (kHz)
103
Fig.5 Typical multiplier of capacitance at 100 or 120 Hz as a function of ambient temperature.
Fig.6 Typical ESR as a function of frequency at 20 C.
DISSIPATION FACTOR (tan )
10 tan 2 1
IMPEDANCE (Z)
102 Z (W)
Curve 1: 1 F, 50 V. Curve 2: 100 F, 6.3 V.
10
1
1
0.1
2 3 1
0.01
Curve 1: 22 F, 6.3 V. Curve 2: 22 F, 16 V. Curve 3: 22 F, 25 V.
-1 -60
-40
-20
0
20
40
60
80 100 Tamb (C)
120
0.1 0.1
1
10
102
f (kHz)
103
Fig.7 Typical dissipation factor (tan ) at 100 or 120 Hz as a function of ambient temperature. Document Number: 28302 Revision: 07-Nov-05
Fig.8 Typical impedance as a function of frequency at 20 C.
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com 5
153 CLV
Vishay BCcomponents
Aluminum Capacitors SMD (Chip) Long Life Vertical
RIPPLE CURRENT AND USEFUL LIFE
CCC206 3.8 IA IR 3.7 3.6 3.5 3.4 3.3 3.2 3.1 3.0
2.8 lifetime multiplier 2.6
1.
2.4
0 1. 5
2.2
2. 0 3. 0
2.0
4. 0 6. 0
1.8
8. 0 12
IA = actual ripple current at 100 or 120 Hz. IR = rated ripple current at 100 or 120 Hz, 105 C. For case codes 0405 to 1010 max. IA/IR = 2.4. (1) Useful life at 105 C and IR applied: case codes 0405 to 0605: 2000 hours case codes 0807 to 1014: 3000 hours
1.6
20
1.4 1.2 1.0 0.8 0.5 0.0
30 60 0 10 0 15 0 20
40 50 60 70 80 90 100 110 Tamb (C) (1)
Fig.9 Multiplier of useful life as a function of ambient temperature and ripple current load.
Table 5
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 or 60 100 or 120 300 1000 3000 10000 IR MULTIPLIER UR = 6.3 to 16 V 0.80 1.00 1.10 1.15 1.20 1.25 UR = 25 or 35 V 0.80 1.00 1.15 1.25 1.35 1.40 UR = 50 to 100 V 0.80 1.00 1.20 1.35 1.45 1.50
www.vishay.com 6
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28302 Revision: 07-Nov-05
153 CLV
Aluminum Capacitors SMD (Chip) Long Life Vertical
Table 6
Vishay BCcomponents
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Mounting REFERENCE IEC 60384-18, subclause 4.3 PROCEDURE (quick reference) shall be performed prior to tests mentioned below; reflow soldering; for maximum temperature load refer to chapter "Mounting" Tamb = 105 C; UR applied; 1000 hours, case codes 0405 to 0605 2000 hours, case codes 0807 to 1014 Tamb = 105 C; UR and IR applied; 2 000 hours, case codes 0405 to 0605 3000 hours, case codes 0807 to 1014 REQUIREMENTS C/C: 10 % tan spec. limit IL2 spec. limit C/C: 20 % tan 2 x spec. limit IL2 spec. limit Useful life CECC 30301, subclause 1.8.1 C/C: 50 % tan 3 x spec. limit IL2 spec. limit no short or open circuit total failure percentage: 1 % Shelf life (storage at high temperature) IEC 60384-18/ CECC 32300, subclause 4.17 Tamb = 105 C; no voltage applied; 1000 hours after test: UR to be applied for 30 minutes, 24 to 48 hours before measurement for requirements see `Endurance test' above
Endurance
IEC 60384-18/ CECC 32300, subclause 4.15
Document Number: 28302 Revision: 07-Nov-05
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 222215369109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X