Part Number Hot Search : 
B3916 ADM666A TS9519GS RN142V TLP227 GB71DPBK UN421E HFP5N50S
Product Description
Full Text Search
 

To Download 1000360001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/90/270 | BLF 5.08/90F SN
General ordering data Order No. Part designation Version EAN Qty. Packaging System parameters Conductor connection system Outgoing direction of conductor Pitch in mm Pitch in inch No. of poles No. of rows Screwdriver blade Screwdriver blade standard Stripping length L1 in mm L1 in inch Electric shock protection to DIN VDE 0470 Electric shock protection to DIN VDE 57 106 Material data Insulating material Colour colour chart Flammability class UL 94 Contact material Contact surface Contact base material
1000360001 BLF 5.08/16/90F SN BK BX PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 16, 90, Box 4032248690329 18 pc(s). Box PUSH IN 90 5.08 mm 0.2 inch 16 1 0.6 x 3.5 DIN 5264 10 mm 76.2 mm 3 inch IP 20 Safe from finger touch PBT black Similar to RAL 9011 V-0 CuSn tinned CuSn
-1-
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/90/270 | BLF 5.08/90F SN
Connectable conductors Clamping range, min. Clamping range, max. Conductor connection cross-section AWG, min. Conductor connection cross-section AWG, max. Solid, min. H05(07) V-U Solid, max. H05(07) V-U Stranded, max. H07V-R Stranded, min. H07V-R Flexible, min. H05(07) V-K Flexible, max. H05(07) V-K w. wire end ferrule, DIN 46228 pt 1, min with wire end ferrule, DIN 46228 pt 1, max. w. plastic collar ferrule, DIN 46228 pt 4, min. with plastic collar ferrule, DIN 46228 pt 4, max. Gauge to EN 60999 a x b; o DIN IEC rating data Rated current, min. No. of poles (Tu=20C) Rated current, max. No. of poles (Tu=20C) Rated current, no. of poles (Tu=40C), min. Rated current, no. of poles (Tu=40C), max. Rated voltage for overvoltage class/pollution severity II/2 Rated voltage for overvoltage class/pollution severity III/2 Rated voltage at overvoltage category/pollution degree III/3 Rated impulse withstand voltage for overvoltage class/pollution severity II/2 Rated impulse withstand voltage for overvoltage class/pollution severity III/2 Rated impulse withstand voltage for overvoltage class/pollution severity III/3 Short-time withstand current resistance Approvals Approvals institutes Classifications eClass 6.0 Notes Notes
0.13 mm 3.31 mm AWG 26 AWG 12 0.2 mm 2.5 mm 2 mm 0 mm 0.2 mm 2.5 mm 0.2 mm 2.5 mm 0.2 mm 2.5 mm 2.4 mm x 1.5 mm 18.5 A 6A 12.5 A 6A 400 V 320 V 250 V 4 kV 4 kV 4 kV 3 x 1s with 120 A CSA; CURUS; ROHS 27-26-07-08
Similar products Order No. 1000220001 Part designation BLF 5.08/02/90F SN BK BX Version PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 2, 90, Box
-2-
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/90/270 | BLF 5.08/90F SN
1000230001 1000240001 1000250001 1000260001 1000270001 1000280001 1000290001 1000300001 1000310001 1000320001 1000330001 1000340001 1000350001 1000370001 1000380001 1000390001 1000400001
BLF 5.08/03/90F SN BK BX BLF 5.08/04/90F SN BK BX BLF 5.08/05/90F SN BK BX BLF 5.08/06/90F SN BK BX BLF 5.08/07/90F SN BK BX BLF 5.08/08/90F SN BK BX BLF 5.08/09/90F SN BK BX BLF 5.08/10/90F SN BK BX BLF 5.08/11/90F SN BK BX BLF 5.08/12/90F SN BK BX BLF 5.08/13/90F SN BK BX BLF 5.08/14/90F SN BK BX BLF 5.08/15/90F SN BK BX BLF 5.08/17/90F SN BK BX BLF 5.08/18/90F SN BK BX BLF 5.08/19/90F SN BK BX BLF 5.08/20/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 3, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 4, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 5, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 6, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 7, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 8, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 9, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 10, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 11, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 12, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 13, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 14, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 15, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 17, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 18, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 19, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 20, 90, Box
-3-


▲Up To Search▲   

 
Price & Availability of 1000360001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X