Part Number Hot Search : 
SD219 TDA8755 E1307 SBR13003 Z051B CLM4322N MP1010G 1N370
Product Description
Full Text Search
 

To Download TX0351A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TAI-SAW TECHNOLOGY CO., LTD.
VCTCXO SMD 3.2x2.5 13.57285156MHz
MODEL NO.: TX0351A REV. NO.: 1
Revise:
Rev. 1 Rev. Page N/A Rev. Account Initial release Date Ref. No. Revised by Kelly Huang 8/17/09' N/A
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC Release document
2
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, 324, Taiwan, R.O.C. TEL: 886-3-4690038 FAX: 886-3-4697532 E-mail: tstsales@mail.taisaw.com Web: www.taisaw.com
VCTCXO SMD 3.2x2.5 13.57285156MHz
MODEL NO.: TX0351A REV. NO.: 1
RoHS Compliant Lead free Lead-free soldering
Features:
Ultra Miniature SMD Package Good Frequency Stability Good Phase Noise Response
Description and Applications:
Surface mount 3.2mmx2.5mm VCTCXO for for use in wireless communications devices
Electrical Specifications:
TX0351A
Nominal Frequency, Fo Storage Temperature Range Operating Temperature Range Power Supply Voltage, Vdd Output Voltage with Load 10pF//10K, Vout Power Supply Current, Idd Control Voltage, Vcon Frequency Tolerance (Vcon=1.5V) Vcon Frequency Control Range (1.5+/-1.0 V) Frequency Stability a. Vs. Temperature (-30~75C) b. Vs. Load varied 10pF//10K+/-10% c. Vs. Supply Voltage varied 2.0V+/-5% Start Up Time (90% of final RF level in Vp-p) Harmonics SSB Phase Noise (@1KHz Carrier Offset) Marking
Specifications 13.57285156MHz
-40C to +85C -30C to +75C 2.0 V 0.8 Vp-p min 2.0 mA max 1.0 +/- 1.0 V +/- 1.0 ppm max @ 25C +/- 3C +/-10 ppm/V min +/- 2.5 ppm +/- 0.2 ppm +/- 0.2 ppm 3.0 msec max. -5.0 dBc max -130 dBc/Hz max Laser marking
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC Release document
3
Mechanical Dimensions (mm):
Marking:
Line 1: Customer Frequency (13.57) Line 2: TST Logo + Crystal Product Code + Date Code
Product Code Table
2009 2010 2014 2018 2011 2015 2019 2012 2016 2020
Year product code
Date Code Table
WK01 A WK14 N WK27 a WK40 n WK02 B WK15 O WK28 b WK41 o WK03 C WK16 P WK29 c WK42 p
2013 2017
X
WK04 D WK17 Q WK30 d WK43 q WK05 E WK18 R WK31 e WK44 r
x
WK06 F WK19 S WK32 f WK45 s WK07 G WK20 T WK33 g WK46 t WK08 H WK21 U WK34 h WK47 u
X
WK09 I WK22 V WK35 i WK48 v WK10 J WK23 W WK36 j WK49 w
x
WK11 K WK24 X WK37 k WK50 x WK12 L WK25 Y WK38 l WK51 y WK13 M WK26 Z WK39 m WK52 z
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC Release document
4
Recommended Circuit
Packing (mm):
1. Reel Dimension
A Dimensions Tolerance
180
B
C
D
E
9.1
F
2.9
H
3.9
G
T2 T1 T3
9.0 1.2
60 13.0 2.0
4.9 11.4
1.0 +1.0 0.2 0.5 0.5 0.5 0.5 0.5 1.0 0.3 0.1
2. Tape Dimension
Unit: mm
Dimension Tolerance
A0
B0
W
8.00
F 3.5 0.05
E
P0
P1
P2 2 0.05
D1
1.50
D
1.0
K0
1.75
t
0.25 0.02
2.80 3.71
1.75 4.00 4.00 0.1 0.1 0.1
0.1 0.1 +0.3/-0.1
+0.1/-0.00 +0.25/-0.00 0.1
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC Release document
5
Packing Quantity/Packing:
Reflow Profile:
300
Reflow Area
250 Temperature (deg C) 200 150 100 50 0 0
Rising Area
Preheat Area
Forced Cooling Area
Max peak temperature: 260 deg C
60
120
180 Time (seconds)
240
300
360
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC Release document
6
Notes of the Usage:
1. Touch the solder iron at 260+/-5 deg C onto the leads for 10+/-2 sec max or touch the solder at 350+/-5 deg C onto the leads for 3+/-0.5 sec. 2. In the customer's reflow process, if it will remain some mechanical stress at the soldering terminals, also make some cracks on the soldering termination. Some cracks will cause open or short circuit and cause of thermal increasing or smoking. Don't make any excess mechanical stress to soldering points. 3. In case of giving a heavy shock to the products, it may make an open or short circuit and cause of thermal increasing and smoking. To avoid heavy shock impact applying to products is strictly required.
Notes of the Storage:
1. To keep products under the condition at the room temperature (-5~35 deg C) with normal humidity (45~75%). Absorption of moisture and dewdrop may make inferiority of characteristics and a short circuit. 2. Oxidization of terminals shall make the solderability more inferior. Dusts and corrosive gas will make a cause of the open or short circuit. Keep it in the clean place where is not in dusty and no corrosive gas. 3. Use the unti-static material to the storage package. 4. Don't put any excess weight to the VCTCXO in the storage process. 5. Don't move the product from the cold place to the hot place in the short time, otherwise it may make some dew-drop, then a short circuit may happen in case. 6. Storage periods should be maximum 6 months under condition of above item 1 after delivery from TST factory. 7. Once open the bag, there is possibility of electrical characteristics deterioration due to absorption of moisture. So, please use parts within 7 days after opening the bag. 8. If you have to keep parts without using after opening the bag, please put the drying agent in the bag, fold the bag and keep it in the place where temperature and humidity are controlled (nitrogen atmosphere box etc.)
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC Release document
7


▲Up To Search▲   

 
Price & Availability of TX0351A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X