Part Number Hot Search : 
2SA811A 107NN5AA CSNE121 P150T FAIDL45 AD1582 F1002 800ME
Product Description
Full Text Search
 

To Download TL432 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
Low Voltage Adjustable Precision Shunt Regulator
Features * Precise Reference Voltage to 1.24V * Guaranteed 2%, 1% , 0.5% Reference Voltage Tolerance * Sink Current Capability, 80A to100mA * Quick Turn-on * Adjustable Output Voltage, Vo=VREF to 15V * 0.2 Typical Output Impedance * TO-92, SOT-23, SOT-89 packages. Applications * Linear Regulator * Adjustable Supplies * Switching Power Supplies * Battery Charger * Instrumentation * Computer Disk Drives TO-92
TL432
PIN CONNECTIONS
ANODE
REFERENCE
CATHODE
SOT-23
SOT-89
Ordering Information Product Number TL432CLF TL432CLS TL432CS TL432CP TL432ALF TL432ALS TL432AS TL432AP TL432LF TL432LS TL432S TL432P Reference Input Voltage TO-92 0.5% SOT-23 SOT-89 TO-92 1% SOT-23 SOT-89 TO-92 2% SOT-23 SOT-89 Package
Rev. 01
TL432
Block Diagram
Absolute Maximum Ratings
Symbol VKA IK I REF Tj Parameter Cathode voltage Continuous cathode current range Reference current range Operating Junction Temperature Range Symbol VKA IK I REF Tj Rating 18 100 3 - 40 to 150 Unit V mA mA C Pad # 1 2 3
Description
REF ANODE CATHODE
Rev. 01
TL432
Electrical Characteristics Ta= 25 (unless otherwise noted) C
Symbol Parameter Test Conditions
VKA=VREF, lK=10mA (Fig. 1) TA =25 C TL432 (2%) TL432-A (1%) TL432-C (0.5%) TA=full range (see Note1) VKA=VREF, lK=10mA (Fig. 1)
Min 1.216 1.228 1.234
TL432 Typ 1.240 1.240 1.240 10 -1 0.5 0.05 0.04 0.2 60
Max 1.264 1.252 1.246 25 -2.7 1.0 0.3 0.5 0.4 80
Unit
VRFF
Reference voltage
V
VDEV VREF/VKA IREF IREF(DEV) Ik(off) Zka IK(MIN)
VREF Temp Deviation Ratio of Change in VREF to Change in Cathode Voltage Reference Input Current IREF Temp Deviation Off-state cathode current Dynamic Output Impedance Minimum Operating Current
mV mV / V A A A A
!K=10mA, VKA=15V to VREF (Fig. 2) IK=10mA, R1 =10k R2= (Fig.2) TK=full range (see Note 1), R1 =10k, R2=, IK=10mA (Fig. 2) VREF=0 V,(Fig.3) Vk=15V Vka=Vref, Ik=1mA to 100mA F 1kHz (Fig. 1) VKA=VREF(Fig. 1)
Notes: 1. Full temperature range is -40 to 105C for TL432 C
Rev. 01
TL432
Rev. 01
TL432
Rev. 01
TL432
Rev. 01
TL432
Package Dimensions
TO-92
Rev. 01
TL432
Rev. 01
TL432
Rev. 01


▲Up To Search▲   

 
Price & Availability of TL432

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X