Part Number Hot Search : 
212BC KW1148C BSS215P 24C64 HA12222F 191AP24 CY8C2 CD4316
Product Description
Full Text Search
 

To Download TIP36 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION With TO-3PN package *Complement to type TIP35/35A/35B/35C *DC current gain hFE=25(Min)@IC=-1.5A APPLICATIONS *Designed for use in general purpose power amplifier and switching applications. PINNING
PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
TIP36/36A/36B/36C
*
Fig.1 simplified outline (TO-3PN) and symbol
ABSOLUTE MAXIMUM RATINGS (TC= )
SYMBOL PARAMETER TIP36 VCBO Collector-base voltage TIP36A TIP36B TIP36C TIP36 VCEO Collector-emitter voltage TIP36A TIP36B TIP36C VEBO IC ICM IB PC Tj Tstg Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 Open collector Open base Open emitter CONDITIONS VALUE -40 -60 -80 -100 -40 -60 -80 -100 -5 -25 -40 -5 125 150 -65~150 V A A A W V V UNIT
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case MAX 1.0 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER TIP36 Collector-emitter sustaining voltage TIP36A IC=-30mA ;IB=0 TIP36B TIP36C VCE(sat)-1 VCE(sat)-2 VBE-1 VBE-2 Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage Base-emitter on voltage Collector cut-off current TIP36/36A TIP36B/36C TIP36 Collector cut-off current TIP36A TIP36B TIP36C IEBO hFE-1 hFE-2 fT Emitter cut-off current DC current gain DC current gain Transition frequency IC=-15A ;IB=-1.5A IC=-25A; IB=-5A IC=-15A ; VCE=-4V IC=-25A ; VCE=-4V VCE=-30V; IB=0 CONDITIONS SYMBOL
TIP36/36A/36B/36C
MIN -40 -60
TYP.
MAX
UNIT
VCEO(SUS)
V -80 -100 -1.8 -4.0 -2.0 -4.0 V V V V
ICEO
-1.0 VCE=-60V; IB=0 VCE=-40V;VEB=0 VCE=-60V;VEB=0 -0.7 VCE=-80V;VEB=0 VCE=-100V;VEB=0 VEB=-5V; IC=0 IC=-1.5A ; VCE=-4V IC=-15A ; VCE=-4V IC=-1A ; VCE=-10V 25 15 3 75 -1.0
mA
ICES
mA
mA
MHz
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
TIP36/36A/36B/36C
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
TIP36/36A/36B/36C
4


▲Up To Search▲   

 
Price & Availability of TIP36

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X