Part Number Hot Search : 
30100WT SGM8952 4040A 07502 C74LVX 58NVG 70650 UPA1717
Product Description
Full Text Search
 

To Download TIP34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION *With TO-3PN package *Complement to type TIP33/33A/33B/33C *DC current gain hFE=40(Min)@IC=1.0A APPLICATIONS *Designed for use in general purpose power amplifier and switching applications. PINNING
PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
TIP34/34A/34B/34C
Fig.1 simplified outline (TO-3PN) and symbol
ABSOLUTE MAXIMUM RATINGS(Tc=25 )
SYMBOL PARAMETER TIP34 VCBO Collector-base voltage TIP34A TIP34B TIP34C TIP34 VCEO Collector-emitter voltage TIP34A TIP34B TIP34C VEBO IC ICM IB PC Tj Tstg Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 Open collector Open base Open emitter CONDITIONS VALUE -40 -60 -80 -100 -40 -60 -80 -100 -5 -10 -15 -3 80 150 -65~150 V A A A W V V UNIT
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case MAX 1.56 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER TIP34 Collector-emitter sustaining voltage TIP34A IC=-30mA ;IB=0 TIP34B TIP34C VCE(sat)-1 VCE(sat)-2 VBE-1 VBE-2 Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage Base-emitter on voltage Collector cut-off current TIP34/34A TIP34B/34C TIP34 Collector cut-off current TIP34A TIP34B TIP34C IEBO hFE-1 hFE-2 fT Emitter cut-off current DC current gain DC current gain Transition frequency IC=-3A ;IB=-0.3A IC=-10A; IB=-2.5A IC=-3A ; VCE=-4V IC=-10A ; VCE=-4V VCE=-30V; IB=0 CONDITIONS SYMBOL
TIP34/34A/34B/34C
MIN -40 -60
TYP.
MAX
UNIT
VCEO(SUS)
V -80 -100 -1.0 -4.0 -1.6 -3.0 V V V V
ICEO
-0.7 VCE=-60V; IB=0 VCE=-40V;VEB=0 VCE=-60V;VEB=0 -0.4 VCE=-80V;VEB=0 VCE=-100V;VEB=0 VEB=-5V; IC=0 IC=-1A ; VCE=-4V IC=-3A ; VCE=-4V IC=-0.5A ; VCE=-10V;f=1MHz 40 20 3.0 100 -1.0
mA
ICES
mA
mA
MHz
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
TIP34/34A/34B/34C
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of TIP34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X