Part Number Hot Search : 
ZMC16 T1621 74LCX0 S20K275 AA119 ZUMT918 M25P40 74LCX0
Product Description
Full Text Search
 

To Download TAP800J5R0E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ohmite's TAP800 Series dissipates 800 watts of power when used with a liquid or air cooled heat sink system. The TAP800 rounds out 600 watt (TAP600) and 1000 watt (TAP1000) product offerings. Applications include variable speed drives, power supplies, robotics, motor control, control devices, and other power designs.
FEATURES
* Electric support is high alumina content ceramic metallized on the bottom for ideal heat transfer and optimum discharge. * Encapsulated with a special resin filled epoxy casing with a large creepage distance to mass, large air distance between terminals, and a high insulation resistance (CTI 600). * Resistive element is specially designed for low inductance and capacitance. The element provides stable performance in addition to high wattage and pulse loading capability. * Contacts allow for easy load connecting with M4 or M5 screws (not included). * Materials meet the requirements of UL94-V0
SPECIFICATIONS
Electrical Resistance Values: 1 to 10K * Resistance Tolerance: 5% to 10% * Temperature Coefficient: 150ppm/C (others upon request) * Maximum Working Voltage: 5,000V DC, higher voltage on request, not exceeding max. power
* Short Time Overload: 1,200W at 70C for 10sec., R=0.4% max. * Power Rating: 800W at 85C Bottom case temperature. * Peak Current: up to 1500 amp. depending on pulse length and frequency Please ask for details * Electric Strength Voltage: 6kVrms, 50Hz,upto 12kVrms on special request. * Single Shot Voltage: up to 12kV Normwave (1.5/50 sec) * Partial Discharge:4KVrms, <10pC, up to 7kV on special request * Insulation Resistance: 10G min. at 500V * Creeping Distance: 42mm min. * Air Distance: 14mm min. * Inductance: 80nH * Capacity/Mass: 110pF * Capacity/Parallel: 40pF * Operation Temperature: -55C to +150C * Max. Torque for Contacts: 2 Nm * Max. Torque for Mounting: 1.8 Nm M4 screws (not included) Derating: 8.73W/K (0.115K/W) Power Rating: 800W at 85C bottom case temp. This value is only valid by using a thermal conduction to the heatsink Rthcs<0.025K/W. This value can be reached by using thermal transfer compound with a heat conductivity of 1W/mK. The flatness of the cooling plate must be better than 0.05mm overall. The roughness of the surface should not exceed 6.4m.
800 Watt Heat Sinkable Planar
o0.159-0.169" (4.05-4.3mm) 2.331-2.394" *C to C for L L (59.2-60.8mm) mounting holes 2.236-2.252" (56.8-57.2mm)
oM5 occ. Din
TAP800 Series
*2.236-2.259" (56.8-57.4mm)
0.689-0.728" (17.5-18.5mm)
1.331-1.346" (33.8-34.2mm)
0.177-0.216" (4.5-5.5mm)
2.527-2.591" (64.2-65.8mm)
1.409-1.425" (35.8-36.2mm)
I I 0.256-0.295" (6.5-7.5mm)
0.177-0.216" (4.5-5.5mm)
1.240-1.279" (31.5-32.5mm)
1.161-1.201" (29.5-30.5mm)
0.571-610" (14.5-15.5mm)
P E R F O R M A N C E D ATA
Test Short time overload Humidity Steady State Temp. Cycling Shock Vibration Load Life Terminal Strength Method Typical Results - R 1,000 W/10sec 0.4% 56 days/40C/95% 0.25% -55/+125/5 cycles 0.20% 40g/4,000 times 0.25% 2-500Hz/10g 0.25% Pn 30 min. on/30 min off, 1,000cyl 0.40% 200N 0.05%
S TA N D A R D VA L U E S 1.0 100 1000 5.0 220 2700 10 390 3000 15 500 5000 50 680 10,000
D E R AT I N G C U R V E
120 100
Rated Power, %
PULSE-FORMS E-function, time between two pulses: 1 sec.
Peak Power (W), log scale 11,500,000 1,150,000 115,000 11,500 1150 115 0.001
960 800 Rated power, watts 640 480 320 160 0
80 60
40
20
0.01 0.1 1 10 Time (ms) 100 1,000 10,000 100,000
115,000 Energy (W), log scale 11,500 1,150 115 11.5 1
0
0
25
50
100 125 75 Case temperature, C
150
175
O R D E R I N G I N F O R M AT I O N
RoHS compliant Non-compliant version unavailable
TA P 8 0 0 K 5 R 0 E
Style
Check product availability at www.ohmite.com Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 * 1-866-9-OHMITE * Int'l 1-847-258-0300 * Fax 1-847-574-7522 * www.ohmite.com * info@ohmite.com 51
Wattage Tolerance 800 watts J = 5% K = 10%, Std. L = 20%
Resistance 1 Ohm = 1R0 10 Ohm = 10R 1000 Ohm = 1K0


▲Up To Search▲   

 
Price & Availability of TAP800J5R0E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X