Part Number Hot Search : 
TW8824 CY62137F 21M10 MC333 H11A33SD C8107 012N492
Product Description
Full Text Search
 

To Download TA202112AXA1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tachometer electronic
Ratio display, 2 limits, analogue output Large 14 mm display LED, 6-digits, programmable
TA202
Features - Tachometer for 2 rotation speeds/velocities - Display 6-digits - Connection: Two one-channel digital sensors or potential-free contact - Two limits - Ratio display, peak value memory - Impulse evaluation programmable - Input F1 with phase evaluation - Interface RS232, RS422 or RS485
TA202 - LED-Tachometer Technical data - electrical ratings Voltage supply 115/230 VAC 10 % (50/60 Hz) 24/48 VAC 10 % (50/60 Hz) 24 VDC 10 % 7 VA, 5 W 12...26 VDC / max. 100 mA LED, 7-segment display 6-digits 14 mm 1/s, 1/min, 1/h programmable Tachometer, ratio display Period duration measurement Difference F1-F2 Ratio F1:F2 Stretch-/shrinking (F2-F1):F1 Flow Pulse rate measurement Comparator inputs NPN / PNP 2 Inputs Start, Stop F1: 10 kHz / F2: 25 Hz, 40 kHz 0.0001...9999.99 >10 years in EEPROM Optocoupler 2 analogue outputs 0(2)...10 V, 0(4)...20 mA Resolution 12 bit Temp. coeffic. typ. 20 ppm/C Potential-free change-over contact RS232, RS422, RS485 Protection class II Overvoltage category II Pollution degree 2 Description Two limits P1"/P2" that can be assigned at will enable monitoring of production processes. Two tachos to capture and display rotation speed and velocity as "F1" and "F2". "F3" allows recall and display of a programmed calculating function, for example ratio, difference, stretching/shrinking, flow, time elapsed with start and stop signal, impulse rate measurement, period or impulse duration. Technical data - electrical ratings Emitted interference Interference immunity Programmable parameters DIN EN 61000-6-3 DIN EN 61000-6-2 Assignment F1, F2 or F3 Calculating functions 2 limits, analogue output Slave pointer
Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008
Power consumption Sensor supply Display Number of digits Digit height Unit displayed Function Measuring principle Calculating functions
Approvals
UL/cUL, CE conform
Signal inputs Input logic Control inputs Control functions Counting frequency Scaling factor Data memory Outputs electronic Analogue output
Technical data - mechanical design Operating temperature Storing temperature Relative humidity E-connection Core cross-section Protection DIN EN 60529 Operation / keypad Housing type Dimensions W x H x L Cutout dimensions Installation depth Mounting Weight approx. Material 1 0...+50 C -20...+70 C 80 % non-condensing Plug-in screw terminals 1.5 mm IP 65 face with seal Membrane with softkeys Housing for control panel installation 96 x 48 x 124 mm 97 x 45 mm (+0.6) 123.75 mm Front panel installation by clip frame 350 g (AC), 250 g (DC) Housing: Makrolon 6485 (PC) www.baumerivo.com
Outputs relay Interfaces Standard DIN EN 61010-1
Ratio display, 2 limits, analogue output Large 14 mm display LED, 6-digits, programmable
Tachometer electronic
TA202
Connection diagram
30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 (-) (+) RxD+ RU RI 2 Limit value max. 250 V terminal - terminal / - terminal 1 TxD+ RxDTxDBr. F1 A F1 B TxD F2 Start Supply voltage
Block circuit diagram
Voltage supply + Sensor supply +
2 3 6 7 8 A 90 B Measuring value F1 Measuring value F2
4 5
RS422 GND RxD
RS232 15 14 13 12 11 10 T,R+ 9 8 7 6 F1 A 5 4 3 2 1 Measuring value F3 Ratio F1 : F2 Difference F1 - F2 Stretching Shrinking Run time (measuring value 1 not active) Stop 9 Time (measuring value 2 not active) Limit 1 20 21 Measuring value Limit 2 F1 / F2 / F3 T,R14 Interface RS485 22 23 24 25 10 11 12 13
Output P1 P2
F2 Start F1 B
2 1 Limit value
+24V
T,R-
Stop
RS485
Signal
Sensor supply
0V
P1
P2
T,R+ 15 TxD+ 16 TxD- 17 RxD+ 18 RxD- 19 TxD RxD 16 18
Interface RS422
Interface RS232 Measuring value Analog output F1 / F2 / F3
GND 19
27 Analog output 28 0(2)-10 V 29 0(4)-20 mA 30
Trigger level Comparator inputs Inputs Input level Input level Low Input level High Input resistance Relay outputs Switching voltage max. Switching current max. Switching capacity max. Relay responding time Electronical outputs Switching voltage max. Switching current max. Residual voltage Input circuit PNP- / NPN-logic Programmable 3...40 VDC 3 k Output circuit 250 VAC / 110 VDC 1A 150 VA / 30 W 5 ms Output circuit Optocoupler short-circuit proof 40 V 15 mA <1 V
Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008
0...2 VDC
2
www.baumerivo.com
Tachometer electronic
Ratio display, 2 limits, analogue output Large 14 mm display LED, 6-digits, programmable
TA202
Part number TA202. AXA1 Voltage supply 1 24 / 48 VAC 2 115 / 230 VAC 3 24 VDC Outputs 0 Optocoupler outputs 1 Relay and optocoupler outputs 2 Relay and optocoupler outputs / analogue output 0 1 2 3 Dimensions
96 123.75 7
Interface Without interface RS485 RS422 RS232
48
109
19.75
1-10
3
www.baumerivo.com
30/10/2008
Subject to modification in technic and design. Errors and omissions excepted.
Ratio display, 2 limits, analogue output Large 14 mm display LED, 6-digits, programmable
Tachometer electronic
TA202
4
www.baumerivo.com
30/10/2008
Subject to modification in technic and design. Errors and omissions excepted.


▲Up To Search▲   

 
Price & Availability of TA202112AXA1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X