Part Number Hot Search : 
D5702 EPM70 BY9316 2SD25 M8504 1THAV TS0013A DG200
Product Description
Full Text Search
 

To Download SW6451 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SW645(6V4.5AH)
Outer dimensions (mm)
70 47
101
SW (6 V4 64 5 .5 A H )
Specifications
Nominal Voltage Rated capacity (20 hour rate) Total Height Height Dimensions Length Width Weight Approx 6V 4.5 Ah 106 mm(4.17 inches) 101 mm(3.98 inches) 70 mm(2.76 inches) 47 mm(1.85 inches) 0.77Kg(1.69 lbs)
Terminal Type (mm)
106
3.2 6.35
Characteristics
20 hour rate(0.225A) 10 hour rate(0.41A) Capacity 5 hour rate(0.77A) 25 (77 ) 1 hour rate(2.70A) 1.5 hour discharge to 5.25 V Internal Resistance Full charged Battery at 25 (77 ) Capacity 40 (104 ) affected 25 (77 ) by Temperature 0 (32 ) (20hour rate) -15 (5 ) Capacity after 3 month storage Self-Discharge Capacity after 6 month storage at 25 (77 ) Capacity after 12 month storage Terminal Charge (constant Voltage) 4.50 AH 4.10 AH 3.85 AH 2.70 AH 1.8 A 18 m 102% 100% 85% 65% 91% 82% 64%
Discharge Curves 25 (77 )
6.90 6.60 6.30 6.00 5.70 5.40 5.10 4.80 4.50 4.20 3.90 01 2
0.8
1.8A 4.5A 9.0A 13.5A 16.2A 0.225A 0.90A 0.45A
4 6 8 10
20
40 60
2
4.75
4 6 8 10 20 40
T1 Initial Charging Current less than 1.8A Cycle Voltage 7.20-7.35V Voltage 6.75-6.90 V Float
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77 )
Time
4.80V 5.10V 5.25V 5.40V 5.55V A W A W A W A W A W
5min
10min
15min
30min
1h
2h
3h
4h
5h
8h
10h
20h
R


▲Up To Search▲   

 
Price & Availability of SW6451

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X