Part Number Hot Search : 
MX150RS 28000 TA115 10030 MB352G V225N M628032 HT48R10A
Product Description
Full Text Search
 

To Download SSM3K35MFV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM3K35MFV
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K35MFV
High-Speed Switching Applications Analog Switch Applications
0.220.05
Unit: mm
1.20.05 0.320.05 3 0.80.05
* *
1.2 V drive Low ON-resistance : Ron = 20 (max) (@VGS = 1.2 V) : Ron = 8 (max) (@VGS = 1.5 V) : Ron = 4 (max) (@VGS = 2.5 V) : Ron = 3 (max) (@VGS = 4.0 V)
0.4 0.4
1.20.05
0.80.05
1 2
Characteristic Drain-source voltage Gate-source voltage Drain current Drain power dissipation Channel temperature Storage temperature DC Pulse
Symbol VDSS VGSS ID IDP PD (Note 1) Tch Tstg
Rating 20 10 180 360 150 150 -55~150
Unit V V mA mW C C
0.50.05
Absolute Maximum Ratings (Ta = 25C)
1.Gate 2.Source 3.Drain
JEDEC JEITA TOSHIBA
2-1L1B
Note 1: Mounted on an FR4 board 2 (25.4 mm x 25.4 mm x 1.6 t, Cu Pad: 0.585 mm )
Weight: 1.5 mg (typ.)
Electrical Characteristics (Ta = 25C)
Characteristic Gate leakage current Drain-source breakdown voltage Drain cutoff current Gate threshold voltage Forward transfer admittance Symbol IGSS V (BR) DSS IDSS Vth Yfs Test Condition VGS = 10 V, VDS = 0 V ID = 0.1 mA, VGS = 0 V VDS = 20 V, VGS = 0 V VDS = 3 V, ID = 1 mA VDS = 3 V, ID = 50 mA ID = 50 mA, VGS = 4 V Drain-source ON-resistance RDS (ON) ID = 50 mA, VGS = 2.5 V ID = 5 mA, VGS = 1.5 V ID = 5 mA, VGS = 1.2 V Input capacitance Reverse transfer capacitance Output capacitance Switching time Turn-on time Turn-off time Ciss Crss Coss ton toff VDSF VDD = 3 V, ID = 50 mA, VGS = 0 to 2.5 V ID = - 180 mA, VGS = 0 V (Note 2) VDS = 3 V, VGS = 0 V, f = 1 MHz (Note 2) (Note 2) (Note 2) (Note 2) (Note 2) Min 20 0.4 115 Typ. 1.5 2 3 5 9.5 4.1 9.5 115 300 -0.9 Max 10 1 1.0 3 4 8 20 -1.2 ns V pF Unit A V A V mS
Drain-source forward voltage
Note 2: Pulse test
1
2008-05-27
0.130.05
SSM3K35MFV
Switching Time Test Circuit
(a) Test Circuit
2.5 V 0 10 s VDD = 3 V D.U. < 1% = VIN: tr, tf < 5 ns (Zout = 50 ) Common Source Ta = 25C OUT IN 50 RL VDD 0V 10%
(b) VIN
2.5 V 90%
(c) VOUT
VDD
10% 90% tr ton toff tf
VDS (ON)
Marking
3
Equivalent Circuit (top view)
3
KZ
1
2
1
2
Notice on Usage
Vth can be expressed as the voltage between gate and source when the low operating current value is ID = 1 mA for this product. For normal switching operation, VGS (on) requires a higher voltage than Vth and VGS (off) requires a lower voltage than Vth. (The relationship can be established as follows: VGS (off) < Vth < VGS (on).) Take this into consideration when using the device.
Handling Precaution
When handling individual devices that are not yet mounted on a circuit board, make sure that the environment is protected against electrostatic discharge. Operators should wear antistatic clothing, and containers and other objects that come into direct contact with devices should be made of antistatic materials.
2
2008-05-27
SSM3K35MFV
ID - VDS
400 10 4 2.5 Common Source Ta = 25C 1000 Common Source VDS = 3 V
ID - VGS
(mA)
300 1.8
(mA)
100
ID
ID
10
Ta = 100C
Drain current
Drain current
200 1.5 100 VGS = 1.2 V
25C 1
-25C
0.1
0
0
0.5
1
1.5
2
0.01 0
1
2
3
Drain-source voltage
VDS
(V)
Gate-source voltage
VGS
(V)
RDS (ON) - VGS
10 Common Source ID = 5 mA 10
RDS (ON) - VGS
Common Source ID = 50 mA
Drain-source ON-resistance RDS (ON) ()
5
Drain-source ON-resistance RDS (ON) ()
5
25C Ta = 100C -25C 0 0 2 4 6 8 10
25C
Ta = 100C -25C
0 0
2
4
6
8
10
Gate-source voltage
VGS
(V)
Gate-source voltage
VGS
(V)
RDS (ON) - ID
10 Common Source Ta = 25C 10 Common Source
RDS (ON) - Ta
Drain-source ON-resistance RDS (ON) ()
Drain-source ON-resistance RDS (ON) ()
5
VGS = 1.2 V
5
VGS = 1.2 V, ID = 5 mA
1.5 V 2.5 V 4V 0 1 10 100 1000
1.5 V, 5 mA 2.5 V, 50 mA 4 V, 50 mA 0 -50 0 50 100 150
Drain current
ID
(mA)
Ambient temperature
Ta
(C)
3
2008-05-27
SSM3K35MFV
Vth - Ta (mS)
1.0
Yfs - ID
Common Source ID = 1 mA VDS = 3 V 500 300
Vth (V)
Yfs Forward transfer admittance
0.5
100 50 30
Gate threshold voltage
10 5 3 Common Source VDS = 3 V Ta = 25C 10 100 1000
0 -50
0
50
100
150
1 1
Ambient temperature
Ta
(C)
Drain current
ID
(mA)
IDR - VDS
100 Common Source
VGS = 0 V
C - VDS
100 50
(mA)
IDR
Drain reverse current
10
C Capacitance
10 Ciss 5 Common Source VGS = 0 V f = 1 MHz Ta = 25C 1 Crss Coss
G
S
25C
1
Ta = 100C
-25C
0.1
(pF)
100
D IDR
0.01 0
0.1
0.5
1
5
10
50
100
-0.5
-1
-1.5
Drain-source voltage
VDS
(V)
Drain - Source voltage
VDS
(V)
t - ID
5000 250
PD - Ta
Mounted on FR4 board (25.4mm x 25.4mm x 1.6t , Cu Pad : 585 mm2)
(mW) PD Drain Power Dissipation
3000
toff
(ns)
1000 500 300
tf
Common Source VDD = 3 V VGS = 0 to 2.5 V Ta = 25C
200
t
150
Switching time
100 ton 50 30 tr
100
50
10 0.1
1
10
100
1000
0 0
20
40
60
80
100
120
140
160
Drain current
ID
(mA)
Ambient temperature
Ta
(C)
4
2008-05-27
SSM3K35MFV
RESTRICTIONS ON PRODUCT USE
* Toshiba Corporation, and its subsidiaries and affiliates (collectively "TOSHIBA"), reserve the right to make changes to the information in this document, and related hardware, software and systems (collectively "Product") without notice. * This document and any information herein may not be reproduced without prior written permission from TOSHIBA. Even with TOSHIBA's written permission, reproduction is permissible only if reproduction is without alteration/omission. * Though TOSHIBA works continually to improve Product's quality and reliability, Product can malfunction or fail. Customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malfunction or failure of Product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. Before customers use the Product, create designs including the Product, or incorporate the Product into their own applications, customers must also refer to and comply with (a) the latest versions of all relevant TOSHIBA information, including without limitation, this document, the specifications, the data sheets and application notes for Product and the precautions and conditions set forth in the "TOSHIBA Semiconductor Reliability Handbook" and (b) the instructions for the application with which the Product will be used with or for. Customers are solely responsible for all aspects of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this Product in such design or applications; (b) evaluating and determining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. TOSHIBA ASSUMES NO LIABILITY FOR CUSTOMERS' PRODUCT DESIGN OR APPLICATIONS. * Product is intended for use in general electronics applications (e.g., computers, personal equipment, office equipment, measuring equipment, industrial robots and home electronics appliances) or for specific applications as expressly stated in this document. Product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality and/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or serious public impact ("Unintended Use"). Unintended Use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or explosions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. Do not use Product for Unintended Use unless specifically permitted in this document. * Do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy Product, whether in whole or in part. * Product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. * The information contained herein is presented only as guidance for Product use. No responsibility is assumed by TOSHIBA for any infringement of patents or any other intellectual property rights of third parties that may result from the use of Product. No license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. * ABSENT A WRITTEN SIGNED AGREEMENT, EXCEPT AS PROVIDED IN THE RELEVANT TERMS AND CONDITIONS OF SALE FOR PRODUCT, AND TO THE MAXIMUM EXTENT ALLOWABLE BY LAW, TOSHIBA (1) ASSUMES NO LIABILITY WHATSOEVER, INCLUDING WITHOUT LIMITATION, INDIRECT, CONSEQUENTIAL, SPECIAL, OR INCIDENTAL DAMAGES OR LOSS, INCLUDING WITHOUT LIMITATION, LOSS OF PROFITS, LOSS OF OPPORTUNITIES, BUSINESS INTERRUPTION AND LOSS OF DATA, AND (2) DISCLAIMS ANY AND ALL EXPRESS OR IMPLIED WARRANTIES AND CONDITIONS RELATED TO SALE, USE OF PRODUCT, OR INFORMATION, INCLUDING WARRANTIES OR CONDITIONS OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, ACCURACY OF INFORMATION, OR NONINFRINGEMENT. * Do not use or otherwise make available Product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technology products (mass destruction weapons). Product and related software and technology may be controlled under the Japanese Foreign Exchange and Foreign Trade Law and the U.S. Export Administration Regulations. Export and re-export of Product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. * Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility of Product. Please use Product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the EU RoHS Directive. TOSHIBA assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.
5
2008-05-27


▲Up To Search▲   

 
Price & Availability of SSM3K35MFV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X