|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SMDA/B03 THRU SMDA/B24C Elektronische Bauelemente RoHS Compliant Product Trans ient Voltage Suppressors DESCRIPTION (300 and 500 watt) This 8 pin 4 line Unidirectional or Bidirectional array is designed for use in applications where protection is required at the board level from voltage transients caused by electrostatic discharge (ESD) as defined by IEC 1000-4-2, electrical fast transients (EFT) per IEC 1000-4-4 and effects of secondary lighting. These arrays are used to protect any combination of 4 lines. The SMDA/B product provides board level protection from static electricity and other induced voltage surges that can damage sensitive circuitry. These TRANSIENT VOLTAGE SUPPRESSOR (TVS) Diode Arrays protect 3.0/3.3 Volt components such as DRAM's, SRAM's, CMOS, HCMOS, HSIC, and low voltage interfaces up to 24Volts. TVSarrayTM Series TM FEATURES * * * * Protects 3.0/3.3 up through 24V Components Protects 4 lines Unidirectional or Bidirectional Provides electrically isolated protection SO-8 Packaging MECHANICAL * * * * Molded SO-8 Surface Mount Weight: 0.066 grams (approximate) Body Marked with Logo, and device number Pin #1 defined by DOT on top of package MAXIMUM RATINGS * * * * * Operating Temperatures: -550C to +1500C Storage Temperature: -550C to +1500C SMDA Peak Pulse Power: 300 Watts (8/20 sec, Figure 1) SMDB Peak Pulse Power: 500 Watts (8/20 sec, Figure 1) Pulse Repetition Rate: <.01% PACKAGING * * * Tape & Reel EIA Standard 481-1-A 13 inch reel 2,500 pieces (OPTIONAL) Carrier tubes 95 pcs per (STANDARD) ELECTRICAL CHARACTERISTICS PER LINE @ 250C Unless otherwise specified STAND OFF VOLTAGE VWM VOLTS BREAKDOW N VOLTAGE VBR @1 mA VOLTS MIN 4 4 4 4 6 6 6 6 13.3 13.3 13.3 13.3 16.7 16.7 16.7 16.7 26.7 26.7 26.7 26.7 CLAMPING VOLTAGE VC @ 1 Amp (FIGURE 2) VOLTS MAX 7 7 7 7 9.8 9.8 9.8 9.8 19 19 19 19 24 24 24 24 43 43 43 43 CLAMPING VOLTAGE VC @5 Amp (FIGURE2) VOLTS MAX 9 9 9 9 11 11 11 11 24 24 24 24 30 30 30 30 55 55 55 55 LEAKAGE CURRENT ID @ VWM A MAX 200 200 200 200 20 40 20 40 1 1 1 1 1 1 1 1 1 1 1 1 CAPACITANCE (f=1 MHz) @0V C pF TYP 800 400 800 400 600 300 600 300 185 94 185 94 140 70 140 70 90 45 90 45 TEMPERATURE COEFFICIENT OF VBR aVBR Mv/C MAX -3 -5 -3 -5 3 1 3 1 10 8 10 8 13 11 13 11 30 28 30 28 PART NUMBER DEVICE MARKING SMDA03 SMDA03C SMDB03 SMDB03C SMDA05 SMDA05C SMDB05 SMDB05C SMDA12 SMDA12C SMDB12 SMDB12C SMDA15 SMDA15C SMDB15 SMDB15C SMDA24 SMDA24C SMDB24 SMDB24C SDK SDL PDK PDL SDA SDB PDA PDB SDC SDD PDC PDD SDE SDF PDE PDF SDG SDH PDG PDH 3.3 3.3 3.3 3.3 5.0 5.0 5.0 5.0 12.0 12.0 12.0 12.0 15.0 15.0 15.0 15.0 24.0 24.0 24.0 24.0 Part numbers with a "C" suffix are bidirectional devices http://www.SeCoSGmbH.com Any changing of specification will not be informed individual 01-Jun-2002 Rev. A Page 1 of 2 SMDA/B03 THRU SMDA/B24C Elektronische Bauelemente Trans ient Voltage Suppressors SMDA/B03 thru SMDA/B24C NOTE: Transient Voltage Suppression (TVS) product is normally selected based on its stand off Voltage VWM. Product selected voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected. WAVE FORMS Ip p - 100 Pe ak Pu 50 lse Cu rre nt 0 -0 % Ip Peak Value -- Ipp 8 X 20 Waveform Half-Value -- Ipp 2 10 t td 20 30 t -- Time in microsec FIGURE 1 Peak Pulse Power Vs Pulse Time FIGURE 2 Pulse Wave Form MOUNTING PAD SO-8 CIRCUIT DIAGRAM 0.045.005 0.245 MIN .160.005 .030.005 .050 TYP UNIDIRECTIONAL BIDIRECTIONAL SO-8 PACKAGE INCHES DIM A B C D F G J K L P MIN 0.188 0.150 0.053 0.011 0.016 0.050 BSC 0.006 0.004 0.189 0.228 0.010 0.008 0.206 0.244 0.15 0.10 4.80 5.79 MAX 0.197 0.158 0.069 0.021 0.050 MILLIMETERS MIN 4.77 3.81 1.35 0.28 0.41 1.27 BSC 0.25 0.20 5.23 6.19 MAX 5.00 4.01 1.75 0.53 1.27 http://www.SeCoSGmbH.com Any changing of specification will not be informed individual |
Price & Availability of SMDA12 |