Part Number Hot Search : 
001544 CIR06WK LT1763 MB89636 5N50F SA30A NSD200 K2368
Product Description
Full Text Search
 

To Download SFS1401A-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SFS1401A-LF
Rev A1
Fixed Frequency Synthesizer Surface Mount Module
Applications * GPS Systems * Satellite Communications * Performance Specifications Frequency Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Spurious Suppression Power Output Load Impedance Settling Time Operating Temperature Range Package Style Power Supply Requirements Supply Voltage 1: PLL (Vcc, nom) Supply Voltage 2: VCO (Vcc, nom) Supply Current 1: PLL (Icc, typ) Supply Current 2: VCO (Icc, typ) Reference Oscillator Signal Frequency Phase Noise @1 kHz offset Additional Notes
Note1: Phase noise measurement was performed using a 10MHz CMOS reference oscillator with a phase noise of -145dBc/Hz @1KHz. Note2: For Reference oscillator frequency of <20MHz, ensure SR>50V/us. See Analog Devices ADF4106 application note for more details. Note3: Pin 7,8,9 are no-connect
Application Notes * AN-107: Manual Soldering Technique * AN-205: Measuring Phase Noise for SFS Series
Min 1401.4
Typ
Max 1401.4
Units MHz dBc/Hz dBc dBc
-103 -20 -70 0 3 50 1 -40 PLL-V12N Min Typ 3 5 12 20 Min Typ 10 -145 Max Max 85 6
dBm mS C
Units Vdc Vdc mA mA Units MHz dBc/Hz
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. 9939 Via Pasar | San Diego, CA 92126 | TEL: (858) 621-2700 | FAX: (858) 621-2722 URL: www.zcomm.com | EMAIL: applications@zcomm.com
Page 1 of 2 FRM-S-002 B
Fixed Frequency Synthesizer Surface Mount Module
SFS1401A-LF
Rev A1
Phase Noise, typ.
PHASE NOISE (1 Hz BW, typical)
RECOMMENDED FOOTPRINT
Footprint
SEVERAL HOLES OF O 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING.
(f) (dBc/Hz)
0.030 MIN. CUTBACK FROM LIVE PADS
OFFSET (Hz)
Physical Dimensions
PIN CONFIGURATION 1 2 3 4 5 6 12 1 3 5 6 7 8 9 10 REST Vcc(VCO) RF OUT MUX OUT Vcc(CHIP) CLOCK DATA ENABLE REF IN GROUND
Z-COMM XXXXXXXX-LF W/O# D/C
11 10 9 8 7
NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. URL: www.zcomm.com | EMAIL: applications@zcomm.com
Page 2 of 2 FRM-S-002 B


▲Up To Search▲   

 
Price & Availability of SFS1401A-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X