Part Number Hot Search : 
HVPF10 BD101 1206N LPS174 210Y104 ST22N EW6018 SMB56
Product Description
Full Text Search
 

To Download SEMIX603GB066HDS09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMiX603GB066HDs
Absolute Maximum Ratings Symbol
IGBT VCES IC ICnom ICRM ICRM = 2xICnom VCC = 360 V VGE 15 V VCES 600 V VGES tpsc Tj Inverse diode IF Tc = 25 C Tc = 80 C Tj = 150 C Tj = 175 C Tc = 25 C Tc = 80 C 600 720 541 600 1200 -20 ... 20 6 -40 ... 175 771 562 600 IFRM = 2xIFnom tp = 10 ms, sin 180, Tj = 25 C 1200 1800 -40 ... 175 600 -40 ... 125 AC sinus 50Hz, t = 1 min 4000 V A A A A V s C A A A A A C A C V
Conditions
Values
Unit
SEMiX(R) 3s
Trench IGBT Modules
SEMiX603GB066HDs
Tj = 175 C
IFnom
Features
* Homogeneous Si * Trench = Trenchgate technology * VCE(sat) with positive temperature coefficient * UL recognised file no. E63532
IFRM IFSM Tj Module It(RMS) Tstg Visol
Typical Applications*
* Matrix Converter * Resonant Inverter * Current Source Inverter
Characteristics Symbol
IGBT VCE(sat) VCE0 rCE VGE(th) ICES Cies Coes Cres QG RGint td(on) tr Eon td(off) tf Eoff Rth(j-c) per IGBT IC = 600 A VGE = 15 V chiplevel Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C VGE = 15 V Tj = 25 C Tj = 150 C 5 Tj = 25 C Tj = 150 C f = 1 MHz f = 1 MHz f = 1 MHz 37.0 2.31 1.10 4800 0.67 Tj = 150 C Tj = 150 C Tj = 150 C Tj = 150 C Tj = 150 C Tj = 150 C 150 145 12 1050 105 43 0.087 1.45 1.7 0.9 0.85 0.9 1.4 5.8 0.15 1.85 2.1 1 0.9 1.4 2.0 6.5 0.45 V V V V m m V mA mA nF nF nF nC ns ns mJ ns ns mJ K/W
Conditions
min.
typ.
max.
Unit
Remarks
* Case temperature limited to TC=125C max. * Product reliability results are valid for Tj=150C * For short circuit: Soft RGoff recommended * Take care of over-voltage caused by stray inductance
VGE=VCE, IC = 9.6 mA VGE = 0 V VCE = 600 V VCE = 25 V VGE = 0 V VGE = - 8 V...+ 15 V Tj = 25 C VCC = 300 V IC = 600 A RG on = 3 RG off = 3
GB (c) by SEMIKRON Rev. 13 - 16.12.2009 1
SEMiX603GB066HDs
Characteristics Symbol Conditions
Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C rF Tj = 25 C Tj = 150 C IF = 600 A Tj = 150 C di/dtoff = 3800 A/s T = 150 C j VGE = -8 V Tj = 150 C VCC = 300 V per diode 0.9 0.75 0.5 0.8
min.
typ.
1.4 1.4 1 0.85 0.7 0.9 350 63 13
max.
1.60 1.6 1.1 0.95 0.8 1.1
Unit
V V V V m m A C mJ
Inverse diode VF = VEC IF = 600 A VGE = 0 V chip VF0
SEMiX(R) 3s
Trench IGBT Modules
SEMiX603GB066HDs
IRRM Qrr Err Rth(j-c) Module LCE RCC'+EE'
0.11 20
K/W nH m m K/W
res., terminal-chip per module to heat sink (M5)
TC = 25 C TC = 125 C 3 to terminals (M6) 2.5
0.7 1 0.04 5 5 300
Features
* Homogeneous Si * Trench = Trenchgate technology * VCE(sat) with positive temperature coefficient * UL recognised file no. E63532
Rth(c-s) Ms Mt w
Nm Nm Nm g K
Typical Applications*
* Matrix Converter * Resonant Inverter * Current Source Inverter
Temperatur Sensor R100 B100/125 Tc=100C (R25=5 k) R(T)=R100exp[B100/125(1/T-1/T100)]; T[K]; 493 5% 3550 2%
Remarks
* Case temperature limited to TC=125C max. * Product reliability results are valid for Tj=150C * For short circuit: Soft RGoff recommended * Take care of over-voltage caused by stray inductance
GB 2 Rev. 13 - 16.12.2009 (c) by SEMIKRON
SEMiX603GB066HDs
Fig. 1: Typ. output characteristic, inclusive RCC'+ EE'
Fig. 2: Rated current vs. temperature IC = f (TC)
Fig. 3: Typ. turn-on /-off energy = f (IC)
Fig. 4: Typ. turn-on /-off energy = f (RG)
Fig. 5: Typ. transfer characteristic
Fig. 6: Typ. gate charge characteristic
(c) by SEMIKRON
Rev. 13 - 16.12.2009
3
SEMiX603GB066HDs
Fig. 7: Typ. switching times vs. IC
Fig. 8: Typ. switching times vs. gate resistor RG
Fig. 9: Typ. transient thermal impedance
Fig. 10: Typ. CAL diode forward charact., incl. RCC'+EE'
Fig. 11: Typ. CAL diode peak reverse recovery current
Fig. 12: Typ. CAL diode recovery charge
4
Rev. 13 - 16.12.2009
(c) by SEMIKRON
SEMiX603GB066HDs
SEMiX 3s
spring configuration
(c) by SEMIKRON
Rev. 13 - 16.12.2009
5
SEMiX603GB066HDs
This technical information specifies semiconductor devices. No warranty or guarantee expressed or implied is made regarding delivery, performance or suitability.
6
Rev. 13 - 16.12.2009
(c) by SEMIKRON


▲Up To Search▲   

 
Price & Availability of SEMIX603GB066HDS09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X