Part Number Hot Search : 
ISL22329 HYS72D WP710 PTD3216 MB96F326 KA2206 2N60C 106M3
Product Description
Full Text Search
 

To Download SEF101B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEF101B THRU SEF106B
Elektronische Bauelemente VOLTAGE 50V ~ 800V
1.0AMP High Efficiency Recovery Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen-free
DO-214AA(SMB)
FEATURES
* Ideal for surface mount applications * Easy pick and place * Built-in strain relief * Fast switching speed
.083(2.11) .075(1.91) .155(3.94) .130(3.30) .185(4.70) .160(4.06) .012(0.31) .006(0.15)
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Metallurgically bonded construction * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 1.02 grams
.096(2.44) .083(2.13) .050(1.27) .030(0.76) .008 MAX. (.203) .220(5.59) .200(5.08)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=55 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range TJ, TSTG
NOTES:
SEF101B SEF102B
SEF103B SEF104B
SEF105B SEF106B UNITS
50 35 50
100 70 100
200 140 200 1.0 30
400 280 400
600 420 600
800 560 800
V V V A A
1.0 5.0 100 50
1.3
1.5
1.7
A A
nS pF C
V
75
15 -65 +175
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
SEF101B THRU SEF106B
Elektronische Bauelemente VOLTAGE 50V ~ 800V
1.0AMP High Efficiency Recovery Rectifiers
RATING AND CHARACTERISTIC CURVES (SEF101B THRU SEF106B)
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
50
INSTANTANEOUS FORWARD CURRENT,(A)
1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 160 180 200
Single Phase Half Wave 60Hz Resistive Or Inductive Load
SEF104B
SEF105B
10 3.0 1.0
SEF101B~SEF103B
SEF106B
Tj=25 C Pulse Width 300us 1% Duty Cycle
AMBIENT TEMPERATURE ( C) FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD SURGE CURRENT,(A)
50
0.1
.01
.6
.9
1.2
1.5
1.8
2.1
2.4
2.7
FORWARD VOLTAGE,(V)
40
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS
50W NONINDUCTIVE 10W NONINDUCTIVE
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
20
10
(+) 25Vdc (approx.) () 1W NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
FIG.5-TYPICAL JUNCTION CAPACITANCE
35 30 25 20 15 10 5
trr +0.5A
| | | | | | | |
0 -0.25A
JUNCTION CAPACITANCE,(pF)
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
0
.01
.05
.1
.5
1
5
10
50
100
REVERSE VOLTAGE,(V)
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SEF101B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X