Part Number Hot Search : 
240128 SFBUY72 B5117 CX162 F022APJ0 GP15A 0509S AEP25024
Product Description
Full Text Search
 

To Download RT1203B7TR13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Memory & IDE Terminator
Technical Data Sheet
RoHS Compliant Parts Available
Description
This source terminator network provides high performance resistor termination for high-speed data busses. Designed with a ceramic substrate, this device minimizes channel capacitance, a primary cause of reduced system performance. In addition, the BGA package eases routing design, saving the designer many hours of printed circuit layout. The BGA packaging has been proven to reduce rework and improve reliability.
Features
* * * * * 16 or 32 Bit Terminators Ultra Low I/O Coupling Slim BGA Package 1% Resistor Tolerance Top Side Probe-able Version Available for Development RoHS Compliant Designs Available * Compatible with both lead and lead free processes
*
Style C
4 3 2 1 A B C
16 Bits
R1
4 3 2
32 Bits
R1
R1
A B C D E F G H J K L M N P R T
R1
D E F G H
1
Electrical Specifications
Resistor Tolerance: TCR Operating Temperature Range Maximum Resistor Power: Maximum Package Power: Process Requirements: Maximum Temperature 1.0% 200ppm/C -55C to +125C 0.05 Watts at 70C 1.0 Watts at 70C Per IPC/JEDEC J-STD-020C
Typical Application
DRAM Series Termination for Address Lines RT2202B7
Ordering Information
1.00mm Pitch Standard Part No. RT1200B7* RT1202B7 RT1232B7 RT1233B7 RT1235B7 RT1201B7* RT1203B7 RT1205B7* RT1236B7 Style R1 Bits Array Size 4x8 4x8 4x8 4x8 4x8 4 x 16 4 x 16 4 x 16 4 x 16 1.00mm Pitch RoHS Part No. RT2200B7* RT2202B7 RT2232B7 RT2233B7 RT2235B7 RT2201B7* RT2203B7 RT2205B7* RT2236B7
Packaging Information
Suffix
Tape Width Carrier Pitch Reel Diameter Parts/Reel
TR7
24 mm 8 mm 7 inch 1,000
TR13
24mm 8 mm 13 inch 4,000
C C C C C C C C C
10 33 22 25 50 10 33 50 100
16 16 16 16 16 32 32 32 32
Part Number Coding 7 inch reel, Add TR7 to part number, example RT2400B6TR7 13 inch reel, Add TR13 to part number, example RT2400B6TR13 (Bulk packaging is not available)
* - Indicates Top Side Probable versions available.
Direction of Feed
CTS Electronic Components www.ctscorp.com
(c) 2006 CTS Corporation. All rights reserved. Information subject to change. Page 1 Memory & IDE Terminator
March 06
Recommended Land Pattern
Outline of Substrate
BGA Routing Scheme
.005 Inch Wide Traces
PCB Pad Diameter 1.00mm Pitch (B7) = 0.51mm/.020 inch (minimum) 1.27mm pitch (B6) = 0.64mm/.025 inch (minimum) For .006" Thick Solder Paste Stencil, Aperture Opening Should be Equal to the PCB Pad Diameter. Refer to www.ctscorp.com/components/clearone.asp for additional PCB design information
Solder Mask Dia = Pad Diameter +.15mm(.006 inch)
Top Side Probe-able Information
Top Side Probe-able Probe Pad 4x8 Array Shown Refer to Top Probe-able Application Notes for additional information. Note: Add a `P' suffix to order Top Side Probe-able version. Example: RT2203B7PTR7. Refer to the following link for detailed Top Side Probe-able Information: www.ctscorp.com/components/clearone/TopProveClearOne.pdf
Mechanical Diagram
L H
W
RT_2__B7 CTS YRWK
P (Pitch)
A1 Identifier
K
P (Pitch)
D
16 Bit Style C 32 Bit Style C mm inch mm inch
L 8.000.15 .315.006 L 16.000.15 .630.006
W 4.000.15 .157.006 W 4.000.15 .157.006
H 1.190.15 .047.006 H 1.190.15 .047.006
P 1.000.25 .039.010 P 1.000.25 .039.010
D 0.640.05 .025.002 D 0.640.05 .025.002
K 0.500.25 .020.010 K 0.500.25 .020.010
Complete ClearONE Product, Processing, and Application Information can be found at the following link: http://www.ctscorp.com/components/clearone.asp
(c) 2006 CTS Corporation. All rights reserved. Information subject to change. Page 2 Memory & IDE Terminator
CTS Electronic Components www.ctscorp.com
March 06


▲Up To Search▲   

 
Price & Availability of RT1203B7TR13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X