Part Number Hot Search : 
HC123 2SC36 1212Z21 C845U 2SC36 FBR1508W U8000 SAA2502
Product Description
Full Text Search
 

To Download QSH6018-56-28-165 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QMOT STE P P E R M O T O R S
M O T ORS
QSH
60 1 8
1 0 mm
60 m m / NEMA 24 1.8 ste p an gle high tor que hybr id s tepp er m otor
M A IN CH A R AC T ER IS T IC S
INFO
These two phase hybrid stepper motors are optimized for microstepping and give a good fit to the TRINAMIC family of motor controllers and drivers.
* NEMA 23 mounting configuration * flange max. 60.5 mm * 60.5 mm * 8 mm axis diameter, 25 mm length, D-Cut * step angle: 1.8 * optimized for microstep operation * optimum fit for TMC239 / TMC249 base driver circuits * up to 75V operating voltage * 4 wire connection * neodymium magnets for maximum torque * CE approved * RoHS compliant
SP EC I FI C AT I O N S
U N IT
-45-28-110
-56-28-165
-65-28-210
-86-28-310
Rated phase current Ph. resistance at 20C Ph. inductance (typ.) Holding torque (typ.) Rotor inertia Weight (mass) Motor length
A
2.8 0.75
2.8 0.9 3.6 165 400 0.77 56.0
2.8 1.2 4.6 210 570 1.20 65.0
2.8 1.5 6.8 310 840 1.40 86.0
mH Ncm gcm2 kg mm
2 110 275 0.6 45.0
OR DE R C O DE
D E SC R I P T IO N
QSH6018-45-28-110 QSH6018-56-28-165 QSH6018-65-28-210 QSH6018-86-28-310
QMot Steppermotor 60 mm, 2.8A, 1.10 Nm QMot Steppermotor 60 mm, 2.8A, 1.65 Nm QMot Steppermotor 60 mm, 2.8A, 2.10 Nm QMot Steppermotor 60 mm, 2.8A, 3.10 Nm
www.trinamic.com - for detailed information and datasheets
77


▲Up To Search▲   

 
Price & Availability of QSH6018-56-28-165

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X