Part Number Hot Search : 
C7001 3979SLPT MBR8100 15KW200 NTE7058 FAN5068 114TU Z25M221S
Product Description
Full Text Search
 

To Download QSH5718-56-28-126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QMOT STE P P E R M O T O R S
M O T ORS
QSH
57 1 8
10 mm
new seri es 5 7 mm / N EMA23 1.8 ste p an gle high tor que hybr id s tepp er m otor
M A IN CH A R AC T ER IS T IC S
INFO
These high torque two phase hybrid stepper motors are optimized for microstepping and give a good fit to the TRINAMIC family of motor controllers and drivers. They are also used in the new 57 mm PANdrive mechatronics family.
* NEMA 23 mounting configuration * flange max. 56.4 mm * 56.4 mm * 6.35 mm axis diameter, 20.6 mm length * step angle: 1.8 * optimized for microstep operation * optimum fit for TMC239 / TMC249 based driver circuits * up to 75V operating voltage * 4 wire connection * neodymium magnets for maximum torque * CE approved * RoHS compliant
SP EC I FI C AT I O N S
U N IT
-41-28-055
-51-28-101
-56-28-126
-76-28-189
Rated phase current Ph. resistance at 20C Ph. inductance (typ.) Holding torque (typ.) Detent torque Rotor inertia Weight (mass) Motor length Related PAN-drive
A
2.8 0.7
2.8 0.83 2.2 101 3.5 275 0.65 51.0 PD2-...-57
2.8 0.9 2.5 126 3.9 300 0.7 56.0 PD3-...-57
2.8 1.13 3.6 189 6.6 480 1.00 76.0 PD4-...-57
mH Ncm Ncm gcm2 kg mm Type
1.4 55 2.0 120 0,45 41.0 PD1-...-57
OR DE R C O DE
D E SC R I P T IO N
QSH5718-41-28-055 QSH5718-51-28-101 QSH5718-56-28-126 QSH5718-76-28-189
QMot Steppermotor 57 mm, 2.8A, 0.55 Nm QMot Steppermotor 57 mm, 2.8A, 1,01 Nm QMot Steppermotor 57 mm, 2.8A, 1.26 Nm QMot Steppermotor 57 mm, 2.8A, 1.89 Nm
www.trinamic.com - for detailed information and datasheets
93


▲Up To Search▲   

 
Price & Availability of QSH5718-56-28-126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X