Part Number Hot Search : 
MC10231 AD777602 RWB100 DUY38C SA45A PSKT225 BD46242 RB085
Product Description
Full Text Search
 

To Download PTC150PT-1000-BB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLATINUM, NICKEL, NICKEL IRON RTD's TEMPERATURE RATING UP TO 500C
Term.W is RoHS compliant
RESISTORS CAPACITORS COILS DELAY LINES
RoHS
PTC SERIES- Ceramic Case PTS SERIES- Stainless Steel
Inherent wirewound stability Resistance range: 1 to 1000 Tolerance available to 0.1% Wide selection of TC's (+3850 to +6720ppm) Excellent linearity and thermal response time
RCD Type
PTC100PT PTC100CPN PTC100N PTC100NF PTC150PT PTC150CPN PTC150N PTC50NF PTC200PT PTC200CPN PTC200N PTC200NF
B
A
d
RCD's Resistance Temperature Detectors are designed for tough industrial applications, and are utilized to sense or regulate air (PTC) or liquid (PTS) environments. Series PTC feature an all-welded wirewound construction for increased durability under stress and vibration, and exceptional stability. PTS probes are encased in a stainless steel sheath and are available with WW or film elements.
TC 3-digit co d e
392 672 603 522 392 672 603 522 392 672 603 522
Resistance Wire
Platinum Chem. Pure Nickel Nickel 270 Nickel Iron Platinum Chem. Pure Nickel Nickel 270 Nickel Iron Platinum Chem. Pure Nickel Nickel 270 Nickel Iron
TC R 0 to 100C
3850ppm 6720ppm 6000ppm 5150ppm 3850ppm 6720ppm 6000ppm 5150ppm 3850ppm 6720ppm 6000ppm 5150ppm
Resistance A Range ( ) .060 [1.5]
1 - 200 1 - 120 1 - 120 1 - 500 1 - 400 1 - 200 1 - 200 1- 1000 1- 400 1 - 200 1 - 200 1 - 1000 .575 [14.6]
B .01 [.25]
.096 [2.44]
C* Typ. [.05]
.016 [.4] Lead Length 0.5 [12.7] min.
.575 [14.6]
.125 [3.18]
.016 [.4] Lead Length 0.5 [12.7] min.
.675 [17.1]
.170 [4.32]
.020 [.5] Lead Length 1.0 [25.4] min
* Lead material is nickel for minimal oxidation at high temperature on platinum elements, tinned copperweld is standard on others.
LINEARITY
4.0
WIRE COMPARISON
Wire Alloy Platinum CP Nickel Nickel 270 Nickel Iron C o st Medium High Low Low Temp. Range -55 to +500C -55 to +300C -55 to +300C -55 to +260C Linearity Excellent F ai r F ai r F ai r R/T Curve Repeatability Excellent Good F ai r Good
3.5
CP NICKEL
RESISTANCE RATIO RT RO
3.0
NICKEL 270
THERMAL RESPONSE (TIME CONSTANT) varies with different element sizes, resistance values, and wire alloy. Typical time constant for PTC 150 PT 100 ohm is 2.2 seconds in water moving 3ft./sec. Consult factory for details.
2.5 NICKEL IRON 2.0
SELF-HEATING is contingent upon resistance value, alloy, and element size. Typical self-heating for PTC 150 PT 100 ohm is 65 mW/C in water moving at 3ft./sec. Consult factory for particular specifications. INTERCHANGEABILITY - The strain-free design of RCD sensors insures maximum repeatability. This characteristic is degraded by lot-to-lot inconsistencies of the various wire alloys. Platinum being extremely consistant allows the best interchangeability characteristics. Consult factory for specific data based on particular alloy and tolerance. SHOCK AND VIBRATION - PTC elements withstand 100 G's sinewave shock for 3 cycles at 10 milliseconds, and withstand vibration 10Hz to 2200Hz at 20 G's.
COPPER PLATINUM
1.5
1.0
P/N DESIGNATION:
0 32 100 212 200 300 400 392 572 752 500 600 932 1112
PTC150PT -
1000 -
F
B
392 W
0
TEMPERATURE
C F
RCD Type Resis. Code: 3 signif. digits & multiplier (1R00=1, 10R0=10, 1000=100, etc.) Tolerance Code: F=1%, D=0.5%, C=0.25%, B=0.1% Packaging: B = Bulk Temp. Coefficient: 3 digit code rounded to nearest 100 (392=3850ppm, 603=6000ppm, etc.) Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
RTD PROBES, TEMPERATURE RATING UP TO 500C
PTS SERIES
0987654321987654321 0987654321987654321 0987654321987654321 0987654321987654321
OPTIONAL FA097
Series PTC (wirewound) and PT (thin-film) RTD elements can be assembled into stainless steel sheaths for severe environmental requirements. These probes (PTS Series) are moistureproof and pressure tight and in many instances may be directly inserted into process lines or thermowells for precise temperature readings. Series PTS is available in any standard PTC resistance value and temperature coefficient, in .125" [3.18], .187 [4.75], .250 [6.35] diameters. Teflon insulated leads are standard (other insulations available). 2-terminal, 3-terminal, or 4-terminal configurations available. Probe lengths available from 0.5" [12.7] to 18" [457]. Consult factory for list of standard probe styles including surface measurement, flange mount, screw mount, etc.
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
86


▲Up To Search▲   

 
Price & Availability of PTC150PT-1000-BB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X