Part Number Hot Search : 
SS8550 SG6741 GSC7811 ASI30 HFC03 UR3KB100 128MP 020LF
Product Description
Full Text Search
 

To Download PR2002-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PR2001 - PR2005
2.0A FAST RECOVERY RECTIFIER Features
* * * * *
Diffused Junction Fast Switching for High Efficiency Surge Overload Rating to 50A Peak Low Reverse Leakage Current Lead Free Finish, RoHS Compliant (Note 4)
A
B
A
C
Mechanical Data
* * * * * * * *
Case: DO-15 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Tin. Solderable per MIL-STD-202, e3 Method 208 Polarity: Cathode Band Marking: Type Number Ordering Information: See Page 3 Weight: 0.4 grams (approximate) DO-15 Dim A B C D Min 25.40 5.50 0.686 2.60
D
Max 3/4 7.62 0.889 3.6
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage (Note 5) RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 50C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave Superimposed on Rated Load Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage (Note 5) Reverse Recovery Time (Note 3) Typical Total Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range
Notes: 1. 2. 3. 4. 5.
@ TA = 25C unless otherwise specified
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr CT RqJA Tj, TSTG
PR 2001 50 35
PR 2002 100 70
PR 2003 200 140 2.0 50 1.2 5.0 100 150 35 50 -65 to +150
PR 2004 400 280
PR 2005 600 420
Unit V V A A V mA
@ IF = 2.0A @ TA = 25C @ TA = 100C
250 15
ns pF C/W C
Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case. Measured at 1.0MHz and applied reverse voltage of 4.0 V DC. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5. RoHS revision 13.2.2003. High temperature solder exemption applied, see EU Directive Annex Note 7. Short duration pulse test used to minimize self-heating effect.
DS26010 Rev. 4 - 2
1 of 3 www.diodes.com
PR2001 - PR2005
a Diodes Incorporated
1.6
IF, INSTANTANEOUS FORWARD CURRENT (A)
2.0 I(AV), AVERAGE FORWARD RECTIFIED CURRENT (A)
10
1.0
1.2
0.8
0.1
0.4
Single phase half-wave 60 Hz resistive or inductive load
Tj = 25 C
o
0 25
0.01 0.6 0.8 1.0 1.2 1.4 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Derating Curve
IFSM, PEAK FORWARD SURGE CURRENT (A)
60
100
TA = 25C f = 1.0MHz
CT, TOTAL CAPACITANCE (pF)
40
PR2002 - PR2004
PR2005
10
20
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Peak Forward Surge Current 100
1 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance
trr +0.5A
100
Device Under Test
(-)
Pulse Generator (Note 2)
0A -0.25A
(+)
50V DC Approx
(-)
Oscilloscope (Note 1)
(+)
-1.0A Set time base for 50/100 ns/cm
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
DS26010 Rev. 4 - 2
2 of 3 www.diodes.com
PR2001 - PR2005
Ordering Information
Device PR2001-T PR2002-T PR2003-T PR2004-T PR2005-T
Notes:
(Note 6) Packaging DO-15 DO-15 DO-15 DO-15 DO-15 Shipping 4K/Tape & Reel, 13-inch 4K/Tape & Reel, 13-inch 4K/Tape & Reel, 13-inch 4K/Tape & Reel, 13-inch 4K/Tape & Reel, 13-inch
6. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS26010 Rev. 4 - 2
3 of 3 www.diodes.com
PR2001 - PR2005


▲Up To Search▲   

 
Price & Availability of PR2002-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X