Part Number Hot Search : 
C8108 ML412PJB MAX97 SF161CS MP6101 74C48N DG412FDJ 2045CT
Product Description
Full Text Search
 

To Download PL-SLX-00-SG0-CX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS COMpONENTS
850 nm 4.25 G VCSEL LC TOSA PL-SLX-00-SG0-CX
Key Features
*Dataratesupto4.25Gbps *Optimizedfor-40Cto85Ctransceiverapplications *Opticalpowermonitorwithexcellenttracking *Commoncathode,commonanode,ordifferentialdrive VCSELTOpackagealignedtoaplasticLCbarrel *Customspecificationtolerancesavailable *Fullyburned-inandstabilized
Benefits
* Proven performance and reliability per GR-468-CORE * Very high reliability Low FIT High MTBF * Industrial temperature operation * Qualified AC modulation performance
This JDSU 850 nm LC connectorized TOSA (Transmit Optical Sub-Assembly) meets the requirements of demanding 4.25 Gb/s transceiver modules. The product utilizes a high performance, high reliability VCSEL integrated in a TO-46 package. Each device is actively aligned to a precision plastic LC barrel using a proprietary alignment algorithm and tested to precise requirements. The JDSU design produces excellent monitor current tracking over temperature. Each unit receives JDSU's proprietary burn-in and stabilization process to ensure a low failure rate and long life expectancy while providing continuously consistent performance. Each part is electro-optically tested to ensure optimum performance and yield in the application. The PL-SLX-00-SG0-CX converts an electrical signal into optical power at data rates up to 4.25 Gb/s and it is designed for performance over extended operating temperatures and power conditions with high reliability. The circular optical beam provides optimal power coupling to both 50/125 mm and 62.5/125 mm multimode fibers.
NORTH AMERICA: 800 498-JDSU (5378)
wORLDwIDE: +800 5378-JDSU
wEBSITE: www.jdsu.com
850 NM 4.25 G VCSEL LC TOSA
Mounting Dimensions (3 pin Versions)
pL-SLC-00-SG0-C0
pL-SLA-00-SG0-C0
pin 1 2 3
Symbol ALD KLD, APD KPD
Function VCSEL Anode VCSEL Cathode, Monitor Anode, Case Monitor Cathode
pin 1 2 3
Symbol KLD ALD, KPD APD
Function VCSEL Cathode VCSEL Anode, Monitor Cathode, Case Monitor Anode
850 NM 4.25 G VCSEL LC TOSA
Mounting Dimensions (pL-SLD-00-SG0-C0 and pL-SLD-00-SG0-C1)
OSA Notch over Pin 3
1
Notch over Pin 3
pL-SLD-00-SG0-C0
pL-SLD-00-SG0-C1
pin 1 2 3 4
Symbol ALD KLD APD KPD
Function VCSEL Anode VCSEL Cathode Monitor Anode Monitor Cathode
pin 1 2 3 4
Symbol ALD KLD KPD APD
Function VCSEL Anode VCSEL Cathode Monitor Cathode Monitor Anode
850 NM 4.25 G VCSEL LC TOSA
Mounting Dimensions (pL-SLD-00-SG0-C3)
4.039 1.270 4X 13.51
2X 5.941 6.599
10 MAX ROTATIONAL MISALIGNMENT BETWEEN TO CAN ASSY AND BARREL 0.5 A TO CAN ASSY PIN 1 PIN 2
2.083 5.080 BARREL KEYING FEATURE A LC BARREL ID 2.921 451 0.838 OPTICAL REF PLANE 0.660 6.82 +0.38 - 0.25 4.17 4X
2.540 0.450 PIN 4 BARREL KEYING FEATURE TO BE IN THIS QUADRANT PIN 3
1
Dimensions in mm
pL-SLD-00-SG0-C3
pin 1 2 3 4
Symbol ALD KLD KPD GND/APD
Function VCSEL Anode VCSEL Cathode Monitor Cathode Case ground/Monitor Anode
Shipping Information
Shipped in anti-static stackable trays.
Absolute Maximum Ratings
(Tcase = 25 C , Continuous Wave (CW) operation unless otherwise stated)
parameter Storage temperature Lead solder temperature Laser forward current1 Laser reverse voltage Photodiode forward current ESD2
Symbol Tst Ts If BVRLD Ifm
Ratings -40 to +125 260 C for 10 sec. 2 mm from case 10 -5 10 Class 1
Unit C
mA V mA
Note: Conditions exceeding those listed may cause permanent damage to the device. Devices subjected to conditions beyond the limits specified for extended periods of time may adversely affect reliability. 1. Peak 2. HBM
850 NM 4.25 G VCSEL LC TOSA
Electro-optical Characteristics (Tcase = 25 C , CW operation unless otherwise stated)
VCSEL parameter Case operating temperature Peak emission wavelength RMS spectral width lp temperature coefficient Threshold current Ith temperature variation Slope efficiency1
Symbol Top lp Dl Dlp Ith DIth h h h Dh/DT Vf Rs Rs Rs DRs/DT tr tf efiber POC RIN12 IPD DIm ID CM
Test Condition
Minimum -40 840
Typical
Maximum 85 860 0.65 2.0 1.0 0.15 0.17
Unit C nm nm nm/C mA mA mW/mA mW/mA mW/mA PPM/C V Ohms Ohms Ohms ppm/C psec psec % mW dB/Hz mA %/C
850 0.06 1.0
If = 6 mA T = -40 C to 85 C T = -40 C to 85 C T = 25 C Pout = 0.5 mW T = -40 C T = 85 C If = 6 mA T=25 C, If = 6 mA T=-40 C T=85 C If = 6 mA T= 0 C to 70 C 20% - 80% 20% - 80% If = 6 mA 1 GHz BW, If = 6 mA Pout = 0.5 mW Vr = 1.5 V Pout = 0.5 mW T = 0 to 70 C Vrm = 1.5 V Vr = 5 V Vrm = 1.5 V Freq = 1 MHz
0.10
0.125
0.08 -6000 1.8 55 2.2 65 75
Slope efficiency temperature variation Laser forward voltage Series resistance
40 35
Series resistance temperature coefficient Rise/Fall time2 Coupling efficiency Average fiber coupled power Relative intensity noise Photocurrent Monitor current tracking3
-2000 80 80 75 0.50 -130 0.15 0.05
-122 0.6 0.1
Monitor dark current Monitor capacitance
20 100
nA pF
1. Slope efficiency is defined as DPo/DIf. 2. Drive electronics and optical measurement hardware affect Rise/Fall Time measurement. 3. Change in optical power over temperature while operated in a feedback loop in which the monitor current is held constant.
850 NM 4.25 G VCSEL LC TOSA
Order Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: pL-SLC-00-SG0-C0
part Number PL-SLC-00-SG0-C0 PL-SLA-00-SG0-C0 PL-SLD-00-SG0-C0 PL-SLD-00-SG0-C1 PL-SLD-00-SG0-C Description 80nm.GVCSELLCTOSAwithcommoncathode 80nm.GVCSELLCTOSAwithcommonanode 80nm.GVCSELLCTOSApindifferentialdrive 80nm.GVCSELLCTOSApindifferentialdrivealternatepinout 80nm.GVCSELLCTOSApindifferentialdrivealternatepinout
NORTH AMERICA: 800 498-JDSU (5378)
wORLDwIDE: +800 5378-JDSU
wEBSITE: www.jdsu.com
Product specifications and descriptions in this document subject to change without notice. (c) 2008 JDS Uniphase Corporation 30149332 000 0308 PL-SLX-00-SG0-CX.DS.CC.AE
March 2008


▲Up To Search▲   

 
Price & Availability of PL-SLX-00-SG0-CX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X