Part Number Hot Search : 
03104 HE098 2SK2949 48S3V SK153 2SA1812 TL16C554 2SC13
Product Description
Full Text Search
 

To Download OSR5CAZ161P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Deluxe Power Super Flux Commercial Red LED OSR5CAZ161P
Features
Outline
7.62
Dimension
High Luminous Super Flux Output 3 o Standard Directivity Long Lifetime Operation Superior Weather-resistance UV Resistant Epoxy Water Clear Type
7.62

Unit:mm Tolerance:+0.3mm
1,4 Cathode 2,3 Anode
1. 2C
Applications
Signage and channel letter
4.4 1.5+0.1
Decorating and entertainment lighting Architectural lighting Outdoor/Indoor applications Backlighting/Other Lighting
0.76
5.08+0.2
5.08+0.3
2
(Ta=25)
Symbol
IF IFP VR PD Topr Tstg Tsol Directivity
2
0 30
3
Absolute
Maximum Rating
Item
Value
70 120 5 182 -30 ~ +85 -40~ +100 260/5sec
Unit
mA mA V mW
90 1 0.5 60
DC Forward Current Pulse Forward Current* Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature
30
5.0+0.2
60
0
0.5
1
90

-
*Pulse width Max.10ms Duty ratio max 1/10 Electrical
-Optical Characteristics
Symbol
VF IR D Iv 21/2
(Ta=25)
Min.
2.0 620 7000 -
Maximum
80
If( Forward Current-mA)
Forward DC Current
Item
DC Forward Voltage DC Reverse Current Domi. Wavelength* Luminous Intensity* 50% Power Angle
Condition
IF=70mA VR=5V IF=70mA IF=70mA IF=70mA
Typ.
2.3 625 8000 60
Max.
2.6 10 630 -
Unit
V A nm mcd deg
Maximun Permissible Forward Current Tj=115C
60
Rth(J-a)=200C/W Rth(J-a)=250C/W Rth(J-a)=300C/W
40
20
0 0
*1 Tolerance of dominant wavelength is +1nm *2 Tolerance of luminous intensity is +15%
10
20
30 40
50 60 70
80 90
Ta(Ambient Temperature -C)
LED & Application Technologies
http://www.optosupply.com
VER A.0


▲Up To Search▲   

 
Price & Availability of OSR5CAZ161P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X