Part Number Hot Search : 
74F158 MAX66 FST10040 BD3433K STPS20 EPSA1 MTP30 P9NK70Z
Product Description
Full Text Search
 

To Download MSA34A03T1V1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MSA Low Capacitance MAX Guard(R) ESD Suppressor Array
The content of this specification may change without notification 10/12/07
FEATURES
* * * * Low capacitance (<0.2pF) Ultra low leakage current (<1nA) Fast response time Bi-direction device
HOW TO ORDER
APPLICATIONS
MSA
Product Code
24
Size
A
Tolerance
05
Operating Voltage
T
Packaging
1
Typical Clamping Voltage
1: 17V 2: 25V
V1
Typical Trigger Voltage
V1: 150V V2: 250V
MAX Guard Suppress or
24: 0402X 4 34: 0603X 4
A: Suit For IEC6100-4-2 C: Suit For IEC6100-4-2 & AEC-Q200
03: 3.3V 05: 5.5V 12: 12V 24: 24V
T: Paper Tape (5K/10K)
* * * * * * * *
Cell / smart phone Computers / Laptops Digital cameras PDA's Plasma display panels / LCD / TVs/ HDTVs Mp3 / Multimedia players Scanner / Printer High speed data ports USB 2.0, IEEE1394
SCHEMATIC
Size
MS04 (0402)
DIMENSIONS (mm)
L
2.00.1
W
1.00. 1
T
0.450. 1
P
0.50.1
A
0.30.1
B
0.2.0.1
C
0.30. 1
D
0.150. 1
G
0.250.1 5
MS06 (0603)
3.20.2
1.50. 2
0.60.1
0.80.1
0.60.1
0.30.2
0.50. 1
0.250. 1
0.350.1 5
ELECTRICAL CHARACTERISTICS
Continuous Operating Voltage (Max.)
3.3 VDC 5.5 VDC 12 VDC 24 VDC 3.3 VDC 5.5 VDC 12 VDC 24 VDC Direct Discharge: 8KV Air Discharge:1 5KV Direct Discharge: 8KV Air Discharge:1 5KV
Type
MSA24A03T1V1 MSA24A03T2V2 MSA24A05T1V1 MSA24A05T2V2 MSA24A12T1V1 MSA24A12T2V2 MSA24A24T1V1 MSA24A24T2V2 MSA34A03T1V1 MSA34A03T2V2 MSA34A05T1V1 MSA34A05T2V2 MSA34A12T1V1 MSA34A12T2V2 MSA34A24T1V1 MSA34A24T2V2 * * * *
ESD Capability
Trigger Voltage (Typ.)
150V 250V 150V 250V 150V 250V 150V 250V 150V 250V 150V 250V 150V 250V 150V 250V
Clamping Voltage (Typ.)
17V 25V 17V 25V 17V 25V 17V 25V 17V 25V 17V 25V 17V 25V 17V 25V
Capacitance
Leakage Current (Typ.)
Response Time
ESD Pulse Withstand (Typ.)
<0.02pF
<10nA
<1ns
>1000 pulses
<0.02pF
<10nA
<1ns
>1000 pulses
The function meets with the requirement of IEC 61000-4-2 specification. Trigger measurement made using Transmission Line Pulse method. Capacitance measured at 1 M~1.8 GHz. Performing under IEC 61000-4-2 level 4 (8KV contact discharge, 15KV air discharge).
American Accurate Components, Inc.
188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889
1


▲Up To Search▲   

 
Price & Availability of MSA34A03T1V1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X