Part Number Hot Search : 
TVV030 2SJ479 MC7815A 015C2 34262P CMZ5351B 91ER1KLF AX168
Product Description
Full Text Search
 

To Download MMBT5401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT-23 Plastic-Encapsulate Transistors
MMBT5401 TRANSISTOR (PNP)
SOT-23 FEATURES Complementary to MMBT5551 Ideal for medium power amplification and switching
1. BASE 2. EMITTER 3. COLLECTOR -
MARKING: 2L MAXIMUM RATINGS (TA=25 unless otherwise noted)
Symbol VCBO VCEO VEBO IC PC Tj Tstg Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Power Dissipation Junction Temperature Storage Temperature Value -160 -150 -5 -0.6 0.3 150 -55-150 Units V V V A W
ELECTRICAL CHARACTERISTICS (Tamb=25 unless otherwise specified)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE1 DC current gain hFE2 hFE3 Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency VCE(sat) VBE(sat) Test conditions IE=0 IB=0 MIN -160 -150 -5 -0.1 -0.1 80 100 50 -0.5 -1 100 V V MHz 300 MAX UNIT V V V
IC= -100A, IC= -1mA,
IE= -10A, IC=0 VCB=-120 V , IE=0 VEB=-4V , VCE= -5V, VCE= -5V, VCE= -5V, IC=0 IC= -1mA IC=-10mA IC=-50mA
A A
IC=-50 mA, IB= -5mA IC= -50 mA, IB= -5mA VCE= -5V, IC= -10mA
fT
f=30MHz
Typical Characteristics
MMBT5401


▲Up To Search▲   

 
Price & Availability of MMBT5401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X